Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLC2552IDGK Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce TLC2552IDGK
Description  5-V, LOW-POWER, 12-BIT, 175/360 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TLC2552IDGK Fiches technique(HTML) 3 Page - Texas Instruments

  TLC2552IDGK Datasheet HTML 1Page - Texas Instruments TLC2552IDGK Datasheet HTML 2Page - Texas Instruments TLC2552IDGK Datasheet HTML 3Page - Texas Instruments TLC2552IDGK Datasheet HTML 4Page - Texas Instruments TLC2552IDGK Datasheet HTML 5Page - Texas Instruments TLC2552IDGK Datasheet HTML 6Page - Texas Instruments TLC2552IDGK Datasheet HTML 7Page - Texas Instruments TLC2552IDGK Datasheet HTML 8Page - Texas Instruments TLC2552IDGK Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
TLC2551, TLC2552, TLC2555
5-V, LOW-POWER, 12-BIT, 175/360 KSPS,
SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
SLAS276D – MARCH 2000 – REVISED MAY 2003
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
Terminal Functions
TLC2551
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
AIN
4
I
Analog input channel
CS
1
I
Chip select. A high-to-low transition on the CS input removes SDO from 3-state within a maximum setup time.
CS can be used as the FS pin when a dedicated DSP serial port is used.
FS
7
I
DSP frame sync input. Indication of the start of a serial data frame. Tie this terminal to VDD if not used.
GND
3
I
Ground return for the internal circuitry. Unless otherwise noted, all voltage measurements are with respect to GND.
SCLK
5
I
Output serial clock. This terminal receives the serial SCLK from the host processor.
SDO
8
O
The 3-state serial output for the A/D conversion result. SDO is kept in the high-impedance state until CS falling edge
or FS rising edge, whichever occurs first. The output format is MSB first.
When FS is not used (FS = 1 at the falling edge of CS), the MSB is presented to the SDO pin after CS falling edge
and output data is valid on the first falling edge of SCLK.
When CS and FS are both used (FS = 0 at the falling edge of CS), the MSB is presented to the SDO pin after the
falling edge of CS. When CS is tied/held low, the MSB is presented on SDO after rising FS. Output data is valid on
the first falling edge of SCLK. (This is typically used with an active FS from a DSP.)
VDD
6
I
Positive supply voltage
VREF
2
I
External reference input
TLC2552/55
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
AIN0 /AIN(+)
4
I
Analog input channel 0 for TLC2552—Positive input for TLC2555
AIN1/AIN (–)
5
I
Analog input channel 1 for TLC2552—Inverted input for TLC2555
CS
1
I
Chip select. A high-to-low transition on CS removes SDO from 3-state within a maximum delay time. This pin can
be connected to the FS output from a DSP on a dedicated serial port.
GND
3
I
Ground return for the internal circuitry. Unless otherwise noted, all voltage measurements are with respect to GND.
SCLK
7
I
Output serial clock. This terminal receives the serial SCLK from the host processor.
SDO
8
O
The 3-state serial output for the A/D conversion result. SDO is kept in the high-impedance state when CS is high
and presents output data after the CS falling edge until the LSB is presented. The output format is MSB first. SDO
returns to the Hi-Z state after the 16th SCLK. Output data is valid on the falling SCLK edge.
VDD
6
I
Positive supply voltage
VREF
2
I
External reference input
detailed description
The TLC2551, TLC2552, and TLC2555 are successive approximation (SAR) ADCs utilizing a charge
redistribution DAC. Figure 1 shows a simplified version of the ADC.
The sampling capacitor acquires the signal on AIN during the sampling period. When the conversion process
starts, the SAR control logic and charge redistribution DAC are used to add and subtract fixed amounts of charge
from the sampling capacitor to bring the comparator into a balanced condition. When the comparator is
balanced, the conversion is complete and the ADC output code is generated.


Numéro de pièce similaire - TLC2552IDGK

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLC2552IDGK TI-TLC2552IDGK Datasheet
365Kb / 23P
[Old version datasheet]   5 V, LOW POWER, 12-BIT, 400 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
More results

Description similaire - TLC2552IDGK

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLC2551 TI-TLC2551 Datasheet
365Kb / 23P
[Old version datasheet]   5 V, LOW POWER, 12-BIT, 400 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2541 TI-TLV2541 Datasheet
426Kb / 26P
[Old version datasheet]   2.7 V TO 5.5 V, LOW POWER, 12-BIT, 200 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2541IDR TI-TLV2541IDR Datasheet
1Mb / 30P
[Old version datasheet]   2.7-V TO 5.5-V, LOW-POWER, 12-BIT, 140/200 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2541 TI1-TLV2541_14 Datasheet
1Mb / 33P
[Old version datasheet]   2.7-V TO 5.5-V, LOW-POWER, 12-BIT, 140/200 KSPS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2542IDR TI-TLV2542IDR Datasheet
1Mb / 31P
[Old version datasheet]   2.7-V TO 5.5-V, LOW-POWER, 12-BIT, 140/200 KSPS, SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER DOWN
TLV2544Q TI1-TLV2544Q Datasheet
623Kb / 37P
[Old version datasheet]   3-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER-DOWN
TLV2544Q TI-TLV2544Q_07 Datasheet
863Kb / 41P
[Old version datasheet]   3-V TO 5.5-V, 12-BIT, 200-KSPS, 4-/8-CHANNEL, LOW-POWER SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTOPOWER-DOWN
TLC4545ID TI1-TLC4545ID Datasheet
805Kb / 26P
[Old version datasheet]   5-V, LOW POWER, 16-BIT, 200-KSPS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO-POWER DOWN
TLC3541 TI-TLC3541 Datasheet
481Kb / 23P
[Old version datasheet]   5-V. LOW POWER, 14-BIT, 200-KSPS SERIAL ANALOG-TO-DIGITAL CONVERTERS WITH AUTO-POWER DOWN
TLC4541 TI-TLC4541 Datasheet
341Kb / 21P
[Old version datasheet]   5-V, LOW POWER, 16-BIT, 200-KSPS SERIAL ANALOG TO DIGITAL CONVERTERS WITH AUTO POWER DOWN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com