Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD74HC139M96E4 Fiches technique(PDF) 1 Page - Texas Instruments

No de pièce CD74HC139M96E4
Description  High-Speed CMOS Logic Dual 2- to 4-Line Decoder/Demultiplexer
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI - Texas Instruments

CD74HC139M96E4 Fiches technique(HTML) 1 Page - Texas Instruments

  CD74HC139M96E4 Datasheet HTML 1Page - Texas Instruments CD74HC139M96E4 Datasheet HTML 2Page - Texas Instruments CD74HC139M96E4 Datasheet HTML 3Page - Texas Instruments CD74HC139M96E4 Datasheet HTML 4Page - Texas Instruments CD74HC139M96E4 Datasheet HTML 5Page - Texas Instruments CD74HC139M96E4 Datasheet HTML 6Page - Texas Instruments CD74HC139M96E4 Datasheet HTML 7Page - Texas Instruments CD74HC139M96E4 Datasheet HTML 8Page - Texas Instruments CD74HC139M96E4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
1
Data sheet acquired from Harris Semiconductor
SCHS148D
Features
• Multifunction Capability
- Binary to 1 of 4 Decoders or 1 to 4 Line
Demultiplexer
• Active Low Mutually Exclusive Outputs
• Fanout (Over Temperature Range)
- Standard Outputs . . . . . . . . . . . . . . . 10 LSTTL Loads
- Bus Driver Outputs . . . . . . . . . . . . . 15 LSTTL Loads
• Wide Operating Temperature Range . . . -55oC to 125oC
• Balanced Propagation Delay and Transition Times
• Significant Power Reduction Compared to LSTTL
Logic ICs
• HC Types
- 2V to 6V Operation
- High Noise Immunity: NIL = 30%, NIH = 30%of VCC at
VCC = 5V
• HCT Types
- 4.5V to 5.5V Operation
- Direct LSTTL Input Logic Compatibility,
VIL= 0.8V (Max), VIH = 2V (Min)
- CMOS Input Compatibility, Il ≤ 1µA at VOL, VOH
• Memory Decoding, Data Routing, Code Conversion
Pinout
CD54HC139, CD54HCT139
(CERDIP)
CD74HC139, CD74HCT139
(PDIP, SOIC)
TOP VIEW
Description
The ’HC139 and ’HCT139 devices contain two independent
binary to one of four decoders each with a single active low
enable input (1E or 2E). Data on the select inputs (1A0 and
1A1 or 2A0 and 2A1) cause one of the four normally high
outputs to go low.
If the enable input is high all four outputs remain high. For
demultiplexer operation the enable input is the data input.
The enable input also functions as a chip select when these
devices are cascaded. This device is functionally the same
as the CD4556B and is pin compatible with it.
The outputs of these devices can drive 10 low power
Schottky TTL equivalent loads. The HCT logic family is
functionally as well as pin equivalent to the LS logic family.
14
15
16
9
13
12
11
10
1
2
3
4
5
7
6
8
1E
1A0
1A1
1Y0
1Y1
1Y2
GND
1Y3
VCC
2A0
2A1
2Y0
2Y1
2Y2
2Y3
2E
Ordering Information
PART NUMBER
TEMP. RANGE
(oC)
PACKAGE
CD54HC139F3A
-55 to 125
16 Ld CERDIP
CD54HCT139F3A
-55 to 125
16 Ld CERDIP
CD74HC139E
-55 to 125
16 Ld PDIP
CD74HC139M
-55 to 125
16 Ld SOIC
CD74HC139MT
-55 to 125
16 Ld SOIC
CD74HC139M96
-55 to 125
16 Ld SOIC
CD74HCT139E
-55 to 125
16 Ld PDIP
CD74HCT139M
-55 to 125
16 Ld SOIC
CD74HCT139MT
-55 to 125
16 Ld SOIC
CD74HCT139M96
-55 to 125
16 Ld SOIC
NOTE: When ordering, use the entire part number. The suffix 96
denotes tape and reel. The suffix T denotes a small-quantity reel of
250.
September 1997 - Revised October 2003
CAUTION: These devices are sensitive to electrostatic discharge. Users should follow proper IC Handling Procedures.
Copyright
© 2003, Texas Instruments Incorporated
CD54HC139, CD74HC139,
CD54HCT139, CD74HCT139
High-Speed CMOS Logic
Dual 2- to 4-Line Decoder/Demultiplexer
[ /Title
(CD74
HC139
,
CD74
HCT13
9)
/Sub-
ject
(High
Speed
CMOS
Logic
Dual
2-to-4
Line
Decod


Numéro de pièce similaire - CD74HC139M96E4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CD74HC139M96E4 TI-CD74HC139M96E4 Datasheet
415Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Dual 2- to 4-Line Decoder/Demultiplexer
More results

Description similaire - CD74HC139M96E4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
CD74HC139 TI-CD74HC139 Datasheet
36Kb / 6P
[Old version datasheet]   High-Speed CMOS Logic Dual 2-to-4 Line Decoder/Demultiplexer
logo
Harris Corporation
CD74HCT139 HARRIS-CD74HCT139 Datasheet
26Kb / 5P
   High Speed CMOS Logic Dual 2-to-4 Line Decoder/Demultiplexer
logo
Texas Instruments
CD54HC139 TI-CD54HC139_07 Datasheet
415Kb / 13P
[Old version datasheet]   High-Speed CMOS Logic Dual 2- to 4-Line Decoder/Demultiplexer
CD74HC154 TI-CD74HC154 Datasheet
42Kb / 6P
[Old version datasheet]   High Speed CMOS Logic 4-to-16 Line Decoder/Demultiplexer
CD54HC154 TI-CD54HC154_07 Datasheet
372Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 4- to 16-Line Decoder/Demultiplexer
CD54HC154 TI-CD54HC154 Datasheet
229Kb / 14P
[Old version datasheet]   High-Speed CMOS Logic 4- to 16-Line Decoder/Demultiplexer
CD54HC154 TI-CD54HC154_08 Datasheet
401Kb / 16P
[Old version datasheet]   High-Speed CMOS Logic 4- to 16-Line Decoder/Demultiplexer
logo
NXP Semiconductors
74HC139 PHILIPS-74HC139 Datasheet
44Kb / 7P
   Dual 2-to-4 line decoder/demultiplexer
September 1993
74AHC139 PHILIPS-74AHC139 Datasheet
582Kb / 16P
   Dual 2-to-4 line decoder/demultiplexer
1999 Sep 01
logo
Texas Instruments
CD74AC139 TI-CD74AC139 Datasheet
31Kb / 7P
[Old version datasheet]   Dual 2-to-4-Line Decoder/Demultiplexer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com