Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TLC074AIPWP Fiches technique(PDF) 8 Page - Texas Instruments

No de pièce TLC074AIPWP
Description  FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TLC074AIPWP Fiches technique(HTML) 8 Page - Texas Instruments

Back Button TLC074AIPWP Datasheet HTML 4Page - Texas Instruments TLC074AIPWP Datasheet HTML 5Page - Texas Instruments TLC074AIPWP Datasheet HTML 6Page - Texas Instruments TLC074AIPWP Datasheet HTML 7Page - Texas Instruments TLC074AIPWP Datasheet HTML 8Page - Texas Instruments TLC074AIPWP Datasheet HTML 9Page - Texas Instruments TLC074AIPWP Datasheet HTML 10Page - Texas Instruments TLC074AIPWP Datasheet HTML 11Page - Texas Instruments TLC074AIPWP Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 54 page
background image
TLC070, TLC071, TLC072, TLC073, TLC074, TLC075, TLC07xA
FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY
OPERATIONAL AMPLIFIERS
SLOS219F − JUNE 1999 − REVISED DECEMBER 2011
8
WWW.TI.COM
electrical characteristics at specified free-air temperature, VDD = 12 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TA†
MIN
TYP
MAX
UNIT
TLC070/1/2/3,
25°C
390
1900
V
Input offset voltage
VDD = 12 V
TLC070/1/2/3,
TLC074/5
Full range
3000
V
VIO
Input offset voltage
VDD = 12 V
VIC = 6 V,
TLC070/1/2/3A,
25°C
390
1400
μV
VIC = 6 V,
VO = 6 V,
R
50 Ω
TLC070/1/2/3A,
TLC074/5A
Full range
2000
Temperature coefficient of input
RS = 50 Ω
12
V/°C
αVIO
Temperature coefficient of input
offset voltage
1.2
μV/°C
25°C
0.7
50
IIO
Input offset current
VDD = 12 V
TLC07xC
Full range
100
pA
IIO
Input offset current
VDD = 12 V
VIC = 6 V,
TLC07xI
Full range
700
pA
VIC = 6 V,
VO = 6 V,
R
50 Ω
25°C
1.5
50
IIB
Input bias current
O
RS = 50 Ω
TLC07xC
Full range
100
pA
IIB
Input bias current
TLC07xI
Full range
700
pA
V
Common mode input voltage
R
50 Ω
25°C
0.5
to
11.2
V
VICR
Common-mode input voltage
RS = 50 Ω
Full range
0.5
to
11.2
V
I
1 mA
25°C
11.1
11.2
IOH = −1 mA
Full range
11
I
20 mA
25°C
10.8
10.9
IOH = −20 mA
Full range
10.7
VOH
High-level output voltage
VIC = 6 V
I
35 mA
25°C
10.6
10.7
V
OH
gp
g
IC
IOH = −35 mA
Full range
10.3
25°C
10.4
10.5
IOH = −50 mA
−40°C to
85°C
10.3
I
1 mA
25°C
0.17
0.25
IOL = 1 mA
Full range
0.35
I
20 mA
25°C
0.35
0.45
IOL = 20 mA
Full range
0.5
VOL
Low-level output voltage
VIC = 6 V
I
35 mA
25°C
0.4
0.52
V
OL
pg
IC
IOL = 35 mA
Full range
0.6
25°C
0.45
0.6
IOL = 50 mA
−40°C to
85°C
0.65
I
Short circuit output current
Sourcing
25°C
150
mA
IOS
Short-circuit output current
Sinking
25°C
150
mA
I
Output current
VOH = 1.5 V from positive rail
25°C
57
mA
IO
Output current
VOL = 0.5 V from negative rail
25°C
55
mA
Full range is 0°C to 70°C for C suffix and −40°C to 125°C for I suffix. If not specified, full range is −40°C to 125°C.


Numéro de pièce similaire - TLC074AIPWP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLC074AIPWP TI-TLC074AIPWP Datasheet
1Mb / 48P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC074AIPWP TI-TLC074AIPWP Datasheet
1Mb / 51P
[Old version datasheet]   FAMILY OF WIDE BAND WIDTH HIGH OUTPUT DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC074AIPWP TI-TLC074AIPWP Datasheet
1Mb / 50P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC074AIPWPG4 TI-TLC074AIPWPG4 Datasheet
1Mb / 48P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC074AIPWPG4 TI-TLC074AIPWPG4 Datasheet
1Mb / 50P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
More results

Description similaire - TLC074AIPWP

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TLC080 TI1-TLC080_16 Datasheet
2Mb / 53P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC070 TI-TLC070 Datasheet
1Mb / 48P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC080 TI-TLC080 Datasheet
1Mb / 47P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC080 TI-TLC080_08 Datasheet
2Mb / 51P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC070 TI-TLC070_08 Datasheet
1Mb / 50P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC080A TI-TLC080A Datasheet
1Mb / 52P
[Old version datasheet]   FAMILY OF WIDE BANDWIDTH HIGH OUTPUT DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC080 TI-TLC080_07 Datasheet
1Mb / 51P
[Old version datasheet]   FAMILY OF WIDE-BANDWIDTH HIGH-OUPTUP-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC080 TI-TLC080_06 Datasheet
1Mb / 48P
[Old version datasheet]   FAMILY OF WIDE - BANDWITH HIGH-OUTPUT-DRIVE SINGLE SUPPLY OPERATIONAL AMPLIFIERS
TLC082-Q1 TI1-TLC082-Q1 Datasheet
778Kb / 31P
[Old version datasheet]   WIDE-BANDWIDTH HIGH-OUTPUT-DRIVE SINGLE-SUPPLY OPERATIONAL AMPLIFIERS
TLC082-Q1 TI1-TLC082-Q1_16 Datasheet
1Mb / 38P
[Old version datasheet]   Wide-Bandwidth High-Output-Drive Single-Supply Operational Amplifiers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com