Moteur de recherche de fiches techniques de composants électroniques |
|
TL7770-5IDWG4 Fiches technique(PDF) 3 Page - Texas Instruments |
|
|
TL7770-5IDWG4 Fiches technique(HTML) 3 Page - Texas Instruments |
3 / 18 page TL7770-5, TL7770-12 DUAL POWER-SUPPLY SUPERVISORS SLVS019F – OCTOBER 1987 – REVISED JULY 1999 3 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 timing requirements RESET VIT– VSU VIT+ VCC = 1 V (TYP) VOH VOL Undefined Operation for VCC Less Than 1 V VOL VOH VT VSO SCR DRIVE td td td absolute maximum ratings over operating free-air temperature range (unless otherwise noted)† Supply voltage, VCC (see Note 1) 20 V . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Input voltage range, VI: 1VSU, 2VSU, 1VSO, and 2VSO (see Note 1) –0.3 V to 18 V . . . . . . . . . . . . . . . . . . . . Low-level output current (1RESET and 2RESET), IOL 20 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . High-level output current (1RESET and 2RESET), IOH –20 mA . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Package thermal impedance, θJA (see Notes 2 and 3): DW package 57 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . N package 88 °C/W . . . . . . . . . . . . . . . . . . . . . . . . . . . . Lead temperature 1,6 mm (1/16 in) from case for 10 seconds: DW or N package 260 °C . . . . . . . . . . . . . . . . . Storage temperature range, Tstg –65 °C to 150°C . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . † Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. NOTES: 1. All voltage values are with respect to the network ground terminal. 2. Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can impact reliability. 3. The package thermal impedance is calculated in accordance with JESD 51, except for through-hole packages, which use a trace length of zero. |
Numéro de pièce similaire - TL7770-5IDWG4 |
|
Description similaire - TL7770-5IDWG4 |