Moteur de recherche de fiches techniques de composants électroniques |
|
TLC084 Fiches technique(PDF) 4 Page - Texas Instruments |
|
|
TLC084 Fiches technique(HTML) 4 Page - Texas Instruments |
4 / 53 page TLC080 , TLC081, TLC082 TLC083, TLC084, TLC085, TLC08xA SLOS254F – JUNE 1999 – REVISED DECEMBER 2011 www.ti.com ABSOLUTE MAXIMUM RATINGS over operating free-air temperature range (unless otherwise noted) (1) VALUE UNIT Supply voltage, VDD (2) 17 V Differential input voltage range, VID ±VDD Continuous total power dissipation See Dissipation Rating Table C suffix 0 to 70 °C Operating free-air temperature range, TA: I suffix −40 to 125 °C Maximum junction temperature, TJ 150 °C Storage temperature range, Tstg –65 to 150 °C Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds 260 °C (1) Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions ” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) All voltage values, except differential voltages, are with respect to GND . DISSIPATION RATING TABLE θJC θJA TA ≤ 25°C PACKAGE ( °C/W) ( °C/W) POWER RATING D (8) 38.3 176 710 mW D (14) 26.9 122.3 1022 mW D (16) 25.7 114.7 1090 mW DGN (8) 4.7 52.7 2.37 W DGQ (10) 4.7 52.3 2.39 W N (14, 16) 32 78 1600 mW P (8) 41 104 1200 mW PWP (20) 1.40 26.1 4.79 W RECOMMENDED OPERATING CONDITIONS MIN MAX UNIT Single supply 4.5 16 Supply voltage, VDD V Split supply ±2.25 ±8 Common-mode input voltage, VICR GND VDD–2 V VIH 2 Shutdown on/off voltage level(1) V VIL 0.8 C-suffix 0 70 Operating free-air temperature, TA °C I-suffix –40 125 (1) Relative to the voltage on the GND terminal of the device. 4 Submit Documentation Feedback Copyright © 1999–2011, Texas Instruments Incorporated Product Folder Link(s): TLC080 TLC081 TLC082 TLC083 TLC084 TLC085 TLC08xA |
Numéro de pièce similaire - TLC084 |
|
Description similaire - TLC084 |