Moteur de recherche de fiches techniques de composants électroniques |
|
TL750L05CLPRE3 Fiches technique(PDF) 4 Page - Texas Instruments |
|
|
TL750L05CLPRE3 Fiches technique(HTML) 4 Page - Texas Instruments |
4 / 29 page TL750L TL751L SLVS017U – SEPTEMBER 1987 – REVISED SEPTEMBER 2009.................................................................................................................................... www.ti.com TL75xL05 Electrical Characteristics (1) VI = 14 V, IO = 10 mA, TJ = 25°C (unless otherwise noted) TL750L05 TL751L05 PARAMETER TEST CONDITIONS UNIT MIN TYP MAX TJ = 25°C 4.8 5 5.2 Output voltage VI = 6 V to 26 V, IO = 0 to 150 mA V TJ = 0°C to 125°C 4.75 5.25 VI = 9 V to 16 V 5 10 Input regulation voltage mV VI = 6 V to 26 V 6 30 Ripple rejection VI = 8 V to 18 V, f = 120 Hz 60 65 dB Output regulation voltage IO = 5 mA to 150 mA 20 50 mV IO = 10 mA 0.2 Dropout voltage V IO = 150 mA 0.6 Output noise voltage f = 10 Hz to 100 kHz 500 μV IO = 150 mA 10 12 Quiescent current VI = 6 V to 26 V, IO = 10 mA, TJ = 0°C to 125°C 1 2 mA ENABLE ≥ 2 V 0.5 (1) Pulse-testing techniques are used to maintain the junction temperature as close to the ambient temperature as possible. Thermal effects must be taken into account separately. All characteristics are measured with a 0.1- μF capacitor across the input and a 10-μF capacitor, with equivalent series resistance of less than 0.4 Ω, across the output. TL75xL08 Electrical Characteristics (1) VI = 14 V, IO = 10 mA, TJ = 25°C (unless otherwise noted) TL750L08 TL751L08 PARAMETER TEST CONDITIONS UNIT MIN TYP MAX TJ = 25°C 7.68 8 8.32 Output voltage VI = 9 V to 26 V, IO = 0 to 150 mA V TJ = 0°C to 125°C 7.6 8.4 VI = 10 V to 17 V 10 20 Input regulation voltage mV VI = 9 V to 26 V 25 50 Ripple rejection VI = 11 V to 21 V, f = 120 Hz 60 65 dB Output regulation voltage IO = 5 mA to 150 mA 40 80 mV IO = 10 mA 0.2 Dropout voltage V IO = 150 mA 0.6 Output noise voltage f = 10 Hz to 100 kHz 500 μV IO = 150 mA 10 12 Quiescent current VI = 9 V to 26 V, IO = 10 mA, TJ = 0°C to 125°C 1 2 mA ENABLE ≥ 2 V 0.5 (1) Pulse-testing techniques are used to maintain the junction temperature as close to the ambient temperature as possible. Thermal effects must be taken into account separately. All characteristics are measured with a 0.1- μF capacitor across the input and a 10-μF capacitor, with equivalent series resistance of less than 0.4 Ω, across the output. 4 Submit Documentation Feedback Copyright © 1987–2009, Texas Instruments Incorporated |
Numéro de pièce similaire - TL750L05CLPRE3 |
|
Description similaire - TL750L05CLPRE3 |