Moteur de recherche de fiches techniques de composants électroniques |
|
TL751M05 Fiches technique(PDF) 3 Page - Texas Instruments |
|
TL751M05 Fiches technique(HTML) 3 Page - Texas Instruments |
3 / 23 page TL750Mxx-Q1, TL751Mxx-Q1 www.ti.com SGLS312J – SEPTEMBER 2005 – REVISED JUNE 2011 ABSOLUTE MAXIMUM RATINGS over operating free-air temperature range (unless otherwise noted) (1) Continuous input voltage 26 V Transient input voltage (see Figure 4) 60 V Continuous reverse input voltage –15 V Transient reverse input voltage t = 100 ms –50 V KTT package (3 pin) 26.9 °C/W θJA Package thermal impedance(2) (3) KTT package (5 pin) 26.5 °C/W KVU package 38.6 °C/W TJ Virtual junction temperature range –40°C to 150°C Tstg Storage temperature range –65°C to 150°C (1) Stresses beyond those listed under absolute maximum ratings may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under recommended operating conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) Maximum power dissipation is a function of TJ(max), θJA, and TA. The maximum allowable power dissipation at any allowable ambient temperature is PD = (TJ(max) – TA)/θJA. Operating at the absolute maximum TJ of 150°C can impact reliability. Due to variation in individual device electrical characteristics and thermal resistance, the built-in thermal overload protection may be activated at power levels slightly above or below the rated dissipation. (3) The package thermal impedance is calculated in accordance with JESD 51. THERMAL INFORMATION TL750M05 THERMAL METRIC(1) KTT UNITS 3 PINS θJA Junction-to-ambient thermal resistance(2) 27.5 θJCtop Junction-to-case (top) thermal resistance(3) 43.2 θJB Junction-to-board thermal resistance(4) 17.3 °C/W ψJT Junction-to-top characterization parameter(5) 2.8 ψJB Junction-to-board characterization parameter(6) 9.3 θJCbot Junction-to-case (bottom) thermal resistance(7) 0.3 (1) For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953. (2) The junction-to-ambient thermal resistance under natural convection is obtained in a simulation on a JEDEC-standard, high-K board, as specified in JESD51-7, in an environment described in JESD51-2a. (3) The junction-to-case (top) thermal resistance is obtained by simulating a cold plate test on the package top. No specific JEDEC-standard test exists, but a close description can be found in the ANSI SEMI standard G30-88. (4) The junction-to-board thermal resistance is obtained by simulating in an environment with a ring cold plate fixture to control the PCB temperature, as described in JESD51-8. (5) The junction-to-top characterization parameter, ψJT, estimates the junction temperature of a device in a real system and is extracted from the simulation data for obtaining θJA, using a procedure described in JESD51-2a (sections 6 and 7). (6) The junction-to-board characterization parameter, ψJB, estimates the junction temperature of a device in a real system and is extracted from the simulation data for obtaining θJA , using a procedure described in JESD51-2a (sections 6 and 7). (7) The junction-to-case (bottom) thermal resistance is obtained by simulating a cold plate test on the exposed (power) pad. No specific JEDEC standard test exists, but a close description can be found in the ANSI SEMI standard G30-88. RECOMMENDED OPERATING CONDITIONS MIN MAX UNIT TL75xM05 6 26 VI Input voltage TL75xM08 9 26 V TL75xM12 13 26 VIH High-level ENABLE input voltage TL751Mxx 2 15 V VIL Low-level ENABLE input voltage TL751Mxx 0 0.8 V IO Output current TL75xMxx 750 mA TJ Operating virtual junction temperature TL75xMxx –40 125 °C Copyright © 2005–2011, Texas Instruments Incorporated 3 |
Numéro de pièce similaire - TL751M05 |
|
Description similaire - TL751M05 |