Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TL16C752D-Q1 Fiches technique(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No de pièce TL16C752D-Q1
Description  TL16C752D Dual UART With 64-Byte FIFO
Download  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

TL16C752D-Q1 Fiches technique(HTML) 9 Page - Texas Instruments

Back Button TL16C752D-Q1 Datasheet HTML 5Page - Texas Instruments TL16C752D-Q1 Datasheet HTML 6Page - Texas Instruments TL16C752D-Q1 Datasheet HTML 7Page - Texas Instruments TL16C752D-Q1 Datasheet HTML 8Page - Texas Instruments TL16C752D-Q1 Datasheet HTML 9Page - Texas Instruments TL16C752D-Q1 Datasheet HTML 10Page - Texas Instruments TL16C752D-Q1 Datasheet HTML 11Page - Texas Instruments TL16C752D-Q1 Datasheet HTML 12Page - Texas Instruments TL16C752D-Q1 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 56 page
background image
Valid Address
t 6s
A[2:0]
CS
D[7:0]
Valid Address
t
6h
t 13w
t 6h
t 6s
t
13w
t 15d
IOW
t
16h
t
16h
Valid Data
Valid Data
t 16s
t 16s
9
TL16C752D
www.ti.com
SLLSEN8B – SEPTEMBER 2015 – REVISED MARCH 2016
Product Folder Links: TL16C752D
Submit Documentation Feedback
Copyright © 2015–2016, Texas Instruments Incorporated
7.6 Timing Requirements
TA = 0°C to 70°C, VCC = 1.8 V to 5 V ±10% (unless otherwise noted)
LIMITS
UNIT
1.8 V
2.5 V
3.3 V
5 V
MIN MAX
MIN MAX
MIN MAX
MIN MAX
tRESET Reset pulse width
200
200
200
200
ns
CP
CP clock period
63
42
32
20
ns
t3w
Oscillator or clock speed
16
24
32
48
MHz
t6s
Address setup time
20
15
10
5
ns
t6h
Address hold time
See Figure 1 and Figure 2
15
10
7
5
ns
t7w
IOR strobe width
See Figure 1 and Figure 2
85
70
50
40
ns
t9d
Read cycle delay
See Figure 2
85
70
60
50
ns
t12d
Delay from IOR to data
See Figure 2
65
50
35
25
ns
t12h
Data disable time
35
25
20
15
ns
t13w
IOW strobe width
See Figure 1
85
70
50
40
ns
t15d
Write cycle delay
See Figure 1
85
70
60
50
ns
t16s
Data setup time
See Figure 1
40
30
20
15
ns
t16h
Data hold time
See Figure 1
35
25
15
10
ns
t17d
Delay from IOW to output
50-pF load, see Figure 3
60
40
30
20
ns
t18d
Delay to set interrupt from
MODEM input
50-pF load, see Figure 3
70
55
45
35
ns
t19d
Delay to reset interrupt from IOR 50-pF load
80
55
40
30
ns
t20d
Delay from stop to set interrupt
See Figure 4
1
1
1
1
baudrate
t21d
Delay from IOR to reset interrupt 50-pF load, see Figure 4
55
45
35
25
ns
t22d
Delay from stop to interrupt
See Figure 7
1
1
1
1
baudrate
t23d
Delay from initial IOW reset to
transmit start
See Figure 7
8
24
8
24
8
24
8
24
baudrate
t24d
Delay from IOW to reset
interrupt
See Figure 7
75
45
35
25
ns
t25d
Delay from stop to set RXRDY
See Figure 5 and Figure 6
1
1
1
1
baudrate
t26d
Delay from IOR to reset RXRDY
See Figure 5 and Figure 6
1
1
1
1
μs
t27d
Delay from IOW to set TXRDY
See Figure 8 and Figure 9
70
60
50
40
ns
t28d
Delay from start to reset TXRDY
See Figure 8 and Figure 9
16
16
16
16
baudrate
Figure 1. General Write Timing


Numéro de pièce similaire - TL16C752D-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TL16C752D-Q1 TI1-TL16C752D-Q1 Datasheet
907Kb / 53P
[Old version datasheet]   Dual UART With 64-Byte FIFO
More results

Description similaire - TL16C752D-Q1

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
TL16C752D-Q1 TI1-TL16C752D-Q1 Datasheet
907Kb / 53P
[Old version datasheet]   Dual UART With 64-Byte FIFO
logo
NXP Semiconductors
SC16C752 PHILIPS-SC16C752 Datasheet
604Kb / 47P
   Dual UART with 64-byte FIFO
Rev. 04-20 June 2003
logo
Texas Instruments
TL16C752C TI-TL16C752C Datasheet
1Mb / 48P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752C TI-TL16C752C_1 Datasheet
1Mb / 50P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C752C TI-TL16C752C_09 Datasheet
1Mb / 52P
[Old version datasheet]   DUAL UART WITH 64-BYTE FIFO
TL16C754 TI-TL16C754 Datasheet
488Kb / 39P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
logo
NXP Semiconductors
SC16C754 PHILIPS-SC16C754 Datasheet
622Kb / 49P
   Quad UART with 64-byte FIFO
Rev. 04-19 June 2003
logo
Texas Instruments
TL16C754BPNR TI-TL16C754BPNR Datasheet
671Kb / 40P
[Old version datasheet]   QUAD UART WITH 64-BYTE FIFO
TL16C752 TI-TL16C752 Datasheet
402Kb / 33P
[Old version datasheet]   3.3-V DUAL UART WITH 64-BYTE FIFO
TL16C752B TI-TL16C752B Datasheet
503Kb / 36P
[Old version datasheet]   3.3-V DUAL UART WITH 64-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com