Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMAZ3V9 Fiches technique(PDF) 2 Page - SUNMATE electronic Co., LTD

No de pièce SMAZ3V9
Description  SURFACE MOUNT SILICON ZENER DIODES
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SUNMATE [SUNMATE electronic Co., LTD]
Site Internet  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

SMAZ3V9 Fiches technique(HTML) 2 Page - SUNMATE electronic Co., LTD

  SMAZ3V9 Datasheet HTML 1Page - SUNMATE electronic Co., LTD SMAZ3V9 Datasheet HTML 2Page - SUNMATE electronic Co., LTD SMAZ3V9 Datasheet HTML 3Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
SMAZ1200
SMAZ22
SMAZ20
SMAZ18
SMAZ16
SMAZ15
SMAZ13
SMAZ12
SMAZ11
SMAZ10
SMAZ9V1
SMAZ8V2
SMAZ7V5
SMAZ6V8
SMAZ6V2
SMAZ5V6
SMAZ5V1
SMAZ4V7
SMAZ4V3
SMAZ3V9
SMAZ3V6
SMAZ3V3
2 of 3
ELECTRICAL CHARACTERISTICS Rating at = 25 °C ambient temperature unless otherwise specified
Nominal Zener
Maximum Zener
Maximum Reverse
Maximum DC
TYPE
Voltage
Impedance
Leakage Current
Zener Current
VZ @ IZT
IZT
ZZT @ IZT
ZZK @ IZK
IZK
IR @ VR
IZM
(V)
(mA)
(
Ω)
(
Ω)
(mA)
(
µA)
(V)
(mA)
3.3
76.0
10
400
1.0
100
1.0
276
3.6
69.0
10
400
1.0
100
1.0
252
3.9
64.0
9.0
400
1.0
50
1.0
234
4.3
58.0
9.0
400
1.0
10
1.0
217
4.7
53.0
8.0
500
1.0
10
1.0
193
5.1
49.0
7.0
550
1.0
10
1.0
178
5.6
45.0
5.0
600
1.0
10
2.0
162
6.2
41.0
2.0
700
1.0
10
3.0
146
6.8
37.0
3.5
700
1.0
50
4.0
133
7.5
34.0
4.0
700
0.5
50
5.0
121
8.2
31.0
4.5
700
0.5
50
6.0
110
9.1
28.0
5.0
700
0.5
50
7.0
100
10
25.0
7.0
700
0.25
50
7.6
91
11
23.0
8.0
700
0.25
50
8.4
83
12
21.0
9.0
700
0.25
5.0
9.1
76
13
19.0
10
700
0.25
5.0
9.9
69
15
17.0
14
700
0.25
5.0
11.4
61
16
15.5
16
700
0.25
5.0
12.2
57
18
14.0
20
750
0.25
5.0
13.7
50
20
12.5
22
750
0.25
5.0
15.2
45
22
11.5
23
750
0.25
5.0
16.7
41
24
10.5
25
750
0.25
5.0
18.2
38
27
9.5
35
750
0.25
5.0
20.6
34
30
8.5
40
1000
0.25
5.0
22.8
30
33
7.5
45
1000
0.25
5.0
25.1
27
36
7.0
50
1000
0.25
5.0
27.4
25
39
6.5
60
1000
0.25
5.0
29.7
23
43
6.0
70
1500
0.25
5.0
32.7
22
47
5.5
80
1500
0.25
5.0
35.8
19
51
5.0
95
1500
0.25
5.0
38.8
18
56
4.5
110
2000
0.25
5.0
42.6
16
62
4.0
125
2000
0.25
5.0
47.1
14
68
3.7
150
2000
0.25
5.0
51.7
13
75
3.3
175
2000
0.25
5.0
56.0
12
82
3.0
200
3000
0.25
5.0
62.2
11
91
2.8
250
3000
0.25
5.0
69.2
10
100
2.5
350
3000
0.25
5.0
76.0
9.0
110
2.3
450
4000
0.25
5.0
83.6
8.6
120
2.0
550
4500
0.25
5.0
91.2
7.8
130
1.9
700
5000
0.25
5.0
98.8
7.0
150
1.7
1000
6000
0.25
5.0
114.0
6.4
160
1.6
1100
6500
0.25
5.0
121.6
5.8
180
1.4
1200
7000
0.25
5.0
136.8
5.2
200
1.2
1500
8000
0.25
5.0
152.0
4.7
SMAZ1180
SMAZ1160
SMAZ1150
SMAZ1130
SMAZ1120
SMAZ1110
SMAZ100
SMAZ91
SMAZ82
SMAZ75
SMAZ68
SMAZ62
SMAZ56
SMAZ51
SMAZ47
SMAZ43
SMAZ39
SMAZ36
SMAZ33
SMAZ30
SMAZ27
SMAZ24
www.sunmate.tw


Numéro de pièce similaire - SMAZ3V9

FabricantNo de pièceFiches techniqueDescription
logo
Shanghai Leiditech Elec...
SMAZ3V9 LEIDITECH-SMAZ3V9 Datasheet
574Kb / 4P
   For surface mounted applications Voltage range 3.3V to 100V
More results

Description similaire - SMAZ3V9

FabricantNo de pièceFiches techniqueDescription
logo
EIC discrete Semiconduc...
SZ453G EIC-SZ453G Datasheet
28Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Diotec Semiconductor
ZMY3.0G DIOTEC-ZMY3.0G Datasheet
114Kb / 2P
   Surface Mount Silicon-Zener Diodes
logo
Pan Jit International I...
1SMC5334 PANJIT-1SMC5334 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
1SMC5348 PANJIT-1SMC5348_03 Datasheet
48Kb / 3P
   SURFACE MOUNT SILICON ZENER DIODES
MMSZ5229AS PANJIT-MMSZ5229AS Datasheet
74Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Continental Device Indi...
BZT52C CDIL-BZT52C Datasheet
325Kb / 4P
   SURFACE MOUNT SILICON ZENER DIODES
logo
EIC discrete Semiconduc...
SML4728 EIC-SML4728 Datasheet
34Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
SZ603D EIC-SZ603D Datasheet
43Kb / 2P
   SURFACE MOUNT SILICON ZENER DIODES
logo
Pan Jit International I...
MMBZ5221BW PANJIT-MMBZ5221BW Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZX84C2V4W PANJIT-BZX84C2V4W Datasheet
79Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
BZT52-C2V4S PANJIT-BZT52-C2V4S Datasheet
78Kb / 5P
   SURFACE MOUNT SILICON ZENER DIODES
More results


Html Pages

1 2 3


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com