Moteur de recherche de fiches techniques de composants électroniques |
|
BZW03C110 Fiches technique(PDF) 1 Page - SUNMATE electronic Co., LTD |
|
BZW03C110 Fiches technique(HTML) 1 Page - SUNMATE electronic Co., LTD |
1 / 2 page VOLTAGE RANGE: 6.8 - 27 0V POWER: 6.0Wa t t s BZW03C6V8 - BZW03C270 Parameter Test condition Symbol Value Unit Power dissipation l = 10 mm, TL = 25 °C P diss 6.0 W Tamb = 45 °C P diss 1.85 W Repetitive peak reverse power dissipation PZRM 20 W Non repetitive peak surge power dissipation tp = 100 µs, Tj = 25 °C P ZSM 1000 W Junction temperature T j 175 °C Storage temperature range T stg - 65 to + 175 °C L thJA 30 K/W thJA 70 K/W Parameter Test condition Symbol Min Typ. Max Unit Forward voltage IF = 1 A VF 1.2 V AXIAL LEADED SILICON ZENER DIODES Low leakage current High reliability Complete Voltage Range 6.8 to 270 Volts Features · · · · = constant R on PC board with spacing 37.5 mm R Junction ambient l = 25 mm, T 1 of 2 www.sunmate.tw ! ! Terminals: Plated Leads Solderable per MIL-STD-202, Method 208 ! Polarity: Cathode Band ! Weight: 1.2 grams (approx.) ! Mounting Position: Any ! Marking: Type Number Case: DO-201AD, Molded Plastic Mechanical Data DO-201AD Dim Min Max A 25.40 ¾ B 7.20 9.50 C 1.20 1.30 D 4.80 5.30 All Dimensions in mm A A B C D Maximum Ratings and Electrical Characteristics T A = 25 °C unless otherwise specified Single phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%. High peak reverse power dissipation · · · |
Numéro de pièce similaire - BZW03C110 |
|
Description similaire - BZW03C110 |