Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FCD4B14 Fiches technique(PDF) 2 Page - ATMEL Corporation

No de pièce FCD4B14
Description  Thermal Fingerprint Sensor with 0.4 mm x 14 mm Sensing Area and Digital Output
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  ATMEL [ATMEL Corporation]
Site Internet  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

FCD4B14 Fiches technique(HTML) 2 Page - ATMEL Corporation

  FCD4B14 Datasheet HTML 1Page - ATMEL Corporation FCD4B14 Datasheet HTML 2Page - ATMEL Corporation FCD4B14 Datasheet HTML 3Page - ATMEL Corporation FCD4B14 Datasheet HTML 4Page - ATMEL Corporation FCD4B14 Datasheet HTML 5Page - ATMEL Corporation FCD4B14 Datasheet HTML 6Page - ATMEL Corporation FCD4B14 Datasheet HTML 7Page - ATMEL Corporation FCD4B14 Datasheet HTML 8Page - ATMEL Corporation FCD4B14 Datasheet HTML 9Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 20 page
background image
2
FCD4B14
1962C–01/02
Die Attach is connected to pin 1 and 16, and must be grounded. FPL pin must be
grounded.
Table 1. Pin Description For DIP Ceramic Package
Pin Number
Name
Type
1GND
GND
2
AVE
Analog output
3TPP
Power
4VCC
Power
5
RST
Digital input
6
OE
Digital input
7
De0
Digital output
8
De1
Digital output
9
De2
Digital output
10
De3
Digital output
11
FPL
GND
12
Do3
Digital output
13
Do2
Digital output
14
Do1
Digital output
15
Do0
Digital output
16
GND
GND
17
ACKN
Digital output
18
PCLK
Digital input
19
TPE
Digital input
20
AVO
Analog output
GND
2
3
4
5
6
7
8
9
AVO
TPE
PCLK
ACKN
Do0
Do1
Do2
Do3
FPL
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
AVE
TPP
VCC
RST
OE
De0
De1
De2
De3
GND


Numéro de pièce similaire - FCD4B14

FabricantNo de pièceFiches techniqueDescription
logo
JDS Uniphase Corporatio...
FCD488-010 JDSU-FCD488-010 Datasheet
240Kb / 4P
   Continuous Wave 488 nm Solid-State Laser
FCD488-020 JDSU-FCD488-020 Datasheet
240Kb / 4P
   Continuous Wave 488 nm Solid-State Laser
FCD488-025 JDSU-FCD488-025 Datasheet
240Kb / 4P
   Continuous Wave 488 nm Solid-State Laser
FCD488FC-010 JDSU-FCD488FC-010 Datasheet
240Kb / 4P
   Continuous Wave 488 nm Solid-State Laser
FCD488FC-020 JDSU-FCD488FC-020 Datasheet
240Kb / 4P
   Continuous Wave 488 nm Solid-State Laser
More results

Description similaire - FCD4B14

FabricantNo de pièceFiches techniqueDescription
logo
ATMEL Corporation
AT77C102B ATMEL-AT77C102B_07 Datasheet
821Kb / 20P
   Thermal Fingerprint Sensor with 0.4 mm x 14 mm (0.02" x 0.55") Sensing Area and Digital Output (On-chip ADC)
AT77C102B ATMEL-AT77C102B Datasheet
299Kb / 19P
   Thermal Fingerprint Sensor with 0.4 mm x 14 mm (0.02 x 0.55) Sensing Area and Digital Output (On-chip ADC)
AT77C101B ATMEL-AT77C101B Datasheet
272Kb / 21P
   Thermal Fingerprint Sensor with Sensing Area and Digital Output
logo
Hamamatsu Corporation
R11265U-M4 HAMAMATSU-R11265U-M4 Datasheet
170Kb / 4P
   Wide effective area: 23 mm x 23 mm
logo
Omron Electronics LLC
M7E OMRON-M7E Datasheet
1Mb / 14P
   Digital Display (14 mm)
logo
DIWELL Electronics Co.,...
DWCS1700 DIWELL-DWCS1700 Datasheet
975Kb / 8P
   AC / DC Sensing Current Sensor with Digital Data output
2021/5/31
DWCS1800 DIWELL-DWCS1800 Datasheet
1Mb / 8P
   AC / DC Sensing Current Sensor with Digital Data output
2021/5/24
logo
Sony Corporation
CXA3271GE SONY-CXA3271GE Datasheet
180Kb / 17P
   Fingerprint Sensor
CXA3621GE SONY-CXA3621GE Datasheet
113Kb / 14P
   Fingerprint Sensor
logo
MEMSIC Semiconductor (T...
MXC6855XU MEMSIC-MXC6855XU Datasheet
338Kb / 12P
   Digital Thermal Orientation Sensing Accelerometer
Version A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com