Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

MTB050P10H8 Fiches technique(PDF) 5 Page - Cystech Electonics Corp.

No de pièce MTB050P10H8
Description  P-Channel Enhancement Mode Power MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CYSTEKEC [Cystech Electonics Corp.]
Site Internet  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB050P10H8 Fiches technique(HTML) 5 Page - Cystech Electonics Corp.

  MTB050P10H8 Datasheet HTML 1Page - Cystech Electonics Corp. MTB050P10H8 Datasheet HTML 2Page - Cystech Electonics Corp. MTB050P10H8 Datasheet HTML 3Page - Cystech Electonics Corp. MTB050P10H8 Datasheet HTML 4Page - Cystech Electonics Corp. MTB050P10H8 Datasheet HTML 5Page - Cystech Electonics Corp. MTB050P10H8 Datasheet HTML 6Page - Cystech Electonics Corp. MTB050P10H8 Datasheet HTML 7Page - Cystech Electonics Corp. MTB050P10H8 Datasheet HTML 8Page - Cystech Electonics Corp. MTB050P10H8 Datasheet HTML 9Page - Cystech Electonics Corp. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
CYStech Electronics Corp.
Spec. No. : C975H8
Issued Date : 2016.08.01
Revised Date :
Page No. : 5/11
MTB050P10H8
CYStek Product Specification
Typical Characteristics(Cont.)
Capacitance vs Drain-to-Source Voltage
10
100
1000
10000
0
5
10
15
20
25
30
-VDS, Drain-Source Voltage(V)
C oss
Ciss
Crss
Threshold Voltage vs Junction Tempearture
0
0.2
0.4
0.6
0.8
1
1.2
1.4
-75 -50 -25
0
25
50
75 100 125 150 175
Tj, Junction Temperature(°C)
ID=-250
μA
ID=-1mA
Maximum Safe Operating Area
0.01
0.1
1
10
100
0.01
0.1
1
10
100
1000
-VDS, Drain-Source Voltage(V)
DC
10ms
100ms
1m
100
μs
RDSON
Limited
TA=25°C, VGS=-10V,Tj=150°C
RθJA=65°C/W, Single Pulse
1s
Gate Charge Characteristics
0
2
4
6
8
10
0
5
10
15
20
25
30
35
40
45
Qg, Total Gate Charge(nC)
ID=-15A
VDS=-80V
Maximum Drain Current vs Junction Temperature
0
1
2
3
4
5
25
50
75
100
125
150
175
Tj, Junction Temperature(°C)
TA=25°C, VGS=-10V,
RθJA=65°C/W
Forward Transfer Admittance vs Drain Current
0.01
0.1
1
10
100
0.001
0.01
0.1
1
10
-ID, Drain Current(A)
Pulsed
Ta=25°C
VDS=-10V
VDS=-15V


Numéro de pièce similaire - MTB050P10H8

FabricantNo de pièceFiches techniqueDescription
logo
Cystech Electonics Corp...
MTB050P10E3 CYSTEKEC-MTB050P10E3 Datasheet
275Kb / 8P
   P-Channel Enhancement Mode Power MOSFET
MTB050P10E3-0-UB-S CYSTEKEC-MTB050P10E3-0-UB-S Datasheet
275Kb / 8P
   P-Channel Enhancement Mode Power MOSFET
MTB050P10F3 CYSTEKEC-MTB050P10F3 Datasheet
396Kb / 9P
   P-Channel Enhancement Mode Power MOSFET
MTB050P10F3-0-T7-S CYSTEKEC-MTB050P10F3-0-T7-S Datasheet
396Kb / 9P
   P-Channel Enhancement Mode Power MOSFET
MTB050P10FP CYSTEKEC-MTB050P10FP Datasheet
260Kb / 8P
   P-Channel Enhancement Mode Power MOSFET
More results

Description similaire - MTB050P10H8

FabricantNo de pièceFiches techniqueDescription
logo
GTM CORPORATION
G3401 GTM-G3401 Datasheet
308Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GP4953 GTM-GP4953 Datasheet
301Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4913 GTM-GSS4913 Datasheet
290Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GSS4955 GTM-GSS4955 Datasheet
350Kb / 4P
   P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com