Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

3N190-1 Fiches technique(PDF) 1 Page - Linear Integrated Systems

No de pièce 3N190-1
Description  P-CHANNEL DUAL MOSFET ENHANCEMENT MODE
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LINEAR [Linear Integrated Systems]
Site Internet  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

3N190-1 Fiches technique(HTML) 1 Page - Linear Integrated Systems

  3N190-1 Datasheet HTML 1Page - Linear Integrated Systems 3N190-1 Datasheet HTML 2Page - Linear Integrated Systems  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
FEATURES
DIRECT REPLACEMENT FOR INTERSIL 3N190 & 3N191
LOW GATE LEAKAGE CURRENT
IGSS ≤ ±10pA
LOW TRANSFER CAPACITANCE
Crss ≤ 1.0pF
ABSOLUTE MAXIMUM RATINGS
1
@ 25 °C (unless otherwise stated)
Maximum Temperatures
Storage Temperature
-65 to +150 °C
Operating Junction Temperature
-55 to +135 °C
Maximum Power Dissipation
Continuous Power Dissipation One Side
300mW
Continuous Power Dissipation Both Sides
525mW
Maximum Current
Drain to Source
2
50mA
Maximum Voltages
Drain to Gate
2
30V
Drain to Source
2
30V
Transient Gate to Source
2,3
±125V
Gate to Gate
±80V
MATCHING CHARACTERISTICS @ 25 °C (unless otherwise stated) (VBS = 0V unless otherwise stated)
SYMBOL
CHARACTERISTIC
MIN
TYP
MAX UNITS
CONDITIONS
fs2
fs1
g
g
Forward Transconductance Ratio
0.85
1.0
VDS = -15V, ID = -500µA, f = 1kHz
VGS1-2
Gate to Source Threshold Voltage
Differential
100
mV
VDS = -15V, ID = -500µA
∆T
∆V
2
GS1
Gate to Source Threshold Voltage
Differential with Temperature
4
100
VDS = -15V, ID = -500µA
TS = -55 TO +25 °C
∆T
∆V
2
GS1
Gate to Source Threshold Voltage
Differential with Temperature
4
100
C
µV
°
VDS = -15V, ID = -500µA
TS = +25 TO +125 °C
G1
D1
G2
D2
5
BOTTOM VIEW
TO-78
1
2
3
4
6
7
S1
C
S2
Linear Integrated Systems
3N190 3N191
P-CHANNEL DUAL MOSFET
ENHANCEMENT MODE
ELECTRICAL CHARACTERISTICS @ 25 °C (unless otherwise stated) (VSB = 0V unless otherwise stated)
SYMBOL
CHARACTERISTIC
MIN
TYP
MAX UNITS
CONDITIONS
BVDSS
Drain to Source Breakdown Voltage
-40
ID = -10µA
BVSDS
Source to Drain Breakdown Voltage
-40
IS = -10µA, VBD = 0V
VGS
Gate to Source Voltage
-3.0
-6.5
VDS = -15V, ID = -500µA
-2.0
-5.0
VDS = VGS, ID = -10µA
VGS(th)
Gate to Source Threshold Voltage
-2.0
-5.0
V
VDS = -15V, ID = -500µA
IGSSR
Reverse Gate Leakage Current
10
VGS = 40V
IGSSF
Forward Gate Leakage Current
-10
VGS = -40V
IDSS
Drain Leakage Current "Off"
-200
VDS = -15V
ISDS
Source to Drain Leakage Current "Off"
-400
pA
VSD = -15V, VDB = 0V
ID(on)
Drain Current "On"
-5.0
-30.0
mA
VDS = -15V, VGS = -10V
Linear Integrated Systems • 4042 Clipper Court • Fremont, CA 94538 • Tel: 510 490-9160 • Fax: 510 353-0261


Numéro de pièce similaire - 3N190-1

FabricantNo de pièceFiches techniqueDescription
logo
Calogic, LLC
3N190-91 CALOGIC-3N190-91 Datasheet
27Kb / 2P
   Dual P-Channel Enhancement Mode MOSFET General Purpose Amplifier
More results

Description similaire - 3N190-1

FabricantNo de pièceFiches techniqueDescription
logo
SYNC POWER Crop.
SPP6308 SYNC-POWER-SPP6308 Datasheet
213Kb / 8P
   Dual P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM4947K ANPEC-APM4947K Datasheet
117Kb / 10P
   Dual P-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMP2035UTS DIODES-DMP2035UTS_15 Datasheet
163Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2004DMK DIODES-DMP2004DMK_16 Datasheet
480Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMP210DUDJ DIODES-DMP210DUDJ Datasheet
446Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMP57D5UV DIODES-DMP57D5UV Datasheet
150Kb / 5P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMP2035UTS DIODES-DMP2035UTS Datasheet
163Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMG1023UV DIODES-DMG1023UV Datasheet
139Kb / 6P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
DMP3098LSD DIODES-DMP3098LSD Datasheet
165Kb / 4P
   DUAL P-CHANNEL ENHANCEMENT MODE MOSFET
logo
Chino-Excel Technology
CEM4953 CET-CEM4953 Datasheet
499Kb / 5P
   Dual P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com