Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD43NP-8R2MC Fiches technique(PDF) 4 Page - Sumida Corporation

No de pièce CD43NP-8R2MC
Description  SMD Power Inductor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SUMIDA [Sumida Corporation]
Site Internet  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CD43NP-8R2MC Fiches technique(HTML) 4 Page - Sumida Corporation

  CD43NP-8R2MC Datasheet HTML 1Page - Sumida Corporation CD43NP-8R2MC Datasheet HTML 2Page - Sumida Corporation CD43NP-8R2MC Datasheet HTML 3Page - Sumida Corporation CD43NP-8R2MC Datasheet HTML 4Page - Sumida Corporation CD43NP-8R2MC Datasheet HTML 5Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Page 4 of 5
Revised: 10-Dec-13
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CD43
0
15
30
45
60
75
90
0.0
0.2
0.4
0.6
0.8
0
10
20
30
40
50
60
0
10
20
30
40
50
60
0.0
0.2
0.4
0.6
0.8
0
10
20
30
40
50
60
0
10
20
30
40
50
60
0.0
0.2
0.4
0.6
0.8
0
10
20
30
40
50
60
0
8
16
24
32
40
48
0.0
0.2
0.4
0.6
0.8
1.0
0
10
20
30
40
50
60
0
6
12
18
24
30
36
0.0
0.2
0.4 0.6
0.8
1.0
0
10
20
30
40
50
60
0
5
10
15
20
25
30
0.0 0.2 0.4 0.6 0.8 1.0 1.2
0
10
20
30
40
50
60
0
5
10
15
20
25
30
0.0 0.2 0.4 0.6 0.8 1.0 1.2
0
10
20
30
40
50
60
0
4
8
12
16
20
24
0.0
0.3
0.6
0.9
1.2
1.5
0
10
20
30
40
50
60
0
3
6
9
12
15
18
0.0
0.4
0.8
1.2
1.6
0
10
20
30
40
50
60
0
3
6
9
12
15
18
0.0 0.3 0.6 0.9 1.2 1.5 1.8
0
10
20
30
40
50
60
13. CD43NP-120MC
△T (℃)
L (
μH)
14. CD43NP-150MC
△T (℃)
L (
μH)
15. CD43NP-180MC
L (
μH)
DC (A)
17. CD43NP-270MC
△T (℃)
L (
μH)
18. CD43NP-330KC
DC (A)
16. CD43NP-220MC
△T (℃)
DC (A)
DC (A)
DC (A)
DC (A)
△T (℃)
L (
μH)
△T (℃)
L (
μH)
Saturation Current & Temperature Rise Graph
L (20
℃)
△T
L (105
℃)
20. CD43NP-470KC
△T (℃)
L (
μH)
DC (A)
21. CD43NP-560KC
DC (A)
△T (℃)
L (
μH)
22. CD43NP-680KC
△T (℃)
L (
μH)
DC (A)
19. CD43NP-390KC
△T (℃)
L (
μH)
DC (A)


Numéro de pièce similaire - CD43NP-8R2MC

FabricantNo de pièceFiches techniqueDescription
logo
Sumida Corporation
CD43NP-8R2MC SUMIDA-CD43NP-8R2MC Datasheet
185Kb / 6P
   CD43
More results

Description similaire - CD43NP-8R2MC

FabricantNo de pièceFiches techniqueDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com