Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDEP12D38 Fiches technique(PDF) 3 Page - Sumida Corporation

No de pièce CDEP12D38
Description  SMD Power Inductor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SUMIDA [Sumida Corporation]
Site Internet  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDEP12D38 Fiches technique(HTML) 3 Page - Sumida Corporation

  CDEP12D38_13 Datasheet HTML 1Page - Sumida Corporation CDEP12D38_13 Datasheet HTML 2Page - Sumida Corporation CDEP12D38_13 Datasheet HTML 3Page - Sumida Corporation CDEP12D38_13 Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Page 3 of 4
Revised: 10-Dec-13
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDEP12D38
0
1
2
3
4
5
6
0
2
4
6
8
0
10
20
30
40
50
60
0.0
0.6
1.2
1.8
2.4
3.0
3.6
0
3
6
9
12
15
0
10
20
30
40
50
60
0.0
0.4
0.8
1.2
1.6
2.0
2.4
0
4
8
12
16
0
10
20
30
40
50
60
0.0
0.3
0.6
0.9
1.2
1.5
1.8
0
4
8
12
16
20
0
10
20
30
40
50
60
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
5
10
15
20
25
0
10
20
30
40
50
60
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0
6
12 18 24 30 36
0
10
20
30
40
50
60
0
2
4
6
8
10
12
0
2
4
6
8
0
10
20
30
40
50
60
0.0
0.8
1.6
2.4
3.2
4.0
4.8
0
2
4
6
8
10
0
10
20
30
40
50
60
0.0
0.6
1.2
1.8
2.4
3.0
3.6
0
2
4
6
8
10 12
0
10
20
30
40
50
60
0.0
0.4
0.8
1.2
1.6
2.0
2.4
0
3
6
9
12
15
0
10
20
30
40
50
60
0.0
0.2
0.4
0.6
0.8
1.0
1.2
0
4
8
12
16
20
0
10
20
30
40
50
60
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0
5
10 15 20 25 30
0
10
20
30
40
50
60
Saturation Current & Temperature Rise Graph
1. CDEP12D38NP-0R5MC-120
△T (℃)
L (
μH)
2. CDEP12D38NP-1R1MC-120
△T (℃)
L (
μH)
3. CDEP12D38NP-1R9MC-120
L (
μH)
DC (A)
5. CDEP12D38NP-4R3MC-120
△T (℃)
L (
μH)
6. CDEP12D38NP-5R9MC-120
DC (A)
7. CDEP12D38NP-7R7MC-120
△T (℃)
L (
μH)
8. CDEP12D38NP-0R3MC-88
△T (℃)
L (
μH)
DC (A)
9. CDEP12D38NP-0R8MC-88
DC (A)
4. CDEP12D38NP-3R0MC-120
△T (℃)
DC (A)
DC (A)
10. CDEP12D38NP-1R4MC-88
△T (℃)
L (
μH)
DC (A)
11. CDEP12D38NP-2R2MC-88
△T (℃)
L (
μH)
DC (A)
DC (A)
DC (A)
DC (A)
△T (℃)
L (
μH)
△T (℃)
L (
μH)
△T (℃)
L (
μH)
L (20
℃)
△T
L (105
℃)
12. CDEP12D38NP-3R2MC-88
△T (℃)
L (
μH)
DC (A)


Numéro de pièce similaire - CDEP12D38_13

FabricantNo de pièceFiches techniqueDescription
logo
Sumida Corporation
CDEP12D38NP-0R3M SUMIDA-CDEP12D38NP-0R3M Datasheet
143Kb / 2P
   POWER INDUCTORS
CDEP12D38NP-0R5M SUMIDA-CDEP12D38NP-0R5M Datasheet
143Kb / 2P
   POWER INDUCTORS
CDEP12D38NP-0R8M SUMIDA-CDEP12D38NP-0R8M Datasheet
143Kb / 2P
   POWER INDUCTORS
CDEP12D38NP-1R1M SUMIDA-CDEP12D38NP-1R1M Datasheet
143Kb / 2P
   POWER INDUCTORS
CDEP12D38NP-1R4M SUMIDA-CDEP12D38NP-1R4M Datasheet
143Kb / 2P
   POWER INDUCTORS
More results

Description similaire - CDEP12D38_13

FabricantNo de pièceFiches techniqueDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com