Moteur de recherche de fiches techniques de composants électroniques |
|
CDEP126NP-1R0MC-AL138 Fiches technique(PDF) 1 Page - Sumida Corporation |
|
CDEP126NP-1R0MC-AL138 Fiches technique(HTML) 1 Page - Sumida Corporation |
1 / 2 page Page 1 of 2 Revised: 2014-June-19 SMD Power Inductor CDEP126 Description • Ferrite core construction. • Magnetically shielded. • L ×W×H: 13.0×13.0×6.2 mm Max. • Product weight:3.09 g(Ref.) • Moisture Sensitivity Level: 1 • RoHS compliance. Environmental Data • Operating temperature range: -40 ℃~+125℃ (including coil’s self temperature rise) • Storage temperature range: -40 ℃~+125℃ • Solder reflow temperature: 260 ℃ peak. Packaging • Carrier tape and reel packaging • 13.0”diameter reel • 500pcs per reel Applications • Ideally used in personal computer CPU power supply. RoHS Dimension - [mm] Land pattern and Schematics - [mm] Electrical Characteristics ※1. Measuring condition: at 100kHz. ※2. Saturation current: The value of D.C. current when the inductance decreases to 80% of it’s nominal value. ※3. Temperature rise current: The value of D.C. current when the temperature rise is △t=40℃(Ta=20℃). 2 1 3-N/C 16.9 25.0 3.64 (2.91) 2.2μH±20% 2R2 CDEP126NP-2R2MC-AL102 28.0 32.0 1.30(1.04) 1.0μH±20% 1R0 CDEP126NP-1R0MC-AL138 Temperature Rise Current (A) ※3 D.C Saturation Current (A) ※2 DCR (mΩ) Max. (Typ.) Inductance (μH) [ within ] ※1 Stamp Part Number 7.3 6.2Max. KAPTON TAPE 13.0 Max. |
Numéro de pièce similaire - CDEP126NP-1R0MC-AL138 |
|
Description similaire - CDEP126NP-1R0MC-AL138 |