Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CDEP1411NP-7R4MC-150 Fiches technique(PDF) 2 Page - Sumida Corporation

No de pièce CDEP1411NP-7R4MC-150
Description  SMD Power Inductor
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SUMIDA [Sumida Corporation]
Site Internet  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CDEP1411NP-7R4MC-150 Fiches technique(HTML) 2 Page - Sumida Corporation

  CDEP1411NP-7R4MC-150 Datasheet HTML 1Page - Sumida Corporation CDEP1411NP-7R4MC-150 Datasheet HTML 2Page - Sumida Corporation CDEP1411NP-7R4MC-150 Datasheet HTML 3Page - Sumida Corporation CDEP1411NP-7R4MC-150 Datasheet HTML 4Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Page 2 of 4
Revised: 10-Dec-13
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CDEP1411
Electrical Characteristics - 1
※1. Measuring condition: at 100kHz.
※2. Saturation current: The value of D.C. current when the inductance decreases to 75% of it’s nominal value.
※3. Temperature rise current: The value of D.C. current when the temperature rise is △t=40℃(Ta=20℃).
8.3
5.0
6.4
11.28(9.4)
22
±20%
220MH
CDEP1411NP-22ØMC-15Ø
9.0
5.5
7.2
9.72(8.1)
18
±20%
180MH
CDEP1411NP-18ØMC-15Ø
9.6
6.0
8.0
8.40(7.0)
15
±20%
150MH
CDEP1411NP-15ØMC-15Ø
10.3
6.5
8.5
7.56(6.3)
12
±20%
120MH
CDEP1411NP-12ØMC-15Ø
12.5
6.9
9.2
5.40(4.5)
10
±20%
100MH
CDEP1411NP-1ØØMC-15Ø
13.0
8.4
10.8
4.44(3.7)
7.4
±20%
7R4MH
CDEP1411NP-7R4MC-15Ø
(at105
℃)
(at20
℃)
Temperature
rise current
(A)
※3
The saturation
current (A)
※2
D.C.R. (m
Ω)
[Max.] (at 20
℃)
Inductance (uH)
[Within]
※1
Stamp
Part name
8.3
8.3
10.9
11.28(9.4)
14
±20%
140ML
CDEP1411NP-14ØMC-95
9.0
9.0
11.8
9.72(8.1)
12
±20%
120ML
CDEP1411NP-12ØMC-95
9.6
10.0
13.1
8.40(7.0)
10
±20%
100ML
CDEP1411NP-1ØØMC-95
10.3
11.2
14.8
7.56(6.3)
7.7
±20%
7R7ML
CDEP1411NP-7R7MC-95
12.5
12.4
16.4
5.40(4.5)
6.1
±20%
6R1ML
CDEP1411NP-6R1MC-95
13.0
14.0
18.4
4.44(3.7)
4.7
±20%
4R7ML
CDEP1411NP-4R7MC-95
(at105
℃)
(at20
℃)
Temperature
rise current
(A)
※3
The saturation
current (A)
※2
D.C.R .(m
Ω)
[Max.] (at 20
℃)
Inductance (uH)
[Within]
※1
Stamp
Part name
Electrical Characteristics - 2


Numéro de pièce similaire - CDEP1411NP-7R4MC-150

FabricantNo de pièceFiches techniqueDescription
logo
Sumida Corporation
CDEP1411NP-7R4MC-150 SUMIDA-CDEP1411NP-7R4MC-150 Datasheet
222Kb / 4P
   Power Inductor
More results

Description similaire - CDEP1411NP-7R4MC-150

FabricantNo de pièceFiches techniqueDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com