Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

741X043 Fiches technique(PDF) 3 Page - CTS Corporation

No de pièce 741X043
Description  Chip Resistor Arrays
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CTS [CTS Corporation]
Site Internet  http://www.ctscorp.com
Logo CTS - CTS Corporation

741X043 Fiches technique(HTML) 3 Page - CTS Corporation

  741X043 Datasheet HTML 1Page - CTS Corporation 741X043 Datasheet HTML 2Page - CTS Corporation 741X043 Datasheet HTML 3Page - CTS Corporation 741X043 Datasheet HTML 4Page - CTS Corporation  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Document No. 008-0335-0
Page 3 - 4
Rev. H
Chip Resistor Arrays
Series 74x
PACKAGE OUTLINES
CONCAVE TERMINATION – TYPE C
CONVEX TERMINATION – TYPE X
Termination Area(all places) W
L
P
A
B
T
C
D
Termination Area (all places)
W
B
A
T
C
L
P
Part
Code
Configuration
# Pads # Res. Circuit
L
W
P
[Typ.]
TA
B
C
D
740X043
0201 x 2
4
2
Isolated
0.80 ±0.10
0.031 ±0.004
0.60 ±0.10
0.024 ±0.004
0.50
0.020
0.35 ±0.10
0.014 ±0.004
0.35 ±0.10
0.014 ±0.004
0.175 ±0.125
0.007
±0.005
0.15 ±0.10
0.006 ±0.004
-
741X043
0402 X 2
4
2
Isolated
1.00 ±0.20
0.039 ±0.008
0.65
0.026
0.35 ±0.10
0.014 ±0.004
0.295 ±0.135
0.012 ±0.005
0.25 ±0.10
0.010 ±0.004
0.33 ±0.15
0.013 ±0.006
741X083
0402 X 4
8
4
Isolated
0.40 ±0.15
0.016 ±0.006
0.30 ±0.15
0.012 ±0.006
0.25 ±0.20
0.010 ±0.008
0.40 ±0.15
0.016 ±0.006
741C083
0402 X 4
8
4
Isolated
0.375 ±0.125
0.015 ±0.005
0.29 ±0.11
0.011 ±0.004
0.20 ±0.10
0.008 ±0.004
0.265 ±0.115
0.011 ±0.005
N/A
741X163
0402 X 8
16
8
Isolated
3.95 ±0.25
0.156 ±0.01
1.60 ±0.15
0.063 ±0.006
0.45 ±0.10
0.018 ±0.004
0.30 ±0.10
0.012 ±0.004
0.30 ±0.15
0.012 ±0.006
0.375 ±0.175
0.0147 ±0.007
0.325 ±0.175
0.013 ±0.007
742C043
0603 X 2
4
2
Isolated
1.60 ±0.20
0.063 ±0.008
0.525 ±0.175
0.021 ±0.007
0.50 ±0.15
0.020 ±0.006
0.40 ±0.15
0.016 ±0.006
N/A
742X083
0.55 ±0.15
0.022 ±0.006
0.45 ±0.20
0.018 ±0.008
0.275 ±0.175
0.011 ±0.007
0.525 ±0.225
0.021 ±0.009
742C083
0.35 ±0.20
0.014 ±0.008
N/A
742C163
0603 X 8
16
8
Isolated
6.40 ±0.20
0.252 ±0.008
0.40 ±0.15
0.016 ±0.006
N/A
743C043
0805 X 2
4
2
Isolated
2.54 ±0.20
0.100 ±0.008
743C083
0805 X 4
8
4
Isolated
5.08 ±0.20
0.200 ±0.008
744C043
1206 X 2
4
2
Isolated
2.54 ±0.20
0.100 ±0.008
744C083
1206 X 4
8
4
Isolated
5.08 ±0.20
0.200 ±0.008
745C101
745C102
-
10
8
Bussed
6.40 ±0.20
0.252 ±0.008
3.10 ±0.30
0.126 ±0.012
0.575 ±0.125
0.025 ±0.005
0.60 ±0.15
0.024 ±0.006
0.55 ±0.30
0.022 ±0.012
N/A
745X101
745X102
-
10
8
Bussed
6.40 ±0.20
0.252 ±0.008
3.20 ±0.20
0.126 ±0.008
0.60 ±0.10
0.024 ±0.004
0.95 ±0.20
0.037 ±0.008
0.50 ±0.15
0.020 ±0.006
0.50 ±0.15
0.020 ±0.006
1.10 ±0.15
0.043 ±0.006
746X101
-
10
8
Bussed
3.20 ±0.20
0.126 ±0.008
1.60 ±0.15
0.063 ±0.006
0.64
0.025
0.60 ±0.10
0.024 ±0.004
0.35 ±0.05
0.014 ±0.002
0.30 ±0.15
0.012 ±0.006
0.35 ±0.15
0.014 ±0.006
0.45 ±0.05
0.018 ±0.002
1.27
0.050
0.525 ±0.175
0.021 ±0.007
0.50 ±0.15
0.020 ±0.006
0.50 ±0.30
0.020 ±0.012
0.80
0.032
3.20 ±0.20
0.126 ±0.008
1.27
0.050
0.60 ±0.10
0.024 ±0.004
0.80 ±0.10
0.031 ±0.006
N/A
0.55 ±0.10
0.022 ±0.004
N/A
0.20 ±0.15
0.008 ±0.006
0.40 ±0.20
0.016 ±0.008
0.55 ±0.10
0.022 ±0.004
2.00 ±0.20
0.079 ±0.008
1.27
0.050
0.60 ±0.10
0.024 ±0.004
0.80 ±0.10
0.031 ±0.006
3.20 ±0.20
0.126 ±0.008
0603 X 4
8
4
Isolated
1.00 ±0.20
0.039 ±0.008
Dimensions [mm/inch]
2.00 ±0.20
0.079 ±0.008
0.50
0.020
1.60 ±0.20
0.063 ±0.008
0.30 ±0.20
0.012 ±0.008
NOTES
1. Termination pads (e3). Barrier plating is nickel (Ni) with Matte tin (Sn) finish.
2. Reflow conditions per JEDEC-J-STD-020, +260°C maximum.
RECOMMENDED LAND PATTERNS
AB
C
D
0.900
0.300
0.300
0.500
0.035
0.012
0.012
0.020
1.800
0.500
0.400
0.670
0.071
0.020
0.016
0.026
1.800
0.500
0.300
0.500
0.071
0.020
0.012
0.020
1.800
0.500
0.300
0.500
0.071
0.020
0.012
0.020
1.800
0.500
0.300
0.500
0.071
0.020
0.012
0.020
2.600
0.800
0.450
0.800
0.102
0.031
0.018
0.031
3.000
1.000
0.650
1.270
0.118
0.039
0.026
0.050
4.200
2.200
0.650
1.270
0.165
0.087
0.026
0.050
3.900
2.100
0.900
1.270
0.154
0.083
0.035
0.050
2.600
0.800
0.350
0.640
0.102
0.031
0.014
0.025
SERIES
DIMENSIONS [mm/in]
740
741X043
741X083
741C083
741X163
742
743
744
745
746


Numéro de pièce similaire - 741X043

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
741X043 ETC1-741X043 Datasheet
644Kb / 4P
   THICK FILM CHIP RESISTORS ARRAYS
logo
CTS Corporation
741X043 CTS-741X043 Datasheet
156Kb / 5P
   Chip Resistor Arrays
741X043 CTS-741X043 Datasheet
182Kb / 4P
   Low Cost
741X043100FP CTS-741X043100FP Datasheet
216Kb / 5P
   Chip Resistor Arrays
741X043100FP CTS-741X043100FP Datasheet
156Kb / 5P
   Chip Resistor Arrays
More results

Description similaire - 741X043

FabricantNo de pièceFiches techniqueDescription
logo
CTS Corporation
740X043 CTS-740X043 Datasheet
156Kb / 5P
   Chip Resistor Arrays
744C083821JP CTS-744C083821JP Datasheet
182Kb / 4P
   Chip Resistor Arrays
746X101103J CTS-746X101103J Datasheet
182Kb / 4P
   Chip Resistor Arrays
logo
AVX Corporation
CRB3A4E472JT AVX-CRB3A4E472JT Datasheet
107Kb / 6P
   Chip Resistor Arrays
logo
Welwyn Components Limit...
WNCR WELWYN-WNCR Datasheet
144Kb / 2P
   Chip Resistor Arrays
logo
TT Electronics.
BCN TTELEC-BCN Datasheet
598Kb / 9P
   Chip Resistor Arrays
logo
Bourns Electronic Solut...
CAT16-182J4LF BOURNS-CAT16-182J4LF Datasheet
535Kb / 3P
   Chip Resistor Arrays
logo
CTS Corporation
741 CTS-741 Datasheet
216Kb / 5P
   Chip Resistor Arrays
logo
Bourns Electronic Solut...
CAT16 BOURNS-CAT16 Datasheet
320Kb / 4P
   Chip Resistor Arrays
logo
CTS Corporation
742C083102JP CTS-742C083102JP Datasheet
185Kb / 4P
   Chip Resistor Arrays
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com