Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVC1G240DCKTG4 Fiches technique(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
No de pièce 74LVC1G240DCKTG4
Description  Single Buffer/Driver With 3-State Output
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

74LVC1G240DCKTG4 Fiches technique(HTML) 1 Page - Texas Instruments

  74LVC1G240DCKTG4 Datasheet HTML 1Page - Texas Instruments 74LVC1G240DCKTG4 Datasheet HTML 2Page - Texas Instruments 74LVC1G240DCKTG4 Datasheet HTML 3Page - Texas Instruments 74LVC1G240DCKTG4 Datasheet HTML 4Page - Texas Instruments 74LVC1G240DCKTG4 Datasheet HTML 5Page - Texas Instruments 74LVC1G240DCKTG4 Datasheet HTML 6Page - Texas Instruments 74LVC1G240DCKTG4 Datasheet HTML 7Page - Texas Instruments 74LVC1G240DCKTG4 Datasheet HTML 8Page - Texas Instruments 74LVC1G240DCKTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
See mechanical drawings for dimensions.
DBV PACKAGE
(TOP VIEW)
5
1
V
CC
OE
2
A
3
4
GND
Y
DCK PACKAGE
(TOP VIEW)
2
A
3
4
GND
V
CC
5
OE
Y
1
YZP PACKAGE
(BOTTOM VIEW)
2
A
V
CC
1 5
OE
GND
4
3
Y
DRY PACKAGE
(TOP VIEW)
A
N.C.
OE
6
5
4
2
3
GND
Y
VCC
1
OE
GND
DSF PACKAGE
(TOP VIEW)
A
V
CC
Y
N.C.
6
5
4
2
3
1
SN74LVC1G240
www.ti.com
SCES305L – JANUARY 2001 – REVISED DECEMBER 2013
Single Buffer/Driver With 3-State Output
Check for Samples: SN74LVC1G240
1
FEATURES
DESCRIPTION
This single buffer/driver is designed for 1.65-V to 5.5-
2
Available in the Texas Instruments NanoFree™
V VCC operation.
Package
The SN74LVC1G240 is a single line driver with a 3-
Supports 5-V VCC Operation
state output. The output is disabled when the output-
Inputs Accept Voltages to 5.5 V
enable (OE) input is high.
Provides Down Translation to VCC
NanoFree™
package
technology
is
a
major
Max tpd of 3.7 ns at 3.3 V
breakthrough in IC packaging concepts, using the die
Low Power Consumption, 10-
μA Max ICC
as the package.
±24-mA Output Drive at 3.3 V
To ensure the high-impedance state during power up
Ioff Supports Live Insertion, Partial-Power-
or power down, OE should be tied to VCC through a
Down Mode, and Back Drive Protection
pullup resistor; the minimum value of the resistor is
determined by the current-sinking capability of the
Latch-Up Performance Exceeds 100 mA Per
driver.
JESD 78, Class II
This device is fully specified for partial-power-down
ESD Protection Exceeds JESD 22
applications using Ioff. The Ioff circuitry disables the
2000-V Human-Body Model (A114-A)
outputs,
preventing
damaging
current
backflow
200-V Machine Model (A115-A)
through the device when it is powered down.
1000-V Charged-Device Model (C101)
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
NanoFree is a trademark of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Copyright © 2001–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Numéro de pièce similaire - 74LVC1G240DCKTG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
74LVC1G240DCKTG4 TI-74LVC1G240DCKTG4 Datasheet
494Kb / 14P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
More results

Description similaire - 74LVC1G240DCKTG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AUC1G240 TI-SN74AUC1G240_10 Datasheet
476Kb / 13P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
SN74LVC1G240 TI-SN74LVC1G240 Datasheet
331Kb / 13P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
SN74AUC1G240 TI-SN74AUC1G240 Datasheet
487Kb / 13P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
SN74LVC1G240 TI-SN74LVC1G240_08 Datasheet
494Kb / 14P
[Old version datasheet]   SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
SN74AUP1G240 TI-SN74AUP1G240 Datasheet
508Kb / 17P
[Old version datasheet]   LOW-POWER SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
SN74AUP1G240 TI-SN74AUP1G240_10 Datasheet
838Kb / 21P
[Old version datasheet]   LOW-POWER SINGLE BUFFER/DRIVER WITH 3-STATE OUTPUT
logo
Renesas Technology Corp
HD74AC367 RENESAS-HD74AC367 Datasheet
217Kb / 8P
   Hex Buffer/Driver with 3-State Output
logo
Hitachi Semiconductor
HD74AC365 HITACHI-HD74AC365 Datasheet
53Kb / 8P
   Hex Buffer/Driver with 3-State Output
logo
Renesas Technology Corp
HD74AC365 RENESAS-HD74AC365 Datasheet
91Kb / 6P
   Hex Buffer/Driver with 3-State Output
logo
Hitachi Semiconductor
HD74AC367 HITACHI-HD74AC367 Datasheet
53Kb / 8P
   Hex Buffer/Driver with 3-State Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com