Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM317-N Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM317-N
Description  Wide Temperature Three-Pin Adjustable Regulator
Download  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM317-N Fiches technique(HTML) 7 Page - Texas Instruments

Back Button LM317-N Datasheet HTML 3Page - Texas Instruments LM317-N Datasheet HTML 4Page - Texas Instruments LM317-N Datasheet HTML 5Page - Texas Instruments LM317-N Datasheet HTML 6Page - Texas Instruments LM317-N Datasheet HTML 7Page - Texas Instruments LM317-N Datasheet HTML 8Page - Texas Instruments LM317-N Datasheet HTML 9Page - Texas Instruments LM317-N Datasheet HTML 10Page - Texas Instruments LM317-N Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 48 page
background image
LM117, LM317-N
www.ti.com
SNVS774P – MAY 2004 – REVISED OCTOBER 2015
7.7 LM317-N Electrical Characteristics
(1)
Some specifications apply over full Operating Temperature Range as noted. Unless otherwise specified, TJ = 25°C, VIN
VOUT = 5 V, and IOUT = 10 mA.
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
TJ = 25°C
1.25
V
3 V
≤ (VIN − VOUT) ≤ 40 V,
Reference voltage
10 mA
≤ IOUT ≤ IMAX
(1) (over Full Operating Temperature
1.2
1.25
1.3
V
Range)
TJ = 25°C
0.01
0.04
Line regulation
3V
≤ (VIN − VOUT) ≤ 40 V
(2)
%/V
(over full operating
0.02
0.07
temperature range)
TJ = 25°C
0.1%
0.5%
Load regulation
10 mA
≤ IOUT ≤ IMAX
(1) (2)
(over full operating
0.3%
1.5%
temperature range)
Thermal regulation
20-ms pulse
0.04
0.07
%/W
Adjustment pin current
(over full operating temperature range)
50
100
μA
10 mA
≤ IOUT ≤ IMAX
(1)
(over full operating
Adjustment pin current change
0.2
5
μA
3V
≤ (VIN − VOUT) ≤ 40V
temperature range)
(over full operating
Temperature stability
TMIN ≤ TJ ≤ TMAX
1%
temperature range)
(over full operating
Minimum load current
(VIN − VOUT) = 40 V
3.5
10
mA
temperature range)
TO-3, TO-263 Packages
(over full operating
1.5
2.2
3.4
temperature range)
SOT-223, TO-220
Packages (over full
(VIN − VOUT) ≤ 15 V
1.5
2.2
3.4
A
operating temperature
range)
Current limit
TO, TO-252 Package (over
full operating temperature
0.5
0.8
1.8
range)
TO-3, TO-263 packages
0.15
0.4
(VIN − VOUT) = 40 V
SOT-223, TO-220 packages
0.15
0.4
A
TO, TO-252 package
0.075
0.2
RMS output noise, % of VOUT
10 Hz
≤ f ≤ 10 kHz
0.003%
VOUT = 10 V, f = 120 Hz, CADJ = 0 μF (over full operating
65
dB
temperature range)
Ripple rejection ratio
VOUT = 10V, f = 120 Hz, CADJ = 10 μF (over full operating
66
80
dB
temperature range)
Long-term stability
TJ = 125°C, 1000 hrs
0.3%
1%
(1)
IMAX = 1.5 A for the NDS (TO-3), NDE (TO-220), and KTT (TO-263) packages. IMAX = 1.0 A for the DCY (SOT-223) package.
IMAX = 0.5 A for the NDT (TO) and NDP (TO-252) packages. Device power dissipation (PD) is limited by ambient temperature (TA),
device maximum junction temperature (TJ), and package thermal resistance (θJA). The maximum allowable power dissipation at any
temperature is : PD(MAX) = ((TJ(MAX) – TA) / θJA). All Min. and Max. limits are ensured to TI's Average Outgoing Quality Level (AOQL).
(2)
Regulation is measured at a constant junction temperature, using pulse testing with a low duty cycle. Changes in output voltage due to
heating effects are covered under the specifications for thermal regulation.
Copyright © 2004–2015, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM117 LM317-N


Numéro de pièce similaire - LM317-N

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM317-N TI-LM317-N Datasheet
5Mb / 51P
[Old version datasheet]   LM117, LM317-N Wide Temperature Three-Pin Adjustable Regulator
LM317-N-MIL TI1-LM317-N-MIL Datasheet
4Mb / 39P
[Old version datasheet]   Wide Temperature Three-Pin Adjustable Regulator
More results

Description similaire - LM317-N

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM317-N-MIL TI1-LM317-N-MIL Datasheet
4Mb / 39P
[Old version datasheet]   Wide Temperature Three-Pin Adjustable Regulator
LM117 TI-LM117_V01 Datasheet
5Mb / 51P
[Old version datasheet]   LM117, LM317-N Wide Temperature Three-Pin Adjustable Regulator
logo
Skyworks Solutions Inc.
AAT2503 SKYWORKS-AAT2503 Datasheet
1Mb / 22P
   Adjustable Three-Channel Regulator
AAT2504 SKYWORKS-AAT2504 Datasheet
1Mb / 21P
   Adjustable Three-Channel Regulator
logo
Guangdong Kexin Industr...
LM317LF KEXIN-LM317LF Datasheet
1Mb / 4P
   Three-Terminal Adjustable Regulator
logo
Estek Electronics Co. L...
ET431 ESTEK-ET431 Datasheet
197Kb / 3P
   three-terminal adjustable regulator
logo
Guangdong Kexin Industr...
LM317LFR KEXIN-LM317LFR Datasheet
1Mb / 4P
   Three-Terminal Adjustable Regulator
logo
ON Semiconductor
LM337 ONSEMI-LM337 Datasheet
172Kb / 8P
   THREE-TERMINAL ADJUSTABLE NEGATIVE VOLTAGE REGULATOR
1996 Rev 1
logo
Texas Instruments
LM117HV TI1-LM117HV_16 Datasheet
2Mb / 28P
[Old version datasheet]   High Voltage Three-Terminal Adjustable Regulator
logo
National Semiconductor ...
MDLM117-H NSC-MDLM117-H Datasheet
58Kb / 7P
   POSITIVE THREE TERMINAL ADJUSTABLE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com