Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CD30D22HF-100MC Fiches technique(PDF) 2 Page - Sumida Corporation

No de pièce CD30D22HF-100MC
Description  SMD Power Inductor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SUMIDA [Sumida Corporation]
Site Internet  http://www.sumida.com
Logo SUMIDA - Sumida Corporation

CD30D22HF-100MC Fiches technique(HTML) 2 Page - Sumida Corporation

  CD30D22HF-100MC Datasheet HTML 1Page - Sumida Corporation CD30D22HF-100MC Datasheet HTML 2Page - Sumida Corporation CD30D22HF-100MC Datasheet HTML 3Page - Sumida Corporation CD30D22HF-100MC Datasheet HTML 4Page - Sumida Corporation CD30D22HF-100MC Datasheet HTML 5Page - Sumida Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Page 2 of 5
Revised: 30-Jul-15
SMD
SMD
SMD
SMD Power Inductor
Power Inductor
Power Inductor
Power Inductor
CD30D22
Electrical Characteristics
※1 Measuring frequency: 100 kHz 1V
※2 Saturation current: This indicates the value of D.C. current when the inductance becomes 10% lower than its
initial value.
※3 Temperature rise current: The actual value of D.C. current when the temperature of coil becomes △T=40℃
(Ta
=20℃).
0.19
0.23 (0.29)
5.94 (4.95)
220
±20%
Y
CD30D22HF-221MC
0.22
0.26 (0.33)
4.62 (3.85)
150
±20%
X
CD30D22HF-151MC
0.30
0.33 (0.41)
2.79 (2.32)
100
±20%
V
CD30D22HF-101MC
0.37
0.41 (0.51)
1.82 (1.51)
68
±20%
U
CD30D22HF-680MC
0.39
0.49 (0.62)
1.23 (980m)
47
±20%
T
CD30D22HF-470MC
0.48
0.51 (0.64)
1.07 (851m)
39
±20%
S
CD30D22HF-390MC
0.49
0.57 (0.71)
915m (732m)
33
±20%
R
CD30D22HF-330MC
0.58
0.65 (0.81)
730m (584m)
27
±20%
Q
CD30D22HF-270MC
0.66
0.69 (0.86)
643m (514m)
22
±20%
P
CD30D22HF-220MC
0.70
0.80 (1.00)
507m (405m)
18
±20%
N
CD30D22HF-180MC
0.83
0.83 (1.04)
388m (310m)
15
±20%
M
CD30D22HF-150MC
0.91
0.96 (1.20)
338m (270m)
12
±20%
L
CD30D22HF-120MC
0.95
1.02 (1.28)
313m (250m)
10
±20%
K
CD30D22HF-100MC
0.97
1.14 (1.42)
265m (212m)
8.2
±20%
J
CD30D22HF-8R2MC
1.28
1.28 (1.60)
172m (137m)
6.8
±20%
H
CD30D22HF-6R8MC
1.35
1.36 (1.70)
153m (122m)
5.6
±20%
G
CD30D22HF-5R6MC
1.42
1.49 (1.86)
140m (112m)
4.7
±20%
F
CD30D22HF-4R7MC
1.56
1.76 (2.20)
111m (88.7m)
3.3
±20%
E
CD30D22HF-3R3MC
2.00
2.08 (2.60)
69.4m (55.5m)
2.2
±20%
D
CD30D22HF-2R2MC
3.00
2.80 (3.50)
48.7m (38.9m)
1.5
±20%
C
CD30D22HF-1R5MC
3.46
3.36 (4.20)
35.9m (28.7m)
1.0
±20%
B
CD30D22HF-1R0MC
Temperature
rise current
(A)
※3
Saturation current
(
A) [Max.]
(Typ.)
(at 25
℃) ※2
D.C.R. (
Ω)
[Max.]
(Typ.)
(at 25
℃)
Inductance
[
μH][Within]
※1
Stamp
Part No.


Numéro de pièce similaire - CD30D22HF-100MC

FabricantNo de pièceFiches techniqueDescription
logo
celduc-relais
CD30 CELDUC-CD30 Datasheet
54Kb / 2P
   REED SWITCH DRY CONTACT CHANGEOVER
logo
Continental Device Indi...
CD3001 CDIL-CD3001 Datasheet
169Kb / 3P
   NPN SILICON PLANAR EPITAXIAL TRANSISTOR
logo
celduc-relais
CD30060100 CELDUC-CD30060100 Datasheet
54Kb / 2P
   REED SWITCH DRY CONTACT CHANGEOVER
logo
Compensated Deuices Inc...
CD3016B CDI-DIODE-CD3016B Datasheet
113Kb / 2P
   1 WATT CAPABILITY WITH PROPER HEAT SINKING
CD3017B CDI-DIODE-CD3017B Datasheet
113Kb / 2P
   1 WATT CAPABILITY WITH PROPER HEAT SINKING
More results

Description similaire - CD30D22HF-100MC

FabricantNo de pièceFiches techniqueDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
CDR10D48MN SUMIDA-CDR10D48MN_13 Datasheet
156Kb / 5P
   SMD Power Inductor
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com