Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ST16C452IJ68 Fiches technique(PDF) 9 Page - Exar Corporation

No de pièce ST16C452IJ68
Description  DUAL UART WITH PARALLEL PRINTER PORT
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  EXAR [Exar Corporation]
Site Internet  http://www.exar.com
Logo EXAR - Exar Corporation

ST16C452IJ68 Fiches technique(HTML) 9 Page - Exar Corporation

Back Button ST16C452IJ68 Datasheet HTML 5Page - Exar Corporation ST16C452IJ68 Datasheet HTML 6Page - Exar Corporation ST16C452IJ68 Datasheet HTML 7Page - Exar Corporation ST16C452IJ68 Datasheet HTML 8Page - Exar Corporation ST16C452IJ68 Datasheet HTML 9Page - Exar Corporation ST16C452IJ68 Datasheet HTML 10Page - Exar Corporation ST16C452IJ68 Datasheet HTML 11Page - Exar Corporation ST16C452IJ68 Datasheet HTML 12Page - Exar Corporation ST16C452IJ68 Datasheet HTML 13Page - Exar Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
9
ST16C452/452PS
Rev. 3.20
Table 4, INTERNAL REGISTER DECODE
A2
A1
A0
READMODE
WRITE MODE
General Register Set (THR/RHR, IER/ISR, MCR/MSR, LCR/LSR, SPR): Note 1*
0
0
0
Receive Holding Register
Transmit Holding Register
0
0
1
Interrupt Enable Register
0
1
0
Interrupt Status Register
0
1
1
Line Control Register
1
0
0
Modem Control Register
1
0
1
Line Status Register
1
1
0
Modem Status Register
1
1
1
Scratchpad Register
Scratchpad Register
Baud Rate Register Set (DLL/DLM): Note *2
0
0
0
LSB of Divisor Latch
LSB of Divisor Latch
0
0
1
MSB of Divisor Latch
MSB of Divisor Latch
Printer Port Set (PR/SR/IOSEL/COM/CON): Note *3
X
0
0
PORT REGISTER
PORT REGISTER
X
0
1
STATUS REGISTER
I/O SELECT REGISTER
X
1
0
COMMAND REGISTER
CONTROL REGISTER
Note 1* The General Register set is accessible only when CS A or CS B is a logic 0.
Note 2* The Baud Rate register set is accessible only when CS A or CS B is a logic 0 and LCR bit-7 is a logic 1.
Note 3*: Printer Port Register set is accessible only when -CSP is a logic 0 in conjunction with the states of the
interface signal BIDEN and Printer Control Register bit-5 or IOSEL register.
Programmable Baud Rate Generator
The 452/452PS supports high speed modem technolo-
gies that have increased input data rates by employing
data compression schemes. For example a 33.6Kbps
modem that employs data compression may require a
115.2Kbps input data rate. A 128.0Kbps ISDN modem
that supports data compression may need an input data
rate of 460.8Kbps. The 452/452PS can support a
standard data rate of 921.6Kbps.
Single baud rate generator is provided for the transmitter
and receiver, allowing independent TX/RX channel con-
trol. The programmable Baud Rate Generator is capable
of accepting an input clock up to 24 MHz, as required
for supporting a 1.5Mbps data rate. The 452/452PS
requires that an external clock source be connected to
the CLK input pin to clock the internal baud rate
generator for standard or custom rates. (see Baud Rate
Generator Programming below).


Numéro de pièce similaire - ST16C452IJ68

FabricantNo de pièceFiches techniqueDescription
logo
Exar Corporation
ST16C452IJ68 EXAR-ST16C452IJ68 Datasheet
164Kb / 30P
   DUAL UART WITH PARALLEL PRINTER PORT
ST16C452IJ68PS EXAR-ST16C452IJ68PS Datasheet
164Kb / 30P
   DUAL UART WITH PARALLEL PRINTER PORT
More results

Description similaire - ST16C452IJ68

FabricantNo de pièceFiches techniqueDescription
logo
Exar Corporation
ST16C452CJ68PS-F EXAR-ST16C452CJ68PS-F Datasheet
164Kb / 30P
   DUAL UART WITH PARALLEL PRINTER PORT
ST16C552 EXAR-ST16C552 Datasheet
222Kb / 39P
   DUAL UART WITH 16-BYTE FIFO AND PARALLEL PRINTER PORT
logo
IMP, Inc
IMP16C552 IMP-IMP16C552 Datasheet
783Kb / 34P
   Dual Universal Asynchronous Receiver/Transmitter (UART) with 16-BYTE FIFO & Parallel Printer Port
logo
List of Unclassifed Man...
NM9835 ETC-NM9835 Datasheet
135Kb / 23P
   PCI Dual UART and 1284 Printer Port
logo
Texas Instruments
TL16PIR552 TI-TL16PIR552 Datasheet
699Kb / 52P
[Old version datasheet]   DUAL UART WITH DUAL IrDA AND 1284 PARALLEL PORT
logo
IMP, Inc
EI16C552 IMP-EI16C552 Datasheet
23Kb / 2P
   Dual FIFO UART and Parallel Port
logo
A1 PROs co., Ltd.
EI16C552 A1PROS-EI16C552 Datasheet
29Kb / 2P
   Dual FIFO UART and Parallel Port
logo
Exar Corporation
ST78C34 EXAR-ST78C34 Datasheet
198Kb / 21P
   GENERAL PURPOSE PARALLEL PRINTER PORT WITH 83 BYTE FIFO
ST78C36 EXAR-ST78C36_05 Datasheet
636Kb / 28P
   ECP/EPP PARALLEL PRINTER PORT WITH 16-BYTE FIFO
ST78C36 EXAR-ST78C36 Datasheet
133Kb / 26P
   ECP/EPP PARALLEL PRINTER PORT WITH 16-BYTE FIFO
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com