Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74HC08PWLE Fiches technique(PDF) 5 Page - Texas Instruments

No de pièce SN74HC08PWLE
Description  SNx4HC08 Quadruple 2-Input Positive-AND Gates
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SN74HC08PWLE Fiches technique(HTML) 5 Page - Texas Instruments

  SN74HC08PWLE Datasheet HTML 1Page - Texas Instruments SN74HC08PWLE Datasheet HTML 2Page - Texas Instruments SN74HC08PWLE Datasheet HTML 3Page - Texas Instruments SN74HC08PWLE Datasheet HTML 4Page - Texas Instruments SN74HC08PWLE Datasheet HTML 5Page - Texas Instruments SN74HC08PWLE Datasheet HTML 6Page - Texas Instruments SN74HC08PWLE Datasheet HTML 7Page - Texas Instruments SN74HC08PWLE Datasheet HTML 8Page - Texas Instruments SN74HC08PWLE Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 29 page
background image
5
SN54HC08, SN74HC08
www.ti.com
SCLS081G – DECEMBER 1982 – REVISED JUNE 2016
Product Folder Links: SN54HC08 SN74HC08
Submit Documentation Feedback
Copyright © 1982–2016, Texas Instruments Incorporated
(1)
For more information about traditional and new thermal metrics, see the Semiconductor and IC Package Thermal Metrics application
report, SPRA953.
6.4 Thermal Information
THERMAL METRIC(1)
SN74HC08
UNIT
D
(SOIC)
DB
(SSOP)
N
(CFP)
NS
(SO)
PW
(TSSOP)
14 PINS
14 PINS
14 PINS
14 PINS
14 PINS
RθJA
Junction-to-ambient thermal resistance
92.5
106.8
56.5
89.9
121.2
°C/W
RθJC(top)
Junction-to-case (top) thermal resistance
52.4
58.8
43.7
47.7
49.8
°C/W
RθJB
Junction-to-board thermal resistance
46.7
54.2
36.3
48.7
62.9
°C/W
ψJT
Junction-to-top characterization parameter
19.4
23.8
28.4
17.6
6
°C/W
ψJB
Junction-to-board characterization parameter
46.5
53.7
36.2
48.4
62.3
°C/W
6.5 Electrical Characteristics: SN54HC08
TA = 25°C (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VOH
High-level output voltage
VI = VIH or VIL
IOH = –20 µA
VCC = 2 V
1.9
1.998
V
VCC = 4.5 V
4.4
4.499
VCC = 6 V
5.9
5.999
IOH = –4 mA,
VCC = 4.5 V
TA = 25°C
3.98
4.3
TA = –55°C to 125°C
3.7
IOH = –5.2 mA,
VCC = 6 V
TA = 25°C
5.48
5.8
TA = –55°C to 125°C
5.2
VOL
Low-level output voltage
VI = VIH or VIL
IOL = 20 µA
VCC = 2 V
0.002
0.1
V
VCC = 4.5 V
0.001
0.1
VCC = 6 V
0.001
0.1
IOL = 4 mA,
VCC = 4.5 V
TA = 25°C
0.17
0.26
TA = –55°C to 125°C
0.4
IOL = 5.2 mA,
VCC = 6 V
TA = 25°C
0.15
0.26
TA = –55°C to 125°C
0.4
II
Input current
VI = VCC or 0, VCC = 6 V
TA = 25°C
±0.1
±100
nA
TA = –55°C to 125°C
±1000
ICC
Quiescent current
VI = VCC or 0, IO = 0, VCC = 6 V
TA = 25°C
2
µA
TA = –55°C to 125°C
40
Ci
Input capacitance
VCC = 2 V to 6 V
3
10
pF


Numéro de pièce similaire - SN74HC08PWLE

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74HC08PWLE TI-SN74HC08PWLE Datasheet
568Kb / 16P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
More results

Description similaire - SN74HC08PWLE

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN54HC08 TI-SN54HC08 Datasheet
77Kb / 14P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54LVC08A TI-SN54LVC08A Datasheet
111Kb / 8P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54AHCT08 TI-SN54AHCT08_10 Datasheet
900Kb / 22P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN5408 TI-SN5408 Datasheet
625Kb / 16P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
CD54ACT08 TI-CD54ACT08 Datasheet
302Kb / 9P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54AHC08 TI-SN54AHC08_10 Datasheet
771Kb / 20P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54ACT08 TI-SN54ACT08_10 Datasheet
658Kb / 17P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
SN54LVC08A TI1-SN54LVC08A_17 Datasheet
1Mb / 32P
[Old version datasheet]   Quadruple 2-Input Positive-AND Gates
CD54ACT08 TI1-CD54ACT08_14 Datasheet
871Kb / 13P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-AND GATES
logo
Renesas Technology Corp
HD74LS08 RENESAS-HD74LS08 Datasheet
65Kb / 6P
   Quadruple 2-Input Positive AND Gates
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com