Moteur de recherche de fiches techniques de composants électroniques |
|
SN74CB3T3253PWR Fiches technique(PDF) 4 Page - Texas Instruments |
|
|
SN74CB3T3253PWR Fiches technique(HTML) 4 Page - Texas Instruments |
4 / 20 page www.ti.com Absolute Maximum Ratings (1) Recommended Operating Conditions (1) SN74CB3T3253 DUAL 1-OF-4 FET MULTIPLEXER/DEMULTIPLEXER 2.5-V/3.3-V LOW-VOLTAGE BUS SWITCH WITH 5-V TOLERANT LEVEL SHIFTER SCDS148 – OCTOBER 2003 – REVISED JUNE 2005 over operating free-air temperature range (unless otherwise noted) MIN MAX UNIT VCC Supply voltage range(2) –0.5 7 V VIN Control input voltage range(2)(3) –0.5 7 V VI/O Switch I/O voltage range(2)(3)(4) –0.5 7 V IIK Control input clamp current VIN < 0 –50 mA II/OK I/O port clamp current VI/O < 0 –50 mA II/O ON-state switch current(5) ±128 mA Continuous current through VCC or GND ±100 mA D package 73 DBQ package 90 θ JA Package thermal impedance(6) °C/W DGV package 120 PW package 108 Tstg Storage temperature range –65 150 °C (1) Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability. (2) All voltages are with respect to ground, unless otherwise specified. (3) The input and output voltage ratings may be exceeded if the input and output clamp-current ratings are observed. (4) VI and VO are used to denote specific conditions for VI/O. (5) II and IO are used to denote specific conditions for II/O. (6) The package thermal impedance is calculated in accordance with JESD 51-7. MIN MAX UNIT VCC Supply voltage 2.3 3.6 V VCC = 2.3 V to 2.7 V 1.7 5.5 VIH High-level control input voltage V VCC = 2.7 V to 3.6 V 2 5.5 VCC = 2.3 V to 2.7 V 0 0.7 VIL Low-level control input voltage V VCC = 2.7 V to 3.6 V 0 0.8 VI/O Data input/output voltage 0 5.5 V TA Operating free-air temperature –40 85 °C (1) All unused control inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report, Implications of Slow or Floating CMOS Inputs, literature number SCBA004. 4 |
Numéro de pièce similaire - SN74CB3T3253PWR |
|
Description similaire - SN74CB3T3253PWR |