Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74ALS29821 Fiches technique(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74ALS29821
Description  10-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ALS29821 Fiches technique(HTML) 2 Page - Texas Instruments

  SN74ALS29821 Datasheet HTML 1Page - Texas Instruments SN74ALS29821 Datasheet HTML 2Page - Texas Instruments SN74ALS29821 Datasheet HTML 3Page - Texas Instruments SN74ALS29821 Datasheet HTML 4Page - Texas Instruments SN74ALS29821 Datasheet HTML 5Page - Texas Instruments SN74ALS29821 Datasheet HTML 6Page - Texas Instruments SN74ALS29821 Datasheet HTML 7Page - Texas Instruments SN74ALS29821 Datasheet HTML 8Page - Texas Instruments SN74ALS29821 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
SN54ALS29821, SN74ALS29821
10BIT BUSINTERFACE FLIPFLOPS
WITH 3STATE OUTPUTS
SDAS145B − JANUARY 1986 − REVISED JANUARY 1995
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
logic symbol
6Q
18
7Q
17
8Q
16
9Q
15
10Q
14
7
6D
8
7D
9
8D
10
9D
EN
1
1Q
23
3
2D
4
3D
5
4D
6
5D
2Q
22
3Q
21
4Q
20
5Q
19
13
CLK
OE
11
10D
C1
1D
2
1D
† This symbol is in accordance with ANSI/IEEE Std 91-1984 and IEC Publication 617-12.
logic diagram (positive logic)
1D
OE
2
1
13
1Q
23
CLK
1D
To Nine Other Channels
C1
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI
5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage applied to a disabled 3-state output
5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA: SN54ALS29821
−55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . .
SN74ALS29821
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
‡ Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.


Numéro de pièce similaire - SN74ALS29821

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74ALS29821 TI-SN74ALS29821 Datasheet
89Kb / 6P
[Old version datasheet]   10-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN74ALS29821DW TI-SN74ALS29821DW Datasheet
89Kb / 6P
[Old version datasheet]   10-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN74ALS29821NT TI-SN74ALS29821NT Datasheet
89Kb / 6P
[Old version datasheet]   10-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results

Description similaire - SN74ALS29821

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN54ABT821 TI-SN54ABT821 Datasheet
108Kb / 7P
[Old version datasheet]   10-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AS821A TI1-SN54AS821A_15 Datasheet
254Kb / 11P
[Old version datasheet]   10-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AS821A TI-SN54AS821A Datasheet
92Kb / 6P
[Old version datasheet]   10-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN74AS1821 TI1-SN74AS1821 Datasheet
55Kb / 5P
[Old version datasheet]   10-BIT BUS INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AS821 TI-SN54AS821 Datasheet
86Kb / 6P
[Old version datasheet]   10-BIT BUS INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ABT821 TI1-SN54ABT821_15 Datasheet
587Kb / 15P
[Old version datasheet]   10-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54ALS29821 TI-SN54ALS29821 Datasheet
89Kb / 6P
[Old version datasheet]   10-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
74ACT11821 TI1-74ACT11821 Datasheet
124Kb / 7P
[Old version datasheet]   10-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AS823A TI-SN54AS823A Datasheet
112Kb / 7P
[Old version datasheet]   9-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
SN54AS825A TI-SN54AS825A Datasheet
106Kb / 7P
[Old version datasheet]   8-BIT BUS-INTERFACE FLIP-FLOPS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com