Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74ALS996DWR Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74ALS996DWR
Description  8-BIT D-TYPE EDGE-TRIGGERED READ-BACK LATCHES
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ALS996DWR Fiches technique(HTML) 3 Page - Texas Instruments

  SN74ALS996DWR Datasheet HTML 1Page - Texas Instruments SN74ALS996DWR Datasheet HTML 2Page - Texas Instruments SN74ALS996DWR Datasheet HTML 3Page - Texas Instruments SN74ALS996DWR Datasheet HTML 4Page - Texas Instruments SN74ALS996DWR Datasheet HTML 5Page - Texas Instruments SN74ALS996DWR Datasheet HTML 6Page - Texas Instruments SN74ALS996DWR Datasheet HTML 7Page - Texas Instruments SN74ALS996DWR Datasheet HTML 8Page - Texas Instruments SN74ALS996DWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
SN54ALS996, SN74ALS996
8BIT DTYPE EDGETRIGGERED READBACK LATCHES
SDAS098B − OCTOBER 1984 − REVISED JANUARY 1995
2−3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
timing diagram
(T/C = H)
CLR
D
EN
RD
Q
OE
Async
Clear
Write
Input Data
Output
CLK
Read-Back Data
Output Data
Read
Back
tsu
th
tw
tsu
tdis
tdis
tdis
tp
th†
ten
ten
ten
† This hold time ensures that the read-back circuit will not create a conflict on the input data bus.
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI (OE, RD, EN, CLK, CLR, and T/C)
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Voltage applied to D inputs and to disabled 3-state outputs
5.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA: SN54ALS996
−55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
SN74ALS996
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
‡ Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.


Numéro de pièce similaire - SN74ALS996DWR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74ALS996DW TI-SN74ALS996DW Datasheet
133Kb / 9P
[Old version datasheet]   8-BIT D-TYPE EDGE-TRIGGERED READ-BACK LATCHES
More results

Description similaire - SN74ALS996DWR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN54ALS996 TI-SN54ALS996 Datasheet
133Kb / 9P
[Old version datasheet]   8-BIT D-TYPE EDGE-TRIGGERED READ-BACK LATCHES
SN74ALS666 TI-SN74ALS666 Datasheet
125Kb / 8P
[Old version datasheet]   8-BIT D-TYPE TRANSPARENT READ-BACK LATCHES WITH 3-STATE OUTPUTS
SN74ALS666 TI1-SN74ALS666_15 Datasheet
260Kb / 12P
[Old version datasheet]   8-BIT D-TYPE TRANSPARENT READ-BACK LATCHES WITH 3-STATE OUTPUTS
SN74ALS990 TI1-SN74ALS990_16 Datasheet
837Kb / 14P
[Old version datasheet]   8-BIT D-TYPE TRANSPARENT READ-BACK LATCH
SN74ALS990 TI-SN74ALS990 Datasheet
92Kb / 6P
[Old version datasheet]   8-BIT D-TYPE TRANSPARENT READ-BACK LATCH
logo
National Semiconductor ...
DM74ALS996 NSC-DM74ALS996 Datasheet
225Kb / 5P
   Octal D-Type Edge-Triggered Readback Latches
logo
Texas Instruments
SN74ALS994 TI-SN74ALS994 Datasheet
102Kb / 7P
[Old version datasheet]   10-BIT D-TYPE TRANSPARENT READ-BACK LATCH
SN74LS373 TI-SN74LS373_07 Datasheet
694Kb / 28P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES AND EDGE-TRIGGERED FLIP-FLOPS
SN54BCT374 TI-SN54BCT374_07 Datasheet
565Kb / 17P
[Old version datasheet]   OCTAL EDGE-TRIGGERED D-TYPE LATCHES WITH 3-STATE OUTPUTS
SN74S374 TI-SN74S374 Datasheet
242Kb / 10P
[Old version datasheet]   OCTAL D-TYPE TRANSPARENT LATCHES AND EDGE-TRIGGERED FLIP-FLOPS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com