Moteur de recherche de fiches techniques de composants électroniques |
|
SN74CBTS3306PWR Fiches technique(PDF) 3 Page - Texas Instruments |
|
|
SN74CBTS3306PWR Fiches technique(HTML) 3 Page - Texas Instruments |
3 / 13 page SN74CBTS3306 DUAL FET BUS SWITCH WITH SCHOTTKY DIODE CLAMPING SCDS029I − JANUARY 1996 − REVISED JANUARY 2004 3 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 switching characteristics over recommended operating free-air temperature range, CL = 50 pF (unless otherwise noted) (see Figure 1) PARAMETER FROM (INPUT) TO (OUTPUT) VCC = 4 V VCC = 5 V ± 0.5 V UNIT PARAMETER (INPUT) (OUTPUT) MIN MAX MIN MAX UNIT tpd† A or B B or A 0.35 0.25 ns ten OE A or B 5.6 1.8 5 ns tdis OE A or B 4.6 1 4.3 ns † The propagation delay is the calculated RC time constant of the typical on-state resistance of the switch and the specified load capacitance, when driven by an ideal voltage source (zero output impedance). PARAMETER MEASUREMENT INFORMATION From Output Under Test CL = 50 pF (see Note A) LOAD CIRCUIT S1 7 V Open GND 500 Ω 500 Ω TEST tpd tPLZ/tPZL tPHZ/tPZH S1 Open 7 V 0pen tPLH tPHL Output Waveform 1 S1 at 7 V (see Note B) Output Waveform 2 S1 at Open (see Note B) VOL VOH tPZL tPZH tPLZ tPHZ 1.5 V 1.5 V 3 V 0 V 1.5 V 1.5 V VOH VOL 1.5 V VOL + 0.3 V 1.5 V VOH − 0.3 V 0 V Input 3.5 V VOLTAGE WAVEFORMS PROPAGATION DELAY TIMES VOLTAGE WAVEFORMS ENABLE AND DISABLE TIMES Output NOTES: A. CL includes probe and jig capacitance. B. Waveform 1 is for an output with internal conditions such that the output is low except when disabled by the output control. Waveform 2 is for an output with internal conditions such that the output is high except when disabled by the output control. C. All input pulses are supplied by generators having the following characteristics: PRR ≤ 10 MHz, ZO = 50 Ω, tr ≤ 2.5 ns, tf ≤ 2.5 ns. D. The outputs are measured one at a time with one transition per measurement. E. tPLZ and tPHZ are the same as tdis. F. tPZL and tPZH are the same as ten. G. tPHL and tPLH are the same as tpd. 3 V Output Control 0 V 1.5 V 1.5 V Figure 1. Load Circuit and Voltage Waveforms |
Numéro de pièce similaire - SN74CBTS3306PWR |
|
Description similaire - SN74CBTS3306PWR |