Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BZW04-28 Fiches technique(PDF) 2 Page - SUNMATE electronic Co., LTD

No de pièce BZW04-28
Description  AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODES
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SUNMATE [SUNMATE electronic Co., LTD]
Site Internet  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

BZW04-28 Fiches technique(HTML) 2 Page - SUNMATE electronic Co., LTD

  BZW04-28 Datasheet HTML 1Page - SUNMATE electronic Co., LTD BZW04-28 Datasheet HTML 2Page - SUNMATE electronic Co., LTD BZW04-28 Datasheet HTML 3Page - SUNMATE electronic Co., LTD BZW04-28 Datasheet HTML 4Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2 of 4
BZW04P5V8
6.45
7.48
10
5.80
1000
38.0
10.5
0.057
BZW04-5V8
6.45
7.14
10
5.80
1000
38.0
10.5
0.057
BZW04P6V4
7.13
8.25
10
6.40
500
35.4
11.3
0.061
BZW04-6V4
7.13
7.88
10
6.40
500
35.4
11.3
0.061
BZW04P7V0
7.79
9.02
10
7.02
200
33.0
12.1
0.065
BZW04-7V0
7.79
8.61
10
7.02
200
33.0
12.1
0.065
BZW04P7V8
8.65
10.0
1.0
7.78
50
30.0
13.4
0.068
BZW04-7V8
8.65
9.55
1.0
7.78
50
30.0
13.4
0.068
BZW04P8V5
9.50
11.0
1.0
8.55
10
27.6
14.5
0.073
BZW04-8V5
9.50
10.5
1.0
8.55
10
27.6
14.5
0.073
BZW04P9V4
10.5
12.1
1.0
9.40
5.0
25.7
15.6
0.075
BZW04-9V4
10.5
11.6
1.0
9.40
5.0
25.7
15.6
0.075
BZW04P10
11.4
13.2
1.0
10.2
5.0
24.0
16.7
0.078
BZW04-10
11.4
12.6
1.0
10.2
5.0
24.0
16.7
0.078
BZW04P11
12.4
14.3
1.0
11.1
5.0
22.0
18.2
0.081
BZW04-11
12.4
13.7
1.0
11.1
5.0
22.0
18.2
0.081
BZW04P13
14.3
16.5
1.0
12.8
5.0
19.0
21.2
0.084
BZW04-13
14.3
15.8
1.0
12.8
5.0
19.0
21.2
0.084
BZW04P14
15.2
17.6
1.0
13.6
5.0
17.8
22.5
0.086
BZW04-14
15.2
16.8
1.0
13.6
5.0
17.8
22.5
0.086
BZW04P15
17.1
19.8
1.0
15.3
5.0
16.0
25.2
0.088
BZW04-15
17.1
18.9
1.0
15.3
5.0
16.0
25.2
0.088
BZW04P17
19.0
22.0
1.0
17.1
5.0
14.5
27.7
0.090
BZW04-17
19.0
21.0
1.0
17.1
5.0
14.5
27.7
0.090
BZW04P19
20.9
24.2
1.0
18.8
5.0
13.0
30.6
0.092
BZW04-19
20.9
23.1
1.0
18.8
5.0
13.0
30.6
0.092
BZW04P20
22.8
26.4
1.0
20.5
5.0
12.0
33.2
0.094
BZW04-20
22.8
25.2
1.0
20.5
5.0
12.0
33.2
0.094
BZW04P23
25.7
29.7
1.0
23.1
5.0
10.7
37.5
0.096
BZW04-23
25.7
28.4
1.0
23.1
5.0
10.7
37.5
0.096
BZW04P26
28.5
33.0
1.0
25.6
5.0
9.6
41.5
0.097
BZW04-26
28.5
31.5
1.0
25.6
5.0
9.6
41.5
0.097
BZW04P28
31.4
36.3
1.0
28.2
5.0
8.8
45.7
0.098
BZW04-28
31.4
34.7
1.0
28.2
5.0
8.8
45.7
0.098
BZW04P31
34.2
39.6
1.0
30.8
5.0
8.0
49.9
0.099
BZW04-31
34.2
37.8
1.0
30.8
5.0
8.0
49.9
0.099
BZW04P33
37.1
42.9
1.0
33.3
5.0
7.4
53.9
0.100
BZW04-33
37.1
41.0
1.0
33.3
5.0
7.4
53.9
0.100
BZW04P37
40.9
47.3
1.0
36.8
5.0
6.7
59.3
0.101
BZW04-37
40.9
45.2
1.0
36.8
5.0
6.7
59.3
0.101
BZW04P40
44.7
51.7
1.0
40.2
5.0
6.2
64.8
0.101
BZW04-40
44.7
49.4
1.0
40.2
5.0
6.2
64.8
0.101
BZW04P44
48.5
56.1
1.0
43.6
5.0
5.7
70.1
0.102
BZW04-44
48.5
53.6
1.0
43.6
5.0
5.7
70.1
0.102
BZW04P48
53.2
61.6
1.0
47.8
5.0
5.2
77.0
0.103
BZW04-48
53.2
58.8
1.0
47.8
5.0
5.2
77.0
0.103
BZW04P53
58.9
68.2
1.0
53.0
5.0
4.7
85.0
0.104
BZW04-53
58.9
65.1
1.0
53.0
5.0
4.7
85.0
0.104
ELECTRICAL CHARACTERISTICS Rating at = 25 °C ambient temperature unless otherwise specified
Maximum
Temperature
TYPE
Co-efficient
of VBR
(% /
°C)
RWM
RWM
Breakdown
Reverse
Stand-Off
Voltage
Voltage
Min. @IT
Breakdown
Voltage
Max. @ IT
Test
Current
Maximum
Clamping
Voltage
@IPP
Peak
Pulse
Current
Reverse
Leakage
@V
V
(V)
VBR MIN(V)
IPP(A)
IR(uA)
VC(V)
VBR MAX(V)
IT (mA)
www.sunmate.tw


Numéro de pièce similaire - BZW04-28

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
BZW04-28 STMICROELECTRONICS-BZW04-28 Datasheet
130Kb / 6P
   TRANSIL
logo
Taiwan Semiconductor Co...
BZW04-28 TSC-BZW04-28 Datasheet
614Kb / 4P
   400 Watts Transient Voltage Suppressor
logo
New Jersey Semi-Conduct...
BZW04-28 NJSEMI-BZW04-28 Datasheet
179Kb / 2P
   400 Watts Transient Voltage Suppressor Diodes
logo
EIC discrete Semiconduc...
BZW04-28 EIC-BZW04-28 Datasheet
51Kb / 4P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
BZW04-28 VISHAY-BZW04-28 Datasheet
393Kb / 6P
   TransZorb Transient Voltage Suppressors
Revision: 12-Jul-11
More results

Description similaire - BZW04-28

FabricantNo de pièceFiches techniqueDescription
logo
SUNMATE electronic Co.,...
10KP240CA SUNMATE-10KP240CA Datasheet
1Mb / 3P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODES
3KE180A SUNMATE-3KE180A Datasheet
427Kb / 3P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS
logo
Littelfuse
FB120 LITTELFUSE-FB120 Datasheet
84Kb / 1P
   Silicon Avalanche Diodes - Axial Leaded Telecommunications Transient Voltage Suppressors
logo
SUNMATE electronic Co.,...
5KP190A SUNMATE-5KP190A Datasheet
800Kb / 5P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
logo
DONGGUAN YOU FENG WEI E...
10KP17A YFWDIODE-10KP17A Datasheet
622Kb / 5P
   10000W Axial Leaded Transient Voltage Suppressors
logo
SUNMATE electronic Co.,...
P4KE6.8A SUNMATE-P4KE6.8A_V01 Datasheet
1Mb / 4P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
5KP5.0CA SUNMATE-5KP5.0CA Datasheet
336Kb / 4P
   5000Watts Axial Leaded Transient Voltage Suppressors
1N6302A SUNMATE-1N6302A Datasheet
745Kb / 4P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
30KPA28A SUNMATE-30KPA28A Datasheet
524Kb / 3P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
BZW50-5.0 SUNMATE-BZW50-5.0 Datasheet
507Kb / 3P
   AXIAL LEADED TRANSIENT VOLTAGE SUPPRESSORS DIODE
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com