Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM4992SDBD Fiches technique(PDF) 11 Page - Texas Instruments

No de pièce LM4992SDBD
Description  420mW Stereo Cell Phone Audio Amplifier
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM4992SDBD Fiches technique(HTML) 11 Page - Texas Instruments

Back Button LM4992SDBD Datasheet HTML 7Page - Texas Instruments LM4992SDBD Datasheet HTML 8Page - Texas Instruments LM4992SDBD Datasheet HTML 9Page - Texas Instruments LM4992SDBD Datasheet HTML 10Page - Texas Instruments LM4992SDBD Datasheet HTML 11Page - Texas Instruments LM4992SDBD Datasheet HTML 12Page - Texas Instruments LM4992SDBD Datasheet HTML 13Page - Texas Instruments LM4992SDBD Datasheet HTML 14Page - Texas Instruments LM4992SDBD Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 23 page
background image
LM4992, LM4992SDBD
www.ti.com
SNAS220B – NOVEMBER 2003 – REVISED MAY 2013
APPLICATION INFORMATION
BRIDGE CONFIGURATION EXPLANATION
As shown in Figure 1, the LM4992 has two internal operational amplifiers per channel. The first amplifier's gain is
externally configurable , while the second amplifier is internally fixed in a unity-gain, inverting configuration. The
closed-loop gain of the first amplifier is set by selecting the ratio of Rf to Ri while the second amplifier's gain is
fixed by the two internal 20k
Ω resistors. Figure 1 shows that the output of amplifier one serves as the input to
amplifier two which results in both amplifiers producing signals identical in magnitude, but out of phase by 180°.
Consequently, the differential gain for the IC is
AVD= 2 *(Rf/Ri)
(1)
By driving the load differentially through outputs Vo1 and Vo2, an amplifier configuration commonly referred to as
“bridged mode” is established. Bridged mode operation is different from the classical single-ended amplifier
configuration where one side of the load is connected to ground.
A bridge amplifier design has a few distinct advantages over the single-ended configuration, as it provides
differential drive to the load, thus doubling output swing for a specified supply voltage. Four times the output
power is possible as compared to a single-ended amplifier under the same conditions. This increase in attainable
output power assumes that the amplifier is not current limited or clipped. In order to choose an amplifier's closed-
loop gain without causing excessive clipping, please refer to the AUDIO POWER AMPLIFIER DESIGN section.
A bridge configuration, such as the one used in LM4992, also creates a second advantage over single-ended
amplifiers. Since the differential outputs, Vo1 and Vo2, are biased at half-supply, no net DC voltage exists across
the load. This eliminates the need for an output coupling capacitor which is required in a single supply, single-
ended amplifier configuration. Without an output coupling capacitor, the half-supply bias across the load would
result in both increased internal IC power dissipation and also possible loudspeaker damage.
POWER DISSIPATION
Power dissipation is a major concern when designing a successful amplifier, whether the amplifier is bridged or
single-ended. A direct consequence of the increased power delivered to the load by a bridge amplifier is an
increase in internal power dissipation. The maximum internal power dissipation per channel is 4 times that of a
single-ended amplifier. The maximum power dissipation for a given application can be derived from the power
dissipation graphs or from Equation (2).
PDMAX = 4*(VDD)
2/(2π2R
L)
(2)
It is critical that the maximum junction temperature TJMAX of 150°C is not exceeded. TJMAX is a function of PDMAX
and the PC board foil area. By adding copper foil, the thermal resistance of the application can be reduced from
the free air value of
θJA, resulting in higher PDMAX values without thermal shutdown protection circuitry being
activated. Additional copper foil can be added to any of the leads connected to the LM4992. It is especially
effective when connected to VDD, GND, and the output pins. Refer to the application information on the LM4992
reference design board for an example of good heat sinking. If TJMAX still exceeds 150°C, then additional
changes must be made. These changes can include reduced supply voltage, higher load impedance, or reduced
ambient temperature. Internal power dissipation is a function of output power. Refer to the TYPICAL
PERFORMANCE CHARACTERISTICs curves for power dissipation information for different output powers and
output loading.
EXPOSED-DAP MOUNTING CONSIDERATIONS
The LM4992's exposed-DAP (die attach paddle) packages (NHK) provide a low thermal resistance between the
die and the PCB to which the part is mounted and soldered. This allows rapid heat transfer from the die to the
surrounding PCB copper area heatsink, copper traces, ground plane, and finally, surrounding air. The result is a
low voltage audio power amplifier that produces 1.07W dissipation per channel in an 8
Ω load at ≤ 1% THD+N.
This power is achieved through careful consideration of necessary thermal design. Failing to optimize thermal
design may compromise the LM4992's performance and activate unwanted, though necessary, thermal
shutdown protection.
Copyright © 2003–2013, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Links: LM4992 LM4992SDBD


Numéro de pièce similaire - LM4992SDBD

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM4992SDBD TI1-LM4992SDBD Datasheet
932Kb / 23P
[Old version datasheet]   420mW Stereo Cell Phone Audio Amplifier
More results

Description similaire - LM4992SDBD

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM4992 NSC-LM4992 Datasheet
576Kb / 16P
   420mW Stereo Cell Phone Audio Amplifier
logo
Texas Instruments
LM4992 TI1-LM4992_14 Datasheet
932Kb / 23P
[Old version datasheet]   420mW Stereo Cell Phone Audio Amplifier
logo
Avic Technology
AV2025 AVICTEK-AV2025 Datasheet
160Kb / 4P
   STEREO AUDIO AMPLIFIER
logo
Unisonic Technologies
TEA2025A UTC-TEA2025A_15 Datasheet
285Kb / 7P
   STEREO AUDIO AMPLIFIER
UTCTEA2025 UTC-UTCTEA2025 Datasheet
46Kb / 4P
   STEREO AUDIO AMPLIFIER
logo
List of Unclassifed Man...
UTC2025 ETC1-UTC2025 Datasheet
115Kb / 4P
   STEREO AUDIO AMPLIFIER
logo
Sanyo Semicon Device
LA74322LP SANYO-LA74322LP Datasheet
185Kb / 14P
   Audio I/O Interface for Cell Phone
logo
STMicroelectronics
TEA2025B STMICROELECTRONICS-TEA2025B Datasheet
82Kb / 9P
   STEREO AUDIO AMPLIFIER
June 1994
logo
Unisonic Technologies
TEA2025D UTC-TEA2025D Datasheet
248Kb / 8P
   STEREO AUDIO AMPLIFIER
logo
Tiger Electronic Co.,Lt...
TEA2025B TGS-TEA2025B Datasheet
551Kb / 4P
   STEREO AUDIO AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com