Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM4930 Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM4930
Description  Audio Power Amplifier Series Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM4930 Fiches technique(HTML) 6 Page - Texas Instruments

Back Button LM4930 Datasheet HTML 2Page - Texas Instruments LM4930 Datasheet HTML 3Page - Texas Instruments LM4930 Datasheet HTML 4Page - Texas Instruments LM4930 Datasheet HTML 5Page - Texas Instruments LM4930 Datasheet HTML 6Page - Texas Instruments LM4930 Datasheet HTML 7Page - Texas Instruments LM4930 Datasheet HTML 8Page - Texas Instruments LM4930 Datasheet HTML 9Page - Texas Instruments LM4930 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 40 page
background image
LM4930
SNAS212C – JULY 2003 – REVISED MAY 2013
www.ti.com
Table 3. GAIN CONFIG Registers(1)
GAINCONFIG (XX10010).
(Set = logic 1, Clear = logic 0)
BIT
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
RESET
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Address
Register
Description
4:0
LOUDSPKR_GAIN
Programs the gain of the loudspeaker amplifier. Gain is set as follows:
4:0
Loudspeaker Gain
4:0
Loudspeaker Gain
00000
-34.5dB
10000
-10.5dB
00001
-33dB
10001
-9dB
00010
-31.5dB
10010
-7.5dB
00011
-30dB
10011
-6dB
00100
-28.5dB
10100
-4.5dB
00101
-27dB
10101
-3dB
00110
-25.5dB
10110
-1.5dB
00111
-24dB
10111
0dB
01000
-22.5dB
11000
1.5dB
01001
-21dB
11001
3dB
01010
-19.5dB
11010
4.5dB
01011
-18dB
11011
6dB
01100
-16.5dB
11100
7.5dB
01101
-15dB
11101
9dB
01110
-13.5dB
11110
10.5dB
01111
-12dB
11111
12dB
9:5
HP_GAIN
Programs the gain of the headphone amplifier. Gain is set as follows:
9:5
Headphone Gain
9:5
Headphone Gain
00000
-46dB
10000
-22.5dB
00001
-45dB
10001
-21dB
00010
-43.5dB
10010
-19.5dB
00011
-42db
10011
-18dB
00100
-40.5dB
10100
-16.5dB
00101
-39dB
10101
-15dB
00110
-37.5dB
10110
-13.5dB
00111
-36dB
10111
-12dB
01000
-34.5dB
11000
-10.5dB
01001
-33dB
11001
-9dB
01010
-31.5dB
11010
-7.5dB
01011
-30dB
11011
-6dB
01100
-28.5dB
11100
-4.5dB
01101
-27dB
11101
-3dB
01110
-25.5dB
11110
-1.5dB
01111
-24dB
11111
0dB
13:10
MIC_GAIN
Programs the gain of the microphone amplifier. Gain is set as follows:
(1)
This register is used to control the gain of the headphone amplifier, the loudspeaker amplifier, and the microphone preamplifier. The 7
bit address for the GAINCONFIG register is XX10010.
(X = 0 if ADDR is set to logic 0)
(X = 1 if ADDR is set to logic 1)
6
Submit Documentation Feedback
Copyright © 2003–2013, Texas Instruments Incorporated
Product Folder Links: LM4930


Numéro de pièce similaire - LM4930

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM4930 NSC-LM4930 Datasheet
966Kb / 33P
   Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
LM4930 NSC-LM4930 Datasheet
994Kb / 35P
   Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
logo
Texas Instruments
LM4930 TI1-LM4930 Datasheet
1Mb / 41P
[Old version datasheet]   Audio Power Amplifier Series Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
logo
National Semiconductor ...
LM4930ITL NSC-LM4930ITL Datasheet
966Kb / 33P
   Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
LM4930 NSC-LM4930_04 Datasheet
994Kb / 35P
   Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
More results

Description similaire - LM4930

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM4930 TI1-LM4930_14 Datasheet
1Mb / 41P
[Old version datasheet]   Audio Power Amplifier Series Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
logo
National Semiconductor ...
LM4930 NSC-LM4930_04 Datasheet
994Kb / 35P
   Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
LM4930 NSC-LM4930 Datasheet
966Kb / 33P
   Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
logo
Texas Instruments
LM4930 TI-LM4930_15 Datasheet
1Mb / 40P
[Old version datasheet]   LM4930 Boomer??Audio Power Amplifier Series Audio Subsystem with Stereo Headphone & Mono Speaker Amplifiers
LM4931 TI1-LM4931 Datasheet
1Mb / 50P
[Old version datasheet]   Audio Power Amplifier Series Audio Subsystem with Mono High Efficiency Loudspeaker and Stereo Headphone Amplifiers
logo
National Semiconductor ...
LM4931 NSC-LM4931_06 Datasheet
1Mb / 48P
   Audio Subsystem with Mono High Efficiency Loudsperker and Stereo Headphone Amplifiers
LM4931 NSC-LM4931 Datasheet
1Mb / 47P
   Audio Subsystem with Mono High Efficiency Loudspeaker and Stereo Headphone Amplifiers
logo
Fairchild Semiconductor
FAB2200 FAIRCHILD-FAB2200 Datasheet
962Kb / 33P
   Audio Subsystem with Stereo Class-G Headphone Amplifier and 1.2W Mono Class-D Speaker Amplifier
logo
Maxim Integrated Produc...
MAX97002 MAXIM-MAX97002 Datasheet
3Mb / 36P
   Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifiers
Rev 0; 1/10
MAX97001 MAXIM-MAX97001 Datasheet
3Mb / 36P
   Audio Subsystem with Mono Class D Speaker and Class H Headphone Amplifiers
19-5130; Rev 0; 1/10
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com