Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74ALS805ADWRG4 Fiches technique(PDF) 3 Page - Texas Instruments

No de pièce SN74ALS805ADWRG4
Description  HEX 2-INPUT NOR DRIVERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ALS805ADWRG4 Fiches technique(HTML) 3 Page - Texas Instruments

  SN74ALS805ADWRG4 Datasheet HTML 1Page - Texas Instruments SN74ALS805ADWRG4 Datasheet HTML 2Page - Texas Instruments SN74ALS805ADWRG4 Datasheet HTML 3Page - Texas Instruments SN74ALS805ADWRG4 Datasheet HTML 4Page - Texas Instruments SN74ALS805ADWRG4 Datasheet HTML 5Page - Texas Instruments SN74ALS805ADWRG4 Datasheet HTML 6Page - Texas Instruments SN74ALS805ADWRG4 Datasheet HTML 7Page - Texas Instruments SN74ALS805ADWRG4 Datasheet HTML 8Page - Texas Instruments SN74ALS805ADWRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
SN54ALS805A, SN54AS805B, SN74ALS805A, SN74AS805B
HEX 2INPUT NOR DRIVERS
SDAS023C − DECEMBER 1982 − REVISED JANUARY 1995
3
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251−1443
switching characteristics (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 4.5 V to 5.5 V,
CL = 50 pF,
RL = 500 Ω,
TA = MIN to MAX†
UNIT
PARAMETER
(INPUT)
(OUTPUT)
SN54ALS805A
SN74ALS805A
UNIT
MIN
MAX
MIN
MAX
tPLH
A or B
Y
1
12
2
7
ns
tPHL
A or B
Y
1
9
2
8
ns
† For conditions shown as MIN or MAX, use the appropriate value specified under recommended operating conditions.
absolute maximum ratings over operating free-air temperature range (unless otherwise noted)
Supply voltage, VCC
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage, VI
7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Operating free-air temperature range, TA: SN54AS805B
−55
°C to 125°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
SN74AS805B
0
°C to 70°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range
−65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
‡ Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
recommended operating conditions§
SN54AS805B
SN74AS805B
UNIT
MIN
NOM
MAX
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.5
5
5.5
4.5
5
5.5
V
VIH
High-level input voltage
2
2
V
VIL
Low-level input voltage
0.8
0.8
V
IOH
High-level output current
−40
−48
mA
IOL
Low-level output current
40
48
mA
TA
Operating free-air temperature
−55
125
0
70
°C
§ These high sink- or source-current devices are not recommended for use above 40 MHz.


Numéro de pièce similaire - SN74ALS805ADWRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74ALS805ADW TI-SN74ALS805ADW Datasheet
99Kb / 6P
[Old version datasheet]   HEX 2-INPUT NOR DRIVERS
More results

Description similaire - SN74ALS805ADWRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN54ALS805A TI-SN54ALS805A Datasheet
99Kb / 6P
[Old version datasheet]   HEX 2-INPUT NOR DRIVERS
logo
NXP Semiconductors
74F805 PHILIPS-74F805 Datasheet
102Kb / 8P
   Hex 2-input NOR drivers
1990 Sep 14
logo
Texas Instruments
SN74AS1805 TI-SN74AS1805 Datasheet
70Kb / 4P
[Old version datasheet]   HEX 2-INPUT NOR DRIVER
logo
Fairchild Semiconductor
DM74AS1805 FAIRCHILD-DM74AS1805 Datasheet
46Kb / 4P
   Hex 2-Input NOR Driver
DM74AS805B FAIRCHILD-DM74AS805B Datasheet
43Kb / 4P
   Hex 2-Input NOR Driver
logo
Texas Instruments
SN74AS1805 TI1-SN74AS1805_09 Datasheet
174Kb / 6P
[Old version datasheet]   HEX 2-INPUT NOR DRIVER
SN54ALS804A TI-SN54ALS804A_07 Datasheet
490Kb / 15P
[Old version datasheet]   HEX 2-INPUT NAND DRIVERS
SN54AS808B TI1-SN54AS808B_16 Datasheet
618Kb / 13P
[Old version datasheet]   HEX 2-INPUT AND DRIVERS
logo
NXP Semiconductors
74F804 PHILIPS-74F804 Datasheet
76Kb / 8P
   Hex 2-input NAND drivers
1990 Sep 14
74F832 PHILIPS-74F832 Datasheet
73Kb / 8P
   Hex 2-input OR drivers
1991 Jan 02
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com