Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74ALVCH162831GR Fiches technique(PDF) 3 Page - Texas Instruments

No de pièce SN74ALVCH162831GR
Description  1-BIT TO 4-BIT ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ALVCH162831GR Fiches technique(HTML) 3 Page - Texas Instruments

  SN74ALVCH162831GR Datasheet HTML 1Page - Texas Instruments SN74ALVCH162831GR Datasheet HTML 2Page - Texas Instruments SN74ALVCH162831GR Datasheet HTML 3Page - Texas Instruments SN74ALVCH162831GR Datasheet HTML 4Page - Texas Instruments SN74ALVCH162831GR Datasheet HTML 5Page - Texas Instruments SN74ALVCH162831GR Datasheet HTML 6Page - Texas Instruments SN74ALVCH162831GR Datasheet HTML 7Page - Texas Instruments SN74ALVCH162831GR Datasheet HTML 8Page - Texas Instruments SN74ALVCH162831GR Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
RECOMMENDED OPERATING CONDITIONS
(1)
SN74ALVCH162831
1-BIT TO 4-BIT ADDRESS REGISTER/DRIVER
WITH 3-STATE OUTPUTS
SCES084H – AUGUST 1996 – REVISED SEPTEMBER 2004
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range
-0.5
4.6
V
VI
Input voltage range(2)
-0.5
4.6
V
VO
Output voltage range(2)(3)
-0.5
VCC + 0.5
V
IIK
Input clamp current
VI < 0
-50
mA
IOK
Output clamp current
VO < 0
-50
mA
IO
Continuous output current
±50
mA
Continuous current through each VCC or GND
±100
mA
θ
JA
Package thermal impedance(4)
64
°C/W
Tstg
Storage temperature range
-65
150
°C
(1)
Stresses beyond those listed under "absolute maximum ratings" may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under "recommended operating
conditions" is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
The input negative-voltage and output voltage ratings may be exceeded if the input and output current ratings are observed.
(3)
This value is limited to 4.6 V maximum.
(4)
The package thermal impedance is calculated in accordance with JESD 51-7.
MIN
MAX
UNIT
VCC
Supply voltage
1.65
3.6
V
VCC = 1.65 V to 1.95 V
0.65
× V
CC
VIH
High-level input voltage
VCC = 2.3 V to 2.7 V
1.7
V
VCC = 2.7 V to 3.6 V
2
VCC = 1.65 V to 1.95 V
0.35
× V
CC
VIL
Low-level input voltage
VCC = 2.3 V to 2.7 V
0.7
V
VCC = 2.7 V to 3.6 V
0.8
VI
Input voltage
0
VCC
V
VO
Output voltage
0
VCC
V
VCC = 1.65 V
-2
VCC = 2.3 V
-6
IOH
High-level output current
mA
VCC = 2.7 V
-8
VCC = 3 V
-12
VCC = 1.65 V
2
VCC = 2.3 V
6
IOL
Low-level output current
mA
VCC = 2.7 V
8
VCC = 3 V
12
∆t/∆v
Input transition rise or fall rate
10
ns/V
TA
Operating free-air temperature
-40
85
°C
(1)
All unused control inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.
3
OBSOLETE


Numéro de pièce similaire - SN74ALVCH162831GR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74ALVCH162831 TI-SN74ALVCH162831 Datasheet
126Kb / 9P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162831DBB TI-SN74ALVCH162831DBB Datasheet
126Kb / 9P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
More results

Description similaire - SN74ALVCH162831GR

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74ALVCH162832 TI-SN74ALVCH162832 Datasheet
127Kb / 9P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162831 TI-SN74ALVCH162831 Datasheet
126Kb / 9P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVC162831 TI-SN74ALVC162831 Datasheet
125Kb / 9P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH162832 TI1-SN74ALVCH162832_10 Datasheet
118Kb / 9P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS REGISTER/DRIVER WITH 3-STATE OUTPUTS
logo
Hitachi Semiconductor
HD74ALVCH162831 HITACHI-HD74ALVCH162831 Datasheet
61Kb / 13P
   1-bit 4-bit Address Register / Driver with 3-state Outputs
logo
Renesas Technology Corp
HD74ALVCH162831 RENESAS-HD74ALVCH162831 Datasheet
2Mb / 13P
   1-bit 4-bit Address Register / Driver with 3-state Outputs
logo
Texas Instruments
SN74ALVCH16344 TI-SN74ALVCH16344_07 Datasheet
283Kb / 12P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH16344 PERICOM-PI74ALVCH16344 Datasheet
466Kb / 7P
   1-Bit to 4-Bit Address/Driver with 3-State Outputs
logo
Texas Instruments
SN74ALVCH162344 TI-SN74ALVCH162344 Datasheet
118Kb / 8P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
SN74ALVCH16344 TI-SN74ALVCH16344 Datasheet
116Kb / 8P
[Old version datasheet]   1-BIT TO 4-BIT ADDRESS DRIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com