Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74ALVCH16524 Fiches technique(PDF) 4 Page - Texas Instruments

No de pièce SN74ALVCH16524
Description  18-BIT REGISTERED BUS TRANSCEIVER WITH 3-STATE OUTPUTS
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ALVCH16524 Fiches technique(HTML) 4 Page - Texas Instruments

  SN74ALVCH16524_09 Datasheet HTML 1Page - Texas Instruments SN74ALVCH16524_09 Datasheet HTML 2Page - Texas Instruments SN74ALVCH16524_09 Datasheet HTML 3Page - Texas Instruments SN74ALVCH16524_09 Datasheet HTML 4Page - Texas Instruments SN74ALVCH16524_09 Datasheet HTML 5Page - Texas Instruments SN74ALVCH16524_09 Datasheet HTML 6Page - Texas Instruments SN74ALVCH16524_09 Datasheet HTML 7Page - Texas Instruments SN74ALVCH16524_09 Datasheet HTML 8Page - Texas Instruments SN74ALVCH16524_09 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
www.ti.com
ELECTRICAL CHARACTERISTICS
TIMING REQUIREMENTS
SN74ALVCH16524
18-BIT REGISTERED BUS TRANSCEIVER
WITH 3-STATE OUTPUTS
SCES080E – JULY 1996 – REVISED OCTOBER 2004
over recommended operating free-air temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
VCC
MIN TYP(1)
MAX
UNIT
IOH = -100 µA
1.65 V to 3.6 V
VCC - 0.2
IOH = -4 mA
1.65 V
1.2
IOH = -6 mA
2.3 V
2
VOH
2.3 V
1.7
V
IOH = -12 mA
2.7 V
2.2
3 V
2.4
IOH = -24 mA
3 V
2
IOL = 100 µA
1.65 V to 3.6 V
0.2
IOL = 4 mA
1.65 V
0.45
IOL = 6 mA
2.3 V
0.4
VOL
V
2.3 V
0.7
IOL = 12 mA
2.7 V
0.4
IOL = 24 mA
3 V
0.55
II
VI = VCC or GND
3.6 V
±5
µA
VI = 0.58 V
1.65 V
25
VI = 1.07 V
1.65 V
-25
VI = 0.7 V
2.3 V
45
II(hold)
VI = 1.7 V
2.3 V
-45
µA
VI = 0.8 V
3 V
75
VI = 2 V
3 V
-75
VI = 0 to 3.6 V(2)
3.6 V
±500
IOZ(3)
VO = VCC or GND
3.6 V
±10
µA
ICC
VI = VCC or GND, IO = 0
3.6 V
40
µA
∆I
CC
One input at VCC - 0.6 V, Other inputs at VCC or GND
3 V to 3.6 V
750
µA
Ci
Control inputs
VI = VCC or GND
3.3 V
3
pF
Cio
A or B ports
VO = VCC or GND
3.3 V
7
pF
(1)
All typical values are at VCC = 3.3 V, TA = 25°C.
(2)
This is the bus-hold maximum dynamic current. It is the minimum overdrive current required to switch the input from one state to
another.
(3)
For I/O ports, the parameter IOZ includes the input leakage current.
over recommended operating free-air temperature range (unless otherwise noted) (see Figure 1)
VCC = 2.5 V
VCC = 3.3 V
VCC = 1.8 V
VCC = 2.7 V
± 0.2 V
± 0.3 V
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
MIN
MAX
fclock
Clock frequency
(1)
120
125
150
MHz
tw
Pulse duration, CLK high or low
(1)
3.2
3.2
3
ns
B data before CLK
(1)
1.5
1.2
1.1
tsu
Setup time
SEL before CLK
(1)
2.7
2.4
2.1
ns
CLKENBA before CLK
(1)
2.7
2.6
2
B data after CLK
(1)
1
0.6
1.2
th
Hold time
SEL after CLK
(1)
0.5
0.2
0.8
ns
CLKENBA after CLK
(1)
0.1
0.1
0.3
(1)
This information was not available at the time of publication.
4


Numéro de pièce similaire - SN74ALVCH16524_09

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74ALVCH16524DGG TI-SN74ALVCH16524DGG Datasheet
125Kb / 9P
[Old version datasheet]   18-BIT REGISTERED BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16524DL TI-SN74ALVCH16524DL Datasheet
125Kb / 9P
[Old version datasheet]   18-BIT REGISTERED BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Description similaire - SN74ALVCH16524_09

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74ALVCH162525 TI-SN74ALVCH162525 Datasheet
167Kb / 11P
[Old version datasheet]   18-BIT REGISTERED BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH162525 TI1-SN74ALVCH162525_09 Datasheet
353Kb / 16P
[Old version datasheet]   18-BIT REGISTERED BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16524 TI-SN74ALVCH16524 Datasheet
125Kb / 9P
[Old version datasheet]   18-BIT REGISTERED BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16525 TI-SN74ALVCH16525 Datasheet
153Kb / 10P
[Old version datasheet]   18-BIT REGISTERED BUS TRANSCEIVER WITH 3-STATE OUTPUTS
74ACT16474 TI1-74ACT16474 Datasheet
142Kb / 7P
[Old version datasheet]   18-BIT REGISTERED BUS TRANSCEIVERS WITH 3-STATE OUTPUTS
SN74ABTH32543-EP TI1-SN74ABTH32543-EP Datasheet
174Kb / 10P
[Old version datasheet]   36-BIT REGISTERED BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74AUC16501 TI-SN74AUC16501 Datasheet
236Kb / 13P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
logo
Pericom Semiconductor C...
PI74ALVCH1622601 PERICOM-PI74ALVCH1622601 Datasheet
231Kb / 5P
   18-Bit Universal Bus Transceiver With 3-State Outputs
logo
Texas Instruments
SN74ALVCH16500 TI1-SN74ALVCH16500_08 Datasheet
355Kb / 15P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
SN74ALVCH16601DGGR TI-SN74ALVCH16601DGGR Datasheet
374Kb / 15P
[Old version datasheet]   18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com