Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74ALVC3641-10PCB Fiches technique(PDF) 1 Page - Texas Instruments

No de pièce SN74ALVC3641-10PCB
Description  SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SN74ALVC3641-10PCB Fiches technique(HTML) 1 Page - Texas Instruments

  SN74ALVC3641-10PCB Datasheet HTML 1Page - Texas Instruments SN74ALVC3641-10PCB Datasheet HTML 2Page - Texas Instruments SN74ALVC3641-10PCB Datasheet HTML 3Page - Texas Instruments SN74ALVC3641-10PCB Datasheet HTML 4Page - Texas Instruments SN74ALVC3641-10PCB Datasheet HTML 5Page - Texas Instruments SN74ALVC3641-10PCB Datasheet HTML 6Page - Texas Instruments SN74ALVC3641-10PCB Datasheet HTML 7Page - Texas Instruments SN74ALVC3641-10PCB Datasheet HTML 8Page - Texas Instruments SN74ALVC3641-10PCB Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 29 page
background image
SN74ALVC3631, SN74ALVC3641, SN74ALVC3651
512
× 36, 1024 × 36, 2048 × 36
SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
SDMS025B – OCTOBER 1999 – REVISED JUNE 2000
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Free-Running CLKA and CLKB Can Be
Asynchronous or Coincident
D Clocked FIFO Buffering Data From Port A
to Port B
D Synchronous Read-Retransmit Capability
D Mailbox Register in Each Direction
D Programmable Almost-Full (AF) and
Almost-Empty (AE) Flags
D Microprocessor Interface Control Logic
D Input-Ready and AF Flags Synchronized by
CLKA
D Output-Ready and AE Flags Synchronized
by CLKB
D Low-Power 0.8-µm Advanced CMOS
Technology
D Supports Clock Frequencies up to 100 MHz
D Fast Access Times of 6.5 ns
D Pin-to-Pin Compatible With 5-V Operating
SN74ACT3631, SN74ACT3641, and
SN74ACT3651
D Package Options Include 120-Pin Thin
Quad Flat (PCB) and 132-Pin Plastic Quad
Flat (PQ) Packages
description
The SN74ALVC3631, SN74ALVC3641, and SN74ALVC3651 are high-speed, low-power, CMOS, synchronous
FIFO memories that support clock frequencies up to 100 MHz and have read access times as fast as 6.5 ns.
The 512
× 36, 1024 × 36, and 2048 × 36 dual-port SRAM FIFOs buffer data from port A to port B. The FIFO
memories have retransmit capability, which allows previously read data to be accessed again. The FIFOs have
flags to indicate empty and full conditions and two programmable flags (almost full and almost empty) to indicate
when a selected number of words is stored in memory. Communication between each port takes place with two
36-bit mailbox registers. Each mailbox register has a flag that signals when new mail has been stored. Two or
more devices are used in parallel to create wider data paths. Expansion also is possible in word depth.
The SN74ALVC3631/41/51 are synchronous FIFOs, which means each port employs a synchronous interface.
All data transfers through a port are gated to the low-to-high transition of a continuous (free-running) port clock
by enable signals. The continuous clocks for each port are independent of one another and can be
asynchronous or coincident. The enables for each port are arranged to provide a simple interface between
microprocessors and/or buses with synchronous control.
The input-ready (IR) flag and almost-full (AF) flag of the FIFOs are two-stage, synchronized to CLKA. The
output-ready (OR) flag and almost-empty (AE) flag of the FIFOs are two-stage, synchronized to CLKB. Offset
values for AF and AE are programmed from port A or through a serial input.
The SN74ALVC3631/41/51 are characterized for operation from 0
°C to 70°C.
For more information on this device family, see the following application reports:
D FIFO Patented Synchronous Retransmit: Programmable DSP-Interface Application for FIR Filtering
(literature number SCAA009)
D FIFO Mailbox-Bypass Registers: Using Bypass Registers to Initialize DMA Control
(literature number SCAA007)
D Metastability Performance of Clocked FIFOs (literature number SCZA004)
D FIFO Architecture, Functions, and Applications (literature number SCAA042)
D Optimizing DSP-Based Digital Filters With Application-Specific FIFOs (literature number SCAA021)
D FIFO Memories: Surface-Mount Packages for PCMCIA Applications (literature number SDMA001A)
D Interfacing TI Clocked FIFOs with TI Floating-Point DSPs (literature number SCAA005A)
Copyright
© 2000, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Numéro de pièce similaire - SN74ALVC3641-10PCB

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74ALVC3641 TI-SN74ALVC3641 Datasheet
448Kb / 28P
[Old version datasheet]   SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
More results

Description similaire - SN74ALVC3641-10PCB

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74ACT72211L15RJ TI-SN74ACT72211L15RJ Datasheet
305Kb / 21P
[Old version datasheet]   SYNCHRONOUS FIRST-IN FIRST-OUT MEMORIES
SN74ACT72211L TI1-SN74ACT72211L Datasheet
327Kb / 21P
[Old version datasheet]   SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
SN74ALVC3631 TI-SN74ALVC3631 Datasheet
448Kb / 28P
[Old version datasheet]   SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
SN74ACT7203L TI1-SN74ACT7203L Datasheet
327Kb / 22P
[Old version datasheet]   ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES
SN74V263 TI1-SN74V263_09 Datasheet
824Kb / 52P
[Old version datasheet]   3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
SN74V263-EP TI1-SN74V263-EP Datasheet
702Kb / 49P
[Old version datasheet]   3.3-V CMOS FIRST-IN, FIRST-OUT MEMORIES
logo
Fairchild Semiconductor
AM3341 FAIRCHILD-AM3341 Datasheet
407Kb / 6P
   64 x 4 BITS FIRST-IN FIRST-OUT MEMORIES
logo
Texas Instruments
SN54LS224A TI1-SN54LS224A Datasheet
355Kb / 13P
[Old version datasheet]   16 횞 4 SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORIES WITH 3-STATE OUTPUTS
SN74ALVC3651 TI-SN74ALVC3651 Datasheet
383Kb / 26P
[Old version datasheet]   2048 횞 36 SYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY
logo
List of Unclassifed Man...
TDC1030 ETC1-TDC1030 Datasheet
226Kb / 14P
   FIRST-IN FIRST-OUT MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com