Moteur de recherche de fiches techniques de composants électroniques |
|
SN74ALS2232ANT Fiches technique(PDF) 6 Page - Texas Instruments |
|
SN74ALS2232ANT Fiches technique(HTML) 6 Page - Texas Instruments |
6 / 9 page SN74ALS2232A 64 × 8 ASYNCHRONOUS FIRST-IN, FIRST-OUT MEMORY SCAS248 – FEBRUARY 1988 – REVISED MARCH 1990 6 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 switching characteristics (see Figure 1) PARAMETER FROM (INPUT) TO (OUTPUT) VCC = 5 V, CL = 50 pF, R1 = 500 Ω, R2 = 500 Ω, TA = 25°C VCC = 4.5 V to 5.5 V, CL = 50 pF, R1 = 500 Ω, R2 = 500 Ω, TA = 0°C to 70°C UNIT MAX TYP MAX MIN MAX fmax LDCK, UNCK 40 MHz t d LDCK ↑ Any Q 18 26 30 ns tpd UNCK ↑ Any Q 18 24 27 ns tPLH LDCK ↑ EMPTY 12 16 18 ns tPHL UNCK ↑ EMPTY 12 17 20 ns tPHL RST ↓ EMPTY 12 17 20 ns tPHL LDCK ↑ FULL 16 21 22 ns tPLH UNCK ↑ FULL 10 15 18 ns tPLH RST ↓ FULL 13 19 23 ns ten OE ↑ Q 11 15 17 ns tdis OE ↓ Q 11 17 19 ns |
Numéro de pièce similaire - SN74ALS2232ANT |
|
Description similaire - SN74ALS2232ANT |