Moteur de recherche de fiches techniques de composants électroniques |
|
SN74AHC1G00DBVRE4 Fiches technique(PDF) 6 Page - Texas Instruments |
|
SN74AHC1G00DBVRE4 Fiches technique(HTML) 6 Page - Texas Instruments |
6 / 24 page 6 SN74AHC1G00 SCLS313O – MARCH 1996 – REVISED APRIL 2016 www.ti.com Product Folder Links: SN74AHC1G00 Submit Documentation Feedback Copyright © 1996–2016, Texas Instruments Incorporated Electrical Characteristics (continued) over operating free-air temperature range (unless otherwise noted) PARAMETER(1) TEST CONDITIONS VCC MIN TYP MAX UNIT ICC VI = VCC or GND, IO = 0 TA = 25°C 5.5 V 1 µA TA = –40°C to +85°C 10 TA = –40°C to +125°C 10 Ci VI = VCC or GND TA = 25°C 5 V 2 10 pF TA = –40°C to +85°C 10 TA = –40°C to +125°C 10 (1) Recommended TA = –40°C to +125°C 6.6 Switching Characteristics: VCC = 3.3 V ± 0.3 V over recommended operating free-air temperature range, VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 2) PARAMETER FROM (INPUT) TO (OUTPUT) OUTPUT CAPACITANCE TA (1) MIN TYP MAX UNIT tPLH A or B Y CL = 15 pF 25°C 5.5 7.9 ns –40°C to +85°C 1 9.5 –40°C to +125°C 1 10.5 tPHL 25°C 5.5 7.9 –40°C to +85°C 1 9.5 –40°C to +125°C 1 10.5 tPLH A or B Y CL = 50 pF 25°C 8 11.4 ns –40°C to +85°C 1 13 –40°C to +125°C 1 14 tPHL 25°C 8 11.4 –40°C to +85°C 1 13 –40°C to +125°C 1 14 (1) Recommended TA = –40°C to +125°C 6.7 Switching Characteristics: VCC = 5 V ± 0.5 V over recommended operating free-air temperature range, VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 2) PARAMETER FROM (INPUT) TO (OUTPUT) OUTPUT CAPACITANCE TA (1) MIN TYP MAX UNIT tPLH A or B Y CL = 15 pF 25°C 3.7 5.5 ns –40°C to +85°C 1 6.5 –40°C to +125°C 1 7 tPHL 25°C 3.7 5.5 –40°C to +85°C 1 6.5 –40°C to +125°C 1 7 tPLH A or B Y CL = 50 pF 25°C 5.2 7.5 ns –40°C to +85°C 1 6.5 –40°C to +125°C 1 9 tPHL 25°C 5.2 7.5 –40°C to +85°C 1 6.5 –40°C to +125°C 1 9 |
Numéro de pièce similaire - SN74AHC1G00DBVRE4 |
|
Description similaire - SN74AHC1G00DBVRE4 |