Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74AHC1G00DBV Fiches technique(PDF) 1 Page - Texas Instruments

No de pièce SN74AHC1G00DBV
Description  SN74AHC1G00 Single 2-Input Positive-NAND Gate
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHC1G00DBV Fiches technique(HTML) 1 Page - Texas Instruments

  SN74AHC1G00DBV Datasheet HTML 1Page - Texas Instruments SN74AHC1G00DBV Datasheet HTML 2Page - Texas Instruments SN74AHC1G00DBV Datasheet HTML 3Page - Texas Instruments SN74AHC1G00DBV Datasheet HTML 4Page - Texas Instruments SN74AHC1G00DBV Datasheet HTML 5Page - Texas Instruments SN74AHC1G00DBV Datasheet HTML 6Page - Texas Instruments SN74AHC1G00DBV Datasheet HTML 7Page - Texas Instruments SN74AHC1G00DBV Datasheet HTML 8Page - Texas Instruments SN74AHC1G00DBV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
1
2
4
A
B
Y
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.
SN74AHC1G00
SCLS313O – MARCH 1996 – REVISED APRIL 2016
SN74AHC1G00 Single 2-Input Positive-NAND Gate
1
1 Features
1
Operating Range: 2 V to 5.5 V
Maximum tpd of 6.5 ns at 5 V
Low Power Consumption: Maximum ICC of 10 μA
±8-mA Output Drive at 5 V
Schmitt Trigger Action at All Inputs Makes the
Circuit Tolerant for Slower Input Rise and Fall
Time
Latch-Up Performance Exceeds 250 mA Per
JESD 17
ESD Protection Exceeds JESD 22
2000-V Human-Body Model (A114-A)
1000-V Charged-Device Model (C101)
2 Applications
IP Phones
Notebook PCs
Printers
Access Control and Security
Solar Inverters
Personal Electronics
3 Description
The SN74AHC1G00 performs the Boolean function
Y = A • B or Y = A + B in positive logic.
Device Information(1)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
SN74AHC1G00DBV SOT-23 (5)
2.90 mm × 1.60 mm
SN74AHC1G00DCK SC70 (5)
2.00 mm × 1.25 mm
SN74AHC1G00DRL
SOT (5)
1.60 mm × 1.20 mm
(1) For all available packages, see the orderable addendum at
the end of the data sheet.
Logic Diagram (Positive Logic)


Numéro de pièce similaire - SN74AHC1G00DBV

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AHC1G00DBV TI-SN74AHC1G00DBV Datasheet
71Kb / 5P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
SN74AHC1G00DBV TI1-SN74AHC1G00DBV Datasheet
1Mb / 29P
[Old version datasheet]   Single 2-Input Positive-NAND Gate
SN74AHC1G00DBVR TI-SN74AHC1G00DBVR Datasheet
442Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
SN74AHC1G00DBVR TI-SN74AHC1G00DBVR Datasheet
575Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
SN74AHC1G00DBVR TI1-SN74AHC1G00DBVR Datasheet
1Mb / 29P
[Old version datasheet]   Single 2-Input Positive-NAND Gate
More results

Description similaire - SN74AHC1G00DBV

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AHC1G00-Q1 TI-SN74AHC1G00-Q1_V01 Datasheet
1Mb / 22P
[Old version datasheet]   SN74AHC1G00-Q1 Automotive Single 2-Input Positive-NAND Gate
REVISED OCTOBER 2023
logo
Diodes Incorporated
74LVC1G00_1012 DIODES-74LVC1G00_1012 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE NAND GATE
DS32196 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G00 TI-SN74LVC1G00_10 Datasheet
668Kb / 16P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
SN74LVC1G00_101 TI-SN74LVC1G00_101 Datasheet
667Kb / 16P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
logo
Diodes Incorporated
74LVCE1G00SE-7 DIODES-74LVCE1G00SE-7 Datasheet
275Kb / 14P
   SINGLE 2 INPUT POSITIVE NAND GATE
74AUP1G00 DIODES-74AUP1G00 Datasheet
206Kb / 11P
   SINGLE 2 INPUT POSITIVE NAND GATE
logo
Texas Instruments
SN74AHCT1G00 TI1-SN74AHCT1G00_18 Datasheet
1Mb / 25P
[Old version datasheet]   Single 2-Input Positive-NAND Gate
logo
Diodes Incorporated
74LVC1G00Q DIODES-74LVC1G00Q Datasheet
528Kb / 9P
   SINGLE 2 INPUT POSITIVE NAND GATE
June 2020 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G00 TI-SN74LVC1G00 Datasheet
443Kb / 17P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
SN74AHC1G00-Q1 TI-SN74AHC1G00-Q1 Datasheet
117Kb / 6P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com