Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SI9183DT-AD-T1 Fiches technique(PDF) 1 Page - Vishay Siliconix

No de pièce SI9183DT-AD-T1
Description  High-Performance, Size Saving 150-mA CMOS LDO Regulator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  VISHAY [Vishay Siliconix]
Site Internet  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SI9183DT-AD-T1 Fiches technique(HTML) 1 Page - Vishay Siliconix

  SI9183DT-AD-T1 Datasheet HTML 1Page - Vishay Siliconix SI9183DT-AD-T1 Datasheet HTML 2Page - Vishay Siliconix SI9183DT-AD-T1 Datasheet HTML 3Page - Vishay Siliconix SI9183DT-AD-T1 Datasheet HTML 4Page - Vishay Siliconix SI9183DT-AD-T1 Datasheet HTML 5Page - Vishay Siliconix SI9183DT-AD-T1 Datasheet HTML 6Page - Vishay Siliconix SI9183DT-AD-T1 Datasheet HTML 7Page - Vishay Siliconix SI9183DT-AD-T1 Datasheet HTML 8Page - Vishay Siliconix SI9183DT-AD-T1 Datasheet HTML 9Page - Vishay Siliconix Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Si9183
Vishay Siliconix
Document Number: 71258
S-40593—Rev. E, 29-Mar-04
www.vishay.com
1
High-Performance, Size Saving 150-mA CMOS LDO Regulator
FEATURES
D Low 135-mV Dropout at 150-mA Load
D Guaranteed 150-mA Output Current
D 300-mA Peak Output Current Capability
D Uses Low ESR Ceramic Output Capacitor
D Fast Load And Line Transient Response
D Low Output Noise
D 1-mA Maximum Shutdown Current
D Built-in Short Circuit And Thermal Protection
D Fixed 1.5-V, 1.8-V, 2.0-V, 2.5-V, 2.7-V, 2.8-V, 2.85-V,
3.0-V, 3.3-V, 3.6-V, 5.0-V or Adjustable Output
Voltage Options (Version B)
D Thin SOT-23 5-Pin Package
APPLICATIONS
D Battery Powered Portable Systems
D Cellular Phones
D PDAs, Palmtops
D Pagers
D Post Regulators for Multi-Output Converters
D Notebook Computers
DESCRIPTION
The Si9183 is a high performance yet size saving 150-mA
CMOS LDO (low dropout) voltage regulator. Its ultra low
ground current and dropout voltage prolong battery life in
portable electronics. The device provides LINE/LOAD
transient response and ripple rejection superior to that of
Bipolar or BiCMOS LDO regulators. It is designed to maintain
regulation while delivering 300-mA peak current. The Si9183
drives lower cost ceramic, as well as tantalum, output
capacitors. Stability is guaranteed from maximum load current
down to 0-mA load. An external noise bypass capacitor
connected to the device’s CBP pin will reduce the LDO’s
self-noise for low noise applications. The Si9183 includes a
shutdown feature that allows users to completely disable the
device and save power when no output is required.
The Si9183, in Thin SOT23-5 packaging, is available in two
versions (Version A or B). Version A offers low noise
performance, while Version B features adjustable output
voltage.
The Si9183 is available in both standard and lead (Pb)-free
packages.
TYPICAL APPLICATIONS CIRCUITS
FIGURE 1. Version A with Low Output Noise
FIGURE 2. Version B with Adjustable Output
3
2
Si9183-A
1
4
5
VIN
GND
SD
VOUT
BP
VIN
SD
VOUT
1 mF
2.2 mF
Thin SOT-23, 5-Lead
3
2
Si9183-B
1
4
5
VIN
GND
SD
VOUT
FB
VIN
SD
VOUT
1 mF
2.2 mF
0.1 mF
ON
OFF
ON
OFF
Thin SOT-23, 5-Lead


Numéro de pièce similaire - SI9183DT-AD-T1

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI9183DT-AD-T1 VISHAY-SI9183DT-AD-T1 Datasheet
181Kb / 11P
   High-Performance, Size Saving 150-mA CMOS LDO Regulator
Rev. G, 20-Jun-05
More results

Description similaire - SI9183DT-AD-T1

FabricantNo de pièceFiches techniqueDescription
logo
Vishay Siliconix
SI9183 VISHAY-SI9183_V01 Datasheet
164Kb / 11P
   High-Performance, Size Saving 150-mA CMOS LDO Regulator
18-Jul-08
SI9183 VISHAY-SI9183_05 Datasheet
181Kb / 11P
   High-Performance, Size Saving 150-mA CMOS LDO Regulator
Rev. G, 20-Jun-05
logo
ON Semiconductor
CAT6217 ONSEMI-CAT6217 Datasheet
165Kb / 9P
   150 mA CMOS LDO Regulator
December, 2009 ??Rev. 5
CAT6217 ONSEMI-CAT6217_11 Datasheet
156Kb / 9P
   150 mA CMOS LDO Regulator
January, 2011 ??Rev. 6
FAN2502 ONSEMI-FAN2502 Datasheet
972Kb / 14P
   150 mA CMOS LDO Regulator
May 2013 Rev. 1.1.0
NCP603 ONSEMI-NCP603_13 Datasheet
153Kb / 13P
   300 mA High Performance CMOS LDO Regulator
January, 2013 ??Rev. 3
logo
Microchip Technology
MCP1754ST-1802E MICROCHIP-MCP1754ST-1802E Datasheet
1Mb / 42P
   150 mA, 16V, High Performance LDO
08/02/11
MCP1754 MICROCHIP-MCP1754 Datasheet
1Mb / 42P
   150 mA, 16V, High Performance LDO
2011
MCP1754ST-3302E MICROCHIP-MCP1754ST-3302E Datasheet
1Mb / 42P
   150 mA, 16V, High Performance LDO
08/02/11
MCP1754 MICROCHIP-MCP1754_13 Datasheet
1Mb / 44P
   150 mA, 16V, High Performance LDO
2011-2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com