Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74AHC32Q-Q1 Fiches technique(PDF) 1 Page - Texas Instruments

No de pièce SN74AHC32Q-Q1
Description  QUADRUPLE 2-INPUT POSITIVE-OR GATE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHC32Q-Q1 Fiches technique(HTML) 1 Page - Texas Instruments

  SN74AHC32Q-Q1_15 Datasheet HTML 1Page - Texas Instruments SN74AHC32Q-Q1_15 Datasheet HTML 2Page - Texas Instruments SN74AHC32Q-Q1_15 Datasheet HTML 3Page - Texas Instruments SN74AHC32Q-Q1_15 Datasheet HTML 4Page - Texas Instruments SN74AHC32Q-Q1_15 Datasheet HTML 5Page - Texas Instruments SN74AHC32Q-Q1_15 Datasheet HTML 6Page - Texas Instruments SN74AHC32Q-Q1_15 Datasheet HTML 7Page - Texas Instruments SN74AHC32Q-Q1_15 Datasheet HTML 8Page - Texas Instruments SN74AHC32Q-Q1_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
SN74AHC32QQ1
QUADRUPLE 2INPUT POSITIVEOR GATE
SGDS019A − FEBRUARY 2002 − REVISED APRIL 2008
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Qualified for Automotive Applications
D EPIC (Enhanced-Performance Implanted
CMOS) Process
D Operating Range 2-V to 5.5-V VCC
D Latch-Up Performance Exceeds 250 mA Per
JESD 17
D ESD Protection Exceeds 2000 V Per
MIL-STD-883, Method 3015; Exceeds 200 V
Using Machine Model (C = 200 pF, R = 0)
description
The SN74AHC32Q is a quadruple 2-input positive-OR gate. This device performs the Boolean function
Y
+ A • B or Y + A ) B in positive logic.
ORDERING INFORMATION{
TA
PACKAGE‡
ORDERABLE
PART NUMBER
TOP-SIDE
MARKING
−40
°C to 125°C
SOIC − D
Tape and reel
SN74AHC32QDRQ1
AHC32Q
−40
°C to 125°C
TSSOP − PW
Tape and reel
SN74AHC32QPWRQ1
HA32Q
† For the most current package and ordering information, see the Package Option Addendum at the end of
this document, or see the TI web site at http://www.ti.com.
‡ Package drawings, thermal data, and symbolization are available at http://www.ti.com/packaging.
FUNCTION TABLE
(each gate)
INPUTS
OUTPUT
A
B
OUTPUT
Y
H
X
H
X
HH
L
L
L
Copyright
 2008, Texas Instruments Incorporated
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
EPIC is a trademark of Texas Instruments.
1
2
3
4
5
6
7
14
13
12
11
10
9
8
1A
1B
1Y
2A
2B
2Y
GND
VCC
4B
4A
4Y
3B
3A
3Y
D OR PW PACKAGE
(TOP VIEW)


Numéro de pièce similaire - SN74AHC32Q-Q1_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AHC32Q-Q1 TI-SN74AHC32Q-Q1_V01 Datasheet
1Mb / 26P
[Old version datasheet]   SN74AHC32Q-Q1 Quadruple 2-Input Positive-OR Gates
REVISED JUNE 2023
More results

Description similaire - SN74AHC32Q-Q1_15

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AC32-EP TI1-SN74AC32-EP Datasheet
274Kb / 8P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATE
SN74LV32A-EP TI1-SN74LV32A-EP Datasheet
519Kb / 12P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATE
SN74AUC32 TI-SN74AUC32 Datasheet
403Kb / 9P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATE
SN74ALVC32 TI-SN74ALVC32 Datasheet
248Kb / 9P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATE
74AC11032 TI-74AC11032 Datasheet
76Kb / 5P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATE
REVISED APRIL 1996
SN74LVC32A-EP TI1-SN74LVC32A-EP Datasheet
559Kb / 13P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATE
SN74AHC32-EP TI1-SN74AHC32-EP Datasheet
433Kb / 9P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATE
SN74AHCT32-Q1 TI1-SN74AHCT32-Q1 Datasheet
262Kb / 10P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATE
CD74ACT32-Q1 TI1-CD74ACT32-Q1 Datasheet
200Kb / 9P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATE
SN74LV32A-Q1 TI1-SN74LV32A-Q1 Datasheet
202Kb / 10P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATE
SN74ALVC32 TI-SN74ALVC32_07 Datasheet
404Kb / 13P
[Old version datasheet]   QUADRUPLE 2-INPUT POSITIVE-OR GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com