Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74AHC2G32HDCT3 Fiches technique(PDF) 2 Page - Texas Instruments

No de pièce SN74AHC2G32HDCT3
Description  DUAL 2-INPUT POSITIVE-OR GATE
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHC2G32HDCT3 Fiches technique(HTML) 2 Page - Texas Instruments

  SN74AHC2G32HDCT3 Datasheet HTML 1Page - Texas Instruments SN74AHC2G32HDCT3 Datasheet HTML 2Page - Texas Instruments SN74AHC2G32HDCT3 Datasheet HTML 3Page - Texas Instruments SN74AHC2G32HDCT3 Datasheet HTML 4Page - Texas Instruments SN74AHC2G32HDCT3 Datasheet HTML 5Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
SN74AHC2G32
DUAL 2-INPUT POSITIVE-OR GATE
SCLS437A – SEPTEMBER 1999 – REVISED NOVEMBER 1999
2
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
absolute maximum ratings over operating free-air temperature (unless otherwise noted)
Supply voltage range, VCC
–0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input voltage range, VI (see Note 1)
–0.5 V to 7 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output voltage range, VO (see Note 1)
–0.5 V to VCC + 0.5 V
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Input clamp current, IIK (VI < 0)
–20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Output clamp current, IOK (VO < 0 or VO > VCC)
±20 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous output current, IO (VO = 0 to VCC)
±25 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Continuous current through VCC or GND
±50 mA
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Package thermal impedance,
θJA (see Note 2)
296
°C/W
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
Storage temperature range, Tstg
–65
°C to 150°C
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
† Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings only, and
functional operation of the device at these or any other conditions beyond those indicated under “recommended operating conditions” is not
implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
NOTES:
1. The input and output voltage ratings may be exceeded if the input and output current ratings are observed.
2. The package thermal impedance is calculated in accordance with JESD 51.
recommended operating conditions (see Note 3)
MIN
MAX
UNIT
VCC
Supply voltage
2
5.5
V
VCC = 2 V
1.5
VIH
High-level input voltage
VCC = 3 V
2.1
V
VCC = 5.5 V
3.85
VCC = 2 V
0.5
VIL
Low-level input voltage
VCC = 3 V
0.9
V
VCC = 5.5 V
1.65
VI
Input voltage
0
5.5
V
VO
Output voltage
0
VCC
V
VCC = 2 V
–50
µA
IOH
High-level output current
VCC = 3.3 V ± 0.3 V
–4
mA
VCC = 5 V ± 0.5 V
–8
mA
VCC = 2 V
50
µA
IOL
Low-level output current
VCC = 3.3 V ± 0.3 V
4
mA
VCC = 5 V ± 0.5 V
8
mA
∆t/∆v
Input transition rise or fall rate
VCC = 3.3 V ± 0.3 V
100
ns/V
∆t/∆v
Input transition rise or fall rate
VCC = 5 V ± 0.5 V
20
ns/V
TA
Operating free-air temperature
–40
85
°C
NOTE 3: All unused inputs of the device must be held at VCC or GND to ensure proper device operation. Refer to the TI application report,
Implications of Slow or Floating CMOS Inputs, literature number SCBA004.


Numéro de pièce similaire - SN74AHC2G32HDCT3

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AHC2G00 TI1-SN74AHC2G00 Datasheet
75Kb / 5P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-NAND GATE
SN74AHC2G00HDCT3 TI1-SN74AHC2G00HDCT3 Datasheet
75Kb / 5P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-NAND GATE
SN74AHC2G00HDCU3 TI1-SN74AHC2G00HDCU3 Datasheet
75Kb / 5P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-NAND GATE
SN74AHC2G02 TI1-SN74AHC2G02 Datasheet
75Kb / 5P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-NOR GATE
SN74AHC2G02HDCU3 TI1-SN74AHC2G02HDCU3 Datasheet
75Kb / 5P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-NOR GATE
More results

Description similaire - SN74AHC2G32HDCT3

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
U74LVC2G32 UTC-U74LVC2G32_15 Datasheet
158Kb / 6P
   DUAL 2-INPUT POSITIVE-OR GATE
logo
Texas Instruments
SN74LVC2G32 TI1-SN74LVC2G32_15 Datasheet
914Kb / 22P
[Old version datasheet]   Dual 2-Input Positive-OR Gate
SN74LVC2G32 TI-SN74LVC2G32 Datasheet
319Kb / 12P
[Old version datasheet]   DUAL 2 INPUT POSITIVE-OR GATE
SN74AUC2G32 TI-SN74AUC2G32 Datasheet
233Kb / 10P
[Old version datasheet]   DUAL 2 INPUT POSITIVE OR GATE
SN74AUC2G32 TI-SN74AUC2G32_09 Datasheet
529Kb / 13P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-OR GATE
SN74AUC2G32YZTR TI-SN74AUC2G32YZTR Datasheet
823Kb / 15P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-OR GATE
SN74LVC2G32-EP TI1-SN74LVC2G32-EP Datasheet
420Kb / 11P
[Old version datasheet]   DUAL 2-INPUT POSITIVE-OR GATE
logo
Unisonic Technologies
U74LVC2G32 UTC-U74LVC2G32 Datasheet
158Kb / 6P
   DUAL 2-INPUT POSITIVE-OR GATE
logo
Texas Instruments
SN74AUP2G32 TI1-SN74AUP2G32 Datasheet
739Kb / 20P
[Old version datasheet]   LOW-POWER DUAL 2-INPUT POSITIVE-OR GATE
logo
Diodes Incorporated
74LVC1G32 DIODES-74LVC1G32 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE OR GATE
DS32200 Rev. 2 - 2
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com