Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AHC1GU04DCKRE4 Fiches technique(PDF) 10 Page - Texas Instruments

No de pièce 74AHC1GU04DCKRE4
Description  Single 2-Input Inverter Gate
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

74AHC1GU04DCKRE4 Fiches technique(HTML) 10 Page - Texas Instruments

Back Button 74AHC1GU04DCKRE4 Datasheet HTML 6Page - Texas Instruments 74AHC1GU04DCKRE4 Datasheet HTML 7Page - Texas Instruments 74AHC1GU04DCKRE4 Datasheet HTML 8Page - Texas Instruments 74AHC1GU04DCKRE4 Datasheet HTML 9Page - Texas Instruments 74AHC1GU04DCKRE4 Datasheet HTML 10Page - Texas Instruments 74AHC1GU04DCKRE4 Datasheet HTML 11Page - Texas Instruments 74AHC1GU04DCKRE4 Datasheet HTML 12Page - Texas Instruments 74AHC1GU04DCKRE4 Datasheet HTML 13Page - Texas Instruments 74AHC1GU04DCKRE4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
SN74AHC1GU04
SCLS343R – APRIL 1996 – REVISED DECEMBER 2014
www.ti.com
Typical Application (continued)
10.2.3 Application Curves
Figure 6. Open-Loop Gain
11 Power Supply Recommendations
The power supply can be any voltage between the MIN and MAX supply voltage rating located in the
Recommended Operating Conditions table.
Each VCC pin should have a good bypass capacitor to prevent power disturbance. For devices with a single
supply, 0.1
μF is recommended. If there are multiple VCC pins, 0.01 μF or 0.022 μF is recommended for each
power pin. It is acceptable to parallel multiple bypass caps to reject different frequencies of noise. A 0.1
μF and
1
μF are commonly used in parallel. The bypass capacitor should be installed as close to the power pin as
possible for best results.
10
Submit Documentation Feedback
Copyright © 1996–2014, Texas Instruments Incorporated
Product Folder Links: SN74AHC1GU04


Numéro de pièce similaire - 74AHC1GU04DCKRE4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
74AHC1GU04DCKRE4 TI-74AHC1GU04DCKRE4 Datasheet
475Kb / 12P
[Old version datasheet]   SINGLE INVERTER GATE
More results

Description similaire - 74AHC1GU04DCKRE4

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
MM74C00 FAIRCHILD-MM74C00 Datasheet
78Kb / 6P
   Quad 2-Input NAND Gate . Quad 2-Input NOR Gate . Hex Inverter
MM74C00 FAIRCHILD-MM74C00_02 Datasheet
85Kb / 6P
   Quad 2-Input NAND Gate. Quad 2-Input NOR Gate. Hex Inverter
logo
ON Semiconductor
NL17SV32XV5T2 ONSEMI-NL17SV32XV5T2 Datasheet
51Kb / 6P
   Single Gate 2-Input OR Gate
January, 2005 ??Rev. 1
NL17SV32-D ONSEMI-NL17SV32-D Datasheet
41Kb / 6P
   Single Gate 2-Input OR Gate
January, 2005 ??Rev. 1
logo
STMicroelectronics
HCC4085B STMICROELECTRONICS-HCC4085B Datasheet
298Kb / 13P
   DUAL 2-WIDE 2-INPUT AND-OR-INVERTER GATE
logo
NXP Semiconductors
74LVC1G00 PHILIPS-74LVC1G00 Datasheet
86Kb / 15P
   Single 2-input NAND gate
2004 Sep 07
logo
Rohm
BU4S11 ROHM-BU4S11 Datasheet
39Kb / 4P
   Single 2-input NAND gate
logo
ON Semiconductor
MC74HC1G32 ONSEMI-MC74HC1G32 Datasheet
93Kb / 8P
   Single 2-Input OR Gate
September, 2001 ??Rev. 7
NLU1G00 ONSEMI-NLU1G00 Datasheet
135Kb / 8P
   Single 2-Input NAND Gate
April, 2008 ??Rev. 0
logo
STMicroelectronics
74V1T08 STMICROELECTRONICS-74V1T08_04 Datasheet
108Kb / 9P
   SINGLE 2-INPUT AND GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com