Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM3704 Fiches technique(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM3704
Description  Voltage Supervisor With Power-Fail Input, Low-Line Output and Manual Reset
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM3704 Fiches technique(HTML) 3 Page - Texas Instruments

  LM3704 Datasheet HTML 1Page - Texas Instruments LM3704 Datasheet HTML 2Page - Texas Instruments LM3704 Datasheet HTML 3Page - Texas Instruments LM3704 Datasheet HTML 4Page - Texas Instruments LM3704 Datasheet HTML 5Page - Texas Instruments LM3704 Datasheet HTML 6Page - Texas Instruments LM3704 Datasheet HTML 7Page - Texas Instruments LM3704 Datasheet HTML 8Page - Texas Instruments LM3704 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
1
VCC
10
RESET
2
MR
9
NC
3
PFI
8
PFO
4
NC
7
LLO
5
GND
6
NC
3
LM3704
www.ti.com
SNVS088F – MAY 2004 – REVISED APRIL 2016
Product Folder Links: LM3704
Submit Documentation Feedback
Copyright © 2004–2016, Texas Instruments Incorporated
5 Pin Configuration and Functions
DGS Package
10-Pin VSSOP
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NO.
NAME
1
VCC
I
Power supply input.
2
MR
I
Manual-reset input. When MR is less than VMRT (manual reset threshold) RESET/RESET is engaged.
3
PFI
I
Power-fail comparator input. When PFI is less than VPFT (power-fail reset threshold), the PFO goes low.
Otherwise, PFO remains high.
4
NC
No connection.
5
GND
Ground reference for all signals.
6
NC
No connection.
7
LLO
O
Low-line logic output. Early power-fail warning output. Low when VCC falls below VLLOT (low-line output
threshold). This output can be used to generate an NMI (non-maskable interrupt) to provide an early
warning of imminent power failure.
8
PFO
O
Power-fail logic output. When PFI is below VPFT, PFO goes low; otherwise, PFO remains high.
9
NC
No connection. Test input used at factory only. Leave floating.
10
RESET
O
Reset logic output. Pulses low for tRP (reset time-out period) when triggered, and stays low whenever
VCC is below the reset threshold or when MR is below VMRT. It remains low for tRP after either VCC rises
above the reset threshold, or after MR input rises above VMRT.


Numéro de pièce similaire - LM3704

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM3704 NSC-LM3704 Datasheet
315Kb / 17P
   Microprocessor Supervisory Circuits with Power Fail Input, Low Line Output and Manual Reset
LM3704XABP-308 NSC-LM3704XABP-308 Datasheet
315Kb / 17P
   Microprocessor Supervisory Circuits with Power Fail Input, Low Line Output and Manual Reset
LM3704XABP-643 NSC-LM3704XABP-643 Datasheet
315Kb / 17P
   Microprocessor Supervisory Circuits with Power Fail Input, Low Line Output and Manual Reset
LM3704XABPX-308 NSC-LM3704XABPX-308 Datasheet
315Kb / 17P
   Microprocessor Supervisory Circuits with Power Fail Input, Low Line Output and Manual Reset
LM3704XABPX-643 NSC-LM3704XABPX-643 Datasheet
315Kb / 17P
   Microprocessor Supervisory Circuits with Power Fail Input, Low Line Output and Manual Reset
More results

Description similaire - LM3704

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM3704 NSC-LM3704 Datasheet
315Kb / 17P
   Microprocessor Supervisory Circuits with Power Fail Input, Low Line Output and Manual Reset
logo
Microchip Technology
TC1270A MICROCHIP-TC1270A Datasheet
573Kb / 40P
   Voltage Supervisor with Manual Reset Input
2007
TC1270A MICROCHIP-TC1270A_V01 Datasheet
1Mb / 42P
   Voltage Supervisor with Manual Reset Input
Revision F January 2022
logo
National Semiconductor ...
LM3710 NSC-LM3710 Datasheet
319Kb / 16P
   Microprocessor Supervisory Circuits with Power Fail Input, Low Line Output, Manual Reset and Watchdog Timer
logo
Texas Instruments
TPS386596 TI1-TPS386596 Datasheet
803Kb / 14P
[Old version datasheet]   Quad Reset Supervisor with Manual Reset Input
TPS386596L33 TI-TPS386596L33 Datasheet
477Kb / 12P
[Old version datasheet]   Quad Reset Supervisor with Manual Reset Input
LM3710 TI1-LM3710 Datasheet
1Mb / 19P
[Old version datasheet]   LM3710/LM3711 Microprocessor Supervisory Circuits with Power Fail Input, Low Line Output, Manual Reset and Watchdog Timer
logo
Intersil Corporation
ISL88705 INTERSIL-ISL88705 Datasheet
485Kb / 15P
   uP Supervisor with Watchdog Timer, Power-Fail Comparator, Manual Reset and Adjustable Power-On Reset
ISL88705 INTERSIL-ISL88705_06 Datasheet
470Kb / 14P
   uP Supervisor with Watchdog Timer, Power-Fail Comparator, Manual Reset and Adjustable Power-On Reset
logo
Analog Devices
MAX16180 AD-MAX16180 Datasheet
449Kb / 11P
   Nano Power, Tiny Supervisor with Manual Reset Input
Rev 0; 11/22
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com