Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74AHC138DRG4 Fiches technique(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
No de pièce SN74AHC138DRG4
Description  3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHC138DRG4 Fiches technique(HTML) 4 Page - Texas Instruments

  SN74AHC138DRG4 Datasheet HTML 1Page - Texas Instruments SN74AHC138DRG4 Datasheet HTML 2Page - Texas Instruments SN74AHC138DRG4 Datasheet HTML 3Page - Texas Instruments SN74AHC138DRG4 Datasheet HTML 4Page - Texas Instruments SN74AHC138DRG4 Datasheet HTML 5Page - Texas Instruments SN74AHC138DRG4 Datasheet HTML 6Page - Texas Instruments SN74AHC138DRG4 Datasheet HTML 7Page - Texas Instruments SN74AHC138DRG4 Datasheet HTML 8Page - Texas Instruments SN74AHC138DRG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 28 page
background image
SN54AHC138, SN74AHC138
3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SCLS258L − DECEMBER 1995 − REVISED JULY 2003
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
V
TA = 25°C
SN54AHC138
SN74AHC138
UNIT
PARAMETER
TEST CONDITIONS
VCC
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
2 V
1.9
2
1.9
1.9
IOH = −50 mA
3 V
2.9
3
2.9
2.9
VOH
IOH
50
mA
4.5 V
4.4
4.5
4.4
4.4
V
VOH
IOH = −4 mA
3 V
2.58
2.48
2.48
V
IOH = −8 mA
4.5 V
3.94
3.8
3.8
2 V
0.1
0.1
0.1
IOL = 50 mA
3 V
0.1
0.1
0.1
VOL
IOL
50
mA
4.5 V
0.1
0.1
0.1
V
VOL
IOL = 4 mA
3 V
0.36
0.5
0.44
V
IOL = 8 mA
4.5 V
0.36
0.5
0.44
II
VI = 5.5 V or GND
0 V to 5.5 V
±0.1
±1*
±1
mA
ICC
VI = VCC or GND,
IO = 0
5.5 V
4
40
40
mA
Ci
VI = VCC or GND
5 V
2
10
10
pF
* On products compliant to MIL-PRF-38535, this parameter is not production tested at VCC = 0 V.
switching characteristics over recommended operating free-air temperature range,
VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
LOAD
TA = 25°C
SN54AHC138
SN74AHC138
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
LOAD
CAPACITANCE
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
tPLH
ABC
Any Y
C
15 pF
8.2**
11.4**
1**
13**
1
13
ns
tPHL
A, B, C
Any Y
CL = 15 pF
8.2**
11.4**
1**
13**
1
13
ns
tPLH
G1
Any Y
C
15 pF
8.1**
12.8**
1**
15**
1
15
ns
tPHL
G1
Any Y
CL = 15 pF
8.1**
12.8**
1**
15**
1
15
ns
tPLH
G2A G2B
Any Y
C
15 pF
8.2**
11.4**
1**
13.5**
1
13.5
ns
tPHL
G2A, G2B
Any Y
CL = 15 pF
8.2**
11.4**
1**
13.5**
1
13.5
ns
tPLH
ABC
Any Y
C
50 pF
10
15.8
1
18
1
18
ns
tPHL
A, B, C
Any Y
CL = 50 pF
10
15.8
1
18
1
18
ns
tPLH
G1
Any Y
C
50 pF
10.6
16.3
1
18.5
1
18.5
ns
tPHL
G1
Any Y
CL = 50 pF
10.6
16.3
1
18.5
1
18.5
ns
tPLH
G2A G2B
Any Y
C =50pF
10.7
14.9
1
17
1
17
ns
tPHL
G2A, G2B
Any Y
CL = 50 pF
10.7
14.9
1
17
1
17
ns
** On products compliant to MIL-PRF-38535, this parameter is not production tested.


Numéro de pièce similaire - SN74AHC138DRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AHC138DR TI-SN74AHC138DR Datasheet
683Kb / 2P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN74AHC138DR TI-SN74AHC138DR Datasheet
135Kb / 9P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
More results

Description similaire - SN74AHC138DRG4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
54AC11238 TI-54AC11238 Datasheet
114Kb / 9P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN74AHC138 TI-SN74AHC138 Datasheet
683Kb / 2P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN54LS138 TI1-SN54LS138_15 Datasheet
1Mb / 22P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN54LVC138A TI1-SN54LVC138A_15 Datasheet
1Mb / 34P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
logo
Renesas Technology Corp
HD74LS138 RENESAS-HD74LS138 Datasheet
100Kb / 8P
   3-Line-to-8-Line Decoders / Demultiplexers
logo
Texas Instruments
SN54ALS138A TI-SN54ALS138A_08 Datasheet
826Kb / 20P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN54LVC138A TI-SN54LVC138A_10 Datasheet
821Kb / 25P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN74HC238 TI1-SN74HC238 Datasheet
145Kb / 5P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SNJ54HCT138J TI1-SNJ54HCT138J Datasheet
1Mb / 21P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
74AC11238D TI-74AC11238D Datasheet
111Kb / 9P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
SN54HCT138 TI-SN54HCT138 Datasheet
95Kb / 6P
[Old version datasheet]   3-LINE TO 8-LINE DECODERS/DEMULTIPLEXERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com