Moteur de recherche de fiches techniques de composants électroniques |
|
SN74AHC16541DLR Fiches technique(PDF) 10 Page - Texas Instruments |
|
|
SN74AHC16541DLR Fiches technique(HTML) 10 Page - Texas Instruments |
10 / 13 page MECHANICAL DATA MTSS003D – JANUARY 1995 – REVISED JANUARY 1998 POST OFFICE BOX 655303 • DALLAS, TEXAS 75265 DGG (R-PDSO-G**) PLASTIC SMALL-OUTLINE PACKAGE 4040078 / F 12/97 48 PINS SHOWN 0,25 0,15 NOM Gage Plane 6,00 6,20 8,30 7,90 0,75 0,50 Seating Plane 25 0,27 0,17 24 A 48 1 1,20 MAX M 0,08 0,10 0,50 0 °–8° 56 14,10 13,90 48 DIM A MAX A MIN PINS ** 12,40 12,60 64 17,10 16,90 0,15 0,05 NOTES: A. All linear dimensions are in millimeters. B. This drawing is subject to change without notice. C. Body dimensions do not include mold protrusion not to exceed 0,15. D. Falls within JEDEC MO-153 |
Numéro de pièce similaire - SN74AHC16541DLR |
|
Description similaire - SN74AHC16541DLR |