Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SN74AHC594NE4 Fiches technique(PDF) 3 Page - Texas Instruments

No de pièce SN74AHC594NE4
Description  8-Bit Shift Registers With Output Registers
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

SN74AHC594NE4 Fiches technique(HTML) 3 Page - Texas Instruments

  SN74AHC594NE4 Datasheet HTML 1Page - Texas Instruments SN74AHC594NE4 Datasheet HTML 2Page - Texas Instruments SN74AHC594NE4 Datasheet HTML 3Page - Texas Instruments SN74AHC594NE4 Datasheet HTML 4Page - Texas Instruments SN74AHC594NE4 Datasheet HTML 5Page - Texas Instruments SN74AHC594NE4 Datasheet HTML 6Page - Texas Instruments SN74AHC594NE4 Datasheet HTML 7Page - Texas Instruments SN74AHC594NE4 Datasheet HTML 8Page - Texas Instruments SN74AHC594NE4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 27 page
background image
SN54AHC594 . . . FK PACKAGE
(TOP VIEW)
NC − No internal connection
3
2
1
20 19
9 10 11 12 13
4
5
6
7
8
18
17
16
15
14
SER
RCLR
NC
RCLK
SRCLK
Q
Q
NC
D
E
Q
Q
F
G
SN54AHC594 . . . J OR W PACKAGE
SN74AHC594 . . . D, DB, N, NS, OR PW PACKAGE
(TOP VIEW)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
B
C
D
E
F
G
H
Q
Q
Q
Q
Q
Q
Q
GND
VCC
Q
SER
A
RCLR
RCLK
SRCLK
SRCLR
QH′
SN54AHC594, SN74AHC594
www.ti.com
SCLS423G – JUNE 1998 – REVISED JULY 2014
5 Pin Configuration and Functions
Pin Functions
Pin
SN54AHC594
SN74AHC594
I/O
Description
Name
D, DB, N,
FK
J, W
NS, PW
GND
10
8
8
Ground Pin
1
6
NC
No connect
11
16
QA
19
15
15
O
QA Output
QB
2
1
1
O
QB Output
QC
3
2
2
O
QC Output
QD
4
3
3
O
QD Output
QE
5
4
4
O
QE Output
QF
7
5
5
O
QF Output
QG
8
6
6
O
QG Output
QH
9
7
7
O
QH Output
QH'
12
9
9
O
QH' Output
RCLK
15
12
12
I
RCLK Input
RCLR
17
13
13
I
RCLR Input
SER
18
14
14
I
SER Input
SRCLK
14
11
11
I
SRCLK Input
SRCLR
13
10
10
I
SRCLR Input
VCC
20
16
16
Power pin
Copyright © 1998–2014, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: SN54AHC594 SN74AHC594


Numéro de pièce similaire - SN74AHC594NE4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74AHC594NE4 TI-SN74AHC594NE4 Datasheet
443Kb / 17P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
More results

Description similaire - SN74AHC594NE4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN54LV594A TI-SN54LV594A_10 Datasheet
639Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI-SN54LV594A_08 Datasheet
522Kb / 19P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI1-SN54LV594A_15 Datasheet
1Mb / 28P
[Old version datasheet]   8-Bit Shift Registers With Output Registers
SN54AHCT594 TI-SN54AHCT594_00 Datasheet
130Kb / 8P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54AHCT594 TI-SN54AHCT594_08 Datasheet
701Kb / 19P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54AHCT594 TI-SN54AHCT594 Datasheet
270Kb / 14P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54HC594 TI-SN54HC594 Datasheet
154Kb / 9P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI-SN54LV594A_07 Datasheet
437Kb / 20P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54LV594A TI-SN54LV594A Datasheet
185Kb / 11P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
SN54AHC594 TI-SN54AHC594 Datasheet
443Kb / 17P
[Old version datasheet]   8-BIT SHIFT REGISTERS WITH OUTPUT REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com