Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

IXYQ40N65C3D1 Fiches technique(PDF) 1 Page - IXYS Corporation

No de pièce IXYQ40N65C3D1
Description  Advance Technical Information
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  IXYS [IXYS Corporation]
Site Internet  http://www.ixys.com
Logo IXYS - IXYS Corporation

IXYQ40N65C3D1 Fiches technique(HTML) 1 Page - IXYS Corporation

  IXYQ40N65C3D1 Datasheet HTML 1Page - IXYS Corporation IXYQ40N65C3D1 Datasheet HTML 2Page - IXYS Corporation IXYQ40N65C3D1 Datasheet HTML 3Page - IXYS Corporation IXYQ40N65C3D1 Datasheet HTML 4Page - IXYS Corporation IXYQ40N65C3D1 Datasheet HTML 5Page - IXYS Corporation IXYQ40N65C3D1 Datasheet HTML 6Page - IXYS Corporation IXYQ40N65C3D1 Datasheet HTML 7Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
© 2014 IXYS CORPORATION, All Rights Reserved
IXYH40N65C3D1
IXYQ40N65C3D1
V
CES
= 650V
I
C110
= 40A
V
CE(sat) 



 2.35V
t
fi(typ)
= 20ns
DS100625(8/14)
Extreme Light Punch Through
IGBT for 20-60 kHz Switching
Features
Optimized for 20-60kHz Switching
Square RBSOA
Anti-Parallel Fast Diode
Avalanche Rated
Short Circuit Capability
Advantages
High Power Density
Extremely Rugged
Low Gate Drive Requirement
Applications
Power Inverters
UPS
Motor Drives
SMPS
PFC Circuits
Battery Chargers
Welding Machines
Lamp Ballasts
High Frequency Power Inverters
Symbol
Test Conditions
Characteristic Values
(T
J = 25C, Unless Otherwise Specified)
Min.
Typ.
Max.
BV
CES
I
C
= 250
A, V
GE = 0V
650
V
V
GE(th)
I
C
= 250
A, V
CE = VGE
3.5
6.0
V
I
CES
V
CE = VCES, VGE = 0V
10
A
T
J = 150C
1.5 mA
I
GES
V
CE = 0V, VGE = 20V
100 nA
V
CE(sat)
I
C
= 40A, V
GE = 15V, Note 1
2.0
2.35
V
T
J = 150C
2.4
V
Advance Technical Information
Symbol
Test Conditions
Maximum Ratings
V
CES
T
J
= 25°C to 175°C
650
V
V
CGR
T
J
= 25°C to 175°C, R
GE = 1M
650
V
V
GES
Continuous
±20
V
V
GEM
Transient
±30
V
I
C25
T
C = 25°C
80
A
I
C110
T
C = 110°C
40
A
I
F110
T
C = 110°C
50
A
I
CM
T
C = 25°C, 1ms
180
A
I
A
T
C = 25°C
20
A
E
AS
T
C = 25°C
300
mJ
SSOA
V
GE = 15V, TVJ = 150°C, RG = 10
I
CM = 80
A
(RBSOA)
Clamped Inductive Load
@V
CE VCES
t
sc
V
GE = 15V, VCE = 360V, TJ = 150°C
5
μs
(SCSOA)
R
G = 82, Non Repetitive
P
C
T
C = 25°C
300
W
T
J
-55 ... +175
°C
T
JM
175
°C
T
stg
-55 ... +175
°C
T
L
Maximum Lead Temperature for Soldering
300
°C
T
SOLD
1.6 mm (0.062in.) from Case for 10s
260
°C
M
d
Mounting Torque
1.13/10
Nm/lb.in
Weight
TO-247
6.0
g
TO-3P
5.5
g
XPTTM 650V IGBT
GenX3TM w/ Diode
G = Gate
C
= Collector
E = Emitter
Tab = Collector
TO-3P (IXYQ)
Tab
G
C
E
TO-247 (IXYH)
G
C
E
Tab


Numéro de pièce similaire - IXYQ40N65C3D1

FabricantNo de pièceFiches techniqueDescription
logo
IXYS Corporation
IXYQ40N65C3D1 IXYS-IXYQ40N65C3D1 Datasheet
196Kb / 7P
   Advance Technical Information
More results

Description similaire - IXYQ40N65C3D1

FabricantNo de pièceFiches techniqueDescription
logo
IXYS Corporation
IXFR64N50Q3 IXYS-IXFR64N50Q3 Datasheet
147Kb / 6P
   Advance Technical Information
IXFN90N85X IXYS-IXFN90N85X Datasheet
134Kb / 5P
   Advance Technical Information
IXFT40N85XHV IXYS-IXFT40N85XHV Datasheet
264Kb / 6P
   Advance Technical Information
IXYH120N65C3 IXYS-IXYH120N65C3 Datasheet
231Kb / 6P
   Advance Technical Information
IXYX40N450HV IXYS-IXYX40N450HV Datasheet
190Kb / 4P
   Advance Technical Information
IXYF40N450 IXYS-IXYF40N450 Datasheet
184Kb / 4P
   Advance Technical Information
IXTR102N65X2 IXYS-IXTR102N65X2 Datasheet
151Kb / 5P
   Advance Technical Information
IXFK66N85X IXYS-IXFK66N85X Datasheet
202Kb / 5P
   Advance Technical Information
IXYK120N120B3 IXYS-IXYK120N120B3 Datasheet
164Kb / 2P
   Advance Technical Information
IXGR32N170H1 IXYS-IXGR32N170H1 Datasheet
528Kb / 2P
   Advance Technical Information
IXFX48N60Q3 IXYS-IXFX48N60Q3 Datasheet
132Kb / 5P
   Advance Technical Information
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com