Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74ABT16540ADGGRE4 Fiches technique(PDF) 4 Page - Texas Instruments

No de pièce 74ABT16540ADGGRE4
Description  16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

74ABT16540ADGGRE4 Fiches technique(HTML) 4 Page - Texas Instruments

  74ABT16540ADGGRE4 Datasheet HTML 1Page - Texas Instruments 74ABT16540ADGGRE4 Datasheet HTML 2Page - Texas Instruments 74ABT16540ADGGRE4 Datasheet HTML 3Page - Texas Instruments 74ABT16540ADGGRE4 Datasheet HTML 4Page - Texas Instruments 74ABT16540ADGGRE4 Datasheet HTML 5Page - Texas Instruments 74ABT16540ADGGRE4 Datasheet HTML 6Page - Texas Instruments 74ABT16540ADGGRE4 Datasheet HTML 7Page - Texas Instruments 74ABT16540ADGGRE4 Datasheet HTML 8Page - Texas Instruments 74ABT16540ADGGRE4 Datasheet HTML 9Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
SN54ABT16540, SN74ABT16540A
16-BIT BUFFERS/DRIVERS
WITH 3-STATE OUTPUTS
SCBS208C – FEBRUARY 1991 – REVISED APRIL 1997
4
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
PARAMETER
TEST CONDITIONS
TA = 25°C
SN54ABT16540
SN74ABT16540A
UNIT
PARAMETER
TEST CONDITIONS
MIN
TYP†
MAX
MIN
MAX
MIN
MAX
UNIT
VIK
VCC = 4.5 V,
II = –18 mA
–1.2
–1.2
–1.2
V
VCC = 4.5 V,
IOH = –3 mA
2.5
2.5
2.5
VOH
VCC = 5 V,
IOH = –3 mA
3
3
3
V
VOH
VCC =4 5V
IOH = –24 mA
2
2
V
VCC = 4.5 V
IOH = –32 mA
2*
2
VOL
VCC =4 5V
IOL = 48 mA
0.55
0.55
V
VOL
VCC = 4.5 V
IOL = 64 mA
0.55*
0.55
V
Vhys
100
mV
II
VCC = 5.5 V,
VI = VCC or GND
±1
±1
±1
µA
IOZH
VCC = 5.5 V,
VO = 2.7 V
10
50
10
µA
IOZL
VCC = 5.5 V,
VO = 0.5 V
–10
–50
–10
µA
Ioff
VCC = 0,
VI or VO ≤ 4.5 V
±100
±100
µA
ICEX
VCC = 5.5 V,
VO = 5.5 V
Outputs high
50
50
50
µA
IO‡
VCC = 5.5 V,
VO = 2.5 V
–50
–100
–180
–50
–180
–50
–180
mA
VCC = 5.5 V,
Outputs high
3
2
3
ICC
VCC = 5.5 V,
IO = 0,
Outputs low
34
32
34
mA
VI = VCC or GND
Outputs disabled
3
2
3
§
Data
VCC = 5.5 V,
One input at 3.4 V,
Outputs enabled
1
1
1
∆ICC§
inputs
,
Other inputs at
VCC or GND
Outputs disabled
0.05
0.05
0.05
mA
Control
inputs
VCC = 5.5 V, One input at 3.4 V,
Other inputs at VCC or GND
1.5
1.5
1.5
Ci
VI = 2.5 V or 0.5 V
3.5
pF
Co
VO = 2.5 V or 0.5 V
7.5
pF
* On products compliant to MIL-PRF-38535, this parameter does not apply.
† All typical values are at VCC = 5 V.
‡ Not more than one output should be tested at a time, and the duration of the test should not exceed one second.
§ This is the increase in supply current for each input that is at the specified TTL voltage level rather than VCC or GND.
switching characteristics over recommended ranges of supply voltage and operating free-air
temperature, CL = 50 pF (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
VCC = 5 V,
TA = 25°C
SN54ABT16540
SN74ABT16540A
UNIT
(INPUT)
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
tPLH
A
Y
1
2.3
3.3
1
4.2
1
4.1
ns
tPHL
A
Y
1.1
2.5
4.1
1.1
4.4
1.1
4.3
ns
tPZH
OE
Y
1.1
3.1
4.2
1.1
5.2
1.1
5.1
ns
tPZL
OE
Y
1.6
3.7
4.8
1.6
6
1.6
5.9
ns
tPHZ
OE
Y
1.6
4
5
1.6
5.4
1.6
5.7
ns
tPLZ
OE
Y
1.4
3.2
4.4
1.4
4.7
1.4
4.7
ns
PRODUCT PREVIEW information concerns products in the formative or
design phase of development. Characteristic data and other
specifications are design goals. Texas Instruments reserves the right to
change or discontinue these products without notice.


Numéro de pièce similaire - 74ABT16540ADGGRE4

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74ABT16541 PHILIPS-74ABT16541 Datasheet
79Kb / 10P
   16-bit buffer/line driver 3-State
1998 Feb 25
logo
Fairchild Semiconductor
74ABT16541 FAIRCHILD-74ABT16541 Datasheet
99Kb / 8P
   16-Bit Buffer/Line Driver with 3-STATE Outputs
logo
Texas Instruments
74ABT16541ADGGRE4 TI-74ABT16541ADGGRE4 Datasheet
198Kb / 10P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
74ABT16541ADGGRE4 TI1-74ABT16541ADGGRE4 Datasheet
377Kb / 12P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
JANUARY 1997
74ABT16541ADGGRG4 TI1-74ABT16541ADGGRG4 Datasheet
377Kb / 12P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
JANUARY 1997
More results

Description similaire - 74ABT16540ADGGRE4

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
74ACT16241 TI-74ACT16241 Datasheet
106Kb / 6P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHC16244 TI-SN54AHC16244 Datasheet
219Kb / 12P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHC16540 TI-SN54AHC16540 Datasheet
116Kb / 7P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHC16541 TI-SN54AHC16541 Datasheet
116Kb / 7P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT16541 TI-SN54AHCT16541 Datasheet
97Kb / 6P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54ABTH16244 TI1-SN54ABTH16244_14 Datasheet
537Kb / 14P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
logo
Renesas Technology Corp
HD74ALVCH16244 RENESAS-HD74ALVCH16244_15 Datasheet
151Kb / 11P
   16-bit Buffers / Drivers with 3-state Outputs
logo
Texas Instruments
SN54AHCT16541 TI-SN54AHCT16541_07 Datasheet
332Kb / 12P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT16244 TI-SN54AHCT16244_08 Datasheet
344Kb / 13P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
SN54AHCT16240 TI-SN54AHCT16240_08 Datasheet
374Kb / 13P
[Old version datasheet]   16-BIT BUFFERS/DRIVERS WITH 3-STATE OUTPUTS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com