Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM3509 Fiches technique(PDF) 9 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM3509
Description  High Efficiency Boost for White LEDs
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM3509 Fiches technique(HTML) 9 Page - Texas Instruments

Back Button LM3509 Datasheet HTML 5Page - Texas Instruments LM3509 Datasheet HTML 6Page - Texas Instruments LM3509 Datasheet HTML 7Page - Texas Instruments LM3509 Datasheet HTML 8Page - Texas Instruments LM3509 Datasheet HTML 9Page - Texas Instruments LM3509 Datasheet HTML 10Page - Texas Instruments LM3509 Datasheet HTML 11Page - Texas Instruments LM3509 Datasheet HTML 12Page - Texas Instruments LM3509 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 30 page
background image
LM3509
www.ti.com
SNVS495D – FEBRUARY 2007 – REVISED MAY 2013
Typical Performance Characteristics (continued)
VIN = 3.6V, LEDs are OSRAM (LW M67C), COUT = 1µF (LED Mode), COUT = 2.2µF (OLED Mode), CIN = 1µF, L = TDK
VLF4012AT-100MR79, (RL = 0.3Ω), RSET = 8.06kΩ, UNI = '1', ILED = ISUB + IMAIN, TA = +25°C unless otherwise specified.
Peak Current Limit
OLED Load Regulation
vs.
VOLED = 12V
VIN
Figure 15.
Figure 16.
Over Voltage Limit
Switch On-Resistance
vs.
vs.
VIN
VIN
Figure 17.
Figure 18.
Switching Frequency
Maximum Duty Cycle
vs.
vs.
VIN
VIN
Figure 19.
Figure 20.
Copyright © 2007–2013, Texas Instruments Incorporated
Submit Documentation Feedback
9
Product Folder Links: LM3509


Numéro de pièce similaire - LM3509

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM3509 NSC-LM3509 Datasheet
1Mb / 24P
   OLED Displays with Dual Current Sinks and I2C Compatible Brightness Control
LM3509 NSC-LM3509 Datasheet
1Mb / 24P
   High Efficiency Boost for White LED
LM3509SD NSC-LM3509SD Datasheet
1Mb / 24P
   OLED Displays with Dual Current Sinks and I2C Compatible Brightness Control
LM3509SD NSC-LM3509SD Datasheet
1Mb / 24P
   High Efficiency Boost for White LED
LM3509SDX NSC-LM3509SDX Datasheet
1Mb / 24P
   OLED Displays with Dual Current Sinks and I2C Compatible Brightness Control
More results

Description similaire - LM3509

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM3509 NSC-LM3509_08 Datasheet
1Mb / 24P
   High Efficiency Boost for White LED
logo
Global Mixed-mode Techn...
G5126 GMT-G5126 Datasheet
107Kb / 1P
   High Efficiency, Constant Current, Boost DC/DC White-LEDs Drive
logo
Sipex Corporation
SP6682 SIPEX-SP6682 Datasheet
190Kb / 12P
   High Efficiency Charge Pump Regulator for White LEDs
SP6682 SIPEX-SP6682_06 Datasheet
515Kb / 12P
   High Efficiency Charge Pump Regulator for White LEDs
logo
ON Semiconductor
NCP5010 ONSEMI-NCP5010 Datasheet
177Kb / 18P
   500 mW Boost Converter for White LEDs
December, 2005 ??Rev. P2
NCP5010 ONSEMI-NCP5010_06 Datasheet
173Kb / 18P
   500 mW Boost Converter for White LEDs
August, 2006 ??Rev. 1
logo
Shenzhen Huazhimei Semi...
HM9284 HMSEMI-HM9284 Datasheet
1Mb / 9P
   1.2MHz, High Efficiency Boost White LED Driver
logo
Analog Intergrations Co...
AIC1841 AIC-AIC1841 Datasheet
635Kb / 17P
   High Efficiency 1.5X charge Pump For White LEDs Backlighting
logo
Anpec Electronics Corop...
APW7207 ANPEC-APW7207_12 Datasheet
392Kb / 18P
   1MHz, High-Efficiency, Step-Up Converter for White LEDs
logo
Linear Technology
LTC3202 LINER-LTC3202 Datasheet
252Kb / 12P
   Low Noise, High Efficiency Charge Pump for White LEDs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com