Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM3464 Fiches technique(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM3464
Description  LED Driver with Dynamic Headroom Control and Thermal Control Interfaces
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM3464 Fiches technique(HTML) 7 Page - Texas Instruments

Back Button LM3464 Datasheet HTML 3Page - Texas Instruments LM3464 Datasheet HTML 4Page - Texas Instruments LM3464 Datasheet HTML 5Page - Texas Instruments LM3464 Datasheet HTML 6Page - Texas Instruments LM3464 Datasheet HTML 7Page - Texas Instruments LM3464 Datasheet HTML 8Page - Texas Instruments LM3464 Datasheet HTML 9Page - Texas Instruments LM3464 Datasheet HTML 10Page - Texas Instruments LM3464 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
LM3464, LM3464A
www.ti.com
SNVS652F – APRIL 2010 – REVISED MAY 2013
Typical Performance Characteristics (continued)
All curves taken at VIN = 48V with configuration in typical application for driving twelve power LEDs with four output channels
active and output current per channel = 350 mA. TA = 25°C, unless otherwise specified.
Startup Waveforms
PWM Dimming (DIM pin)
Figure 8.
Figure 9.
PWM Dimming Delay Time
PWM Dimming Delay Time
(VDIM) rising)
(VDIM) falling)
Figure 10.
Figure 11.
Thermal Foldback Dimming
Thermal Foldback Dimming
(VTHERMAL) rising)
(VTHERMAL) falling)
Figure 12.
Figure 13.
Copyright © 2010–2013, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Links: LM3464 LM3464A


Numéro de pièce similaire - LM3464

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM3464 NSC-LM3464 Datasheet
3Mb / 14P
   4 Channel LED Driver Evaluation Board
LM3464 NSC-LM3464 Datasheet
523Kb / 22P
   LED Driver with Dynamic Headroom Control and Thermal Control Interfaces
LM3464 NSC-LM3464 Datasheet
2Mb / 12P
   DHC 25W Reference Designs Dynamic Headroom Control (DHC)
logo
Texas Instruments
LM3464 TI1-LM3464 Datasheet
1Mb / 30P
[Old version datasheet]   LED Driver with Dynamic Headroom Control and Thermal Control Interfaces
logo
National Semiconductor ...
LM3464A NSC-LM3464A Datasheet
523Kb / 22P
   LED Driver with Dynamic Headroom Control and Thermal Control Interfaces
More results

Description similaire - LM3464

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM3464 NSC-LM3464_10 Datasheet
523Kb / 22P
   LED Driver with Dynamic Headroom Control and Thermal Control Interfaces
logo
Texas Instruments
LM3464 TI1-LM3464_14 Datasheet
1Mb / 30P
[Old version datasheet]   LED Driver with Dynamic Headroom Control and Thermal Control Interfaces
LM3463 TI1-LM3463 Datasheet
1Mb / 33P
[Old version datasheet]   Dynamic Headroom Controller with Thermal Control Interface and Individual Channel Dimming Control
LM3463 TI1-LM3463_12 Datasheet
1Mb / 40P
[Old version datasheet]   LM3463 Dynamic Headroom Controller with Thermal Control Interface and Individual Channel Dimming Control
logo
National Semiconductor ...
LM3464 NSC-LM3464_1 Datasheet
2Mb / 12P
   DHC 25W Reference Designs Dynamic Headroom Control (DHC)
LM3535 NSC-LM3535 Datasheet
734Kb / 26P
   Multi-Display LED Driver with Ambient Light Sensing and Dynamic Backlight Control Compatibility
logo
List of Unclassifed Man...
CS1694 ETC1-CS1694 Datasheet
234Kb / 10P
   Dynamic LED control/drive circuit
logo
Intersil Corporation
ISL97686 INTERSIL-ISL97686 Datasheet
1Mb / 23P
   4-Channel LED Driver with Independent Channel Control for Dynamic Dimming
April 23, 2012
logo
Renesas Technology Corp
ISL97686 RENESAS-ISL97686 Datasheet
1Mb / 22P
   4-Channel LED Driver with Independent Channel Control for Dynamic Dimming
logo
Intersil Corporation
ISL97686IRTZ INTERSIL-ISL97686IRTZ Datasheet
1Mb / 23P
   4-Channel LED Driver with Independent Channel Control for Dynamic Dimming
April 23, 2012
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com