Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

LM1086CS-ADJ Fiches technique(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
No de pièce LM1086CS-ADJ
Description  1.5-A Low Dropout Positive Regulators
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

LM1086CS-ADJ Fiches technique(HTML) 6 Page - Texas Instruments

Back Button LM1086CS-ADJ Datasheet HTML 2Page - Texas Instruments LM1086CS-ADJ Datasheet HTML 3Page - Texas Instruments LM1086CS-ADJ Datasheet HTML 4Page - Texas Instruments LM1086CS-ADJ Datasheet HTML 5Page - Texas Instruments LM1086CS-ADJ Datasheet HTML 6Page - Texas Instruments LM1086CS-ADJ Datasheet HTML 7Page - Texas Instruments LM1086CS-ADJ Datasheet HTML 8Page - Texas Instruments LM1086CS-ADJ Datasheet HTML 9Page - Texas Instruments LM1086CS-ADJ Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 30 page
background image
LM1086
SNVS039J – JUNE 2000 – REVISED APRIL 2015
www.ti.com
Electrical Characteristics (continued)
Typicals and limits appearing in normal type apply for TJ = 25°C unless specified otherwise.
TJ over the entire range for
operation (see
TJ = 25°C
Recommended Operating
PARAMETER
TEST CONDITIONS
UNIT
Conditions)
MIN
TYP
MAX
MIN(1)
TYP(2)
MAX (1)
LM1086-ADJ, (VIN-V OUT ) = 3
0.1%
0.3%
0.2%
0.4%
V, 10 mA
≤ IOUT ≤ IFULL LOAD
LM1086-1.8, 2.5, VIN = 5 V, 0
3
12
6
20
mV
≤ IOUT ≤ IFULL LOAD
Load
ΔVOUT
Regulation(4)
LM1086-3.3, VIN = 5 V, 0 ≤
3
15
7
25
mV
IOUT ≤ IFULL LOAD
LM1086-5.0, VIN = 8 V, 0 ≤
5
20
10
35
mV
IOUT ≤ IFULL LOAD
LM1086-ADJ, 1.8, 2.5, 3.3, 5,
Dropout
ΔVREF, ΔVOUT = 1%, IOUT =
1.3
1.5
V
Voltage(5)
1.5A
LM1086-ADJ, VIN − VOUT = 5
1.50
2.7
A
V, VIN − VOUT = 25 V
0.05
0.15
ILIMIT
Current Limit
LM1086-1.8,2.5, 3.3, VIN = 8
1.5
2.7
A
V
LM1086-5.0, VIN = 10 V
1.5
2.7
A
Minimum Load
LM1086-ADJ, VIN −VOUT = 25
5.0
10.0
mA
Current(6)
V
LM1086-1.8, 2.5, VIN ≤ 18 V
5.0
10.0
mA
Quiescent
LM1086-3.3, VIN ≤ 18 V
5.0
10.0
mA
Current
LM1086-5.0, VIN ≤ 20 V
5.0
10.0
mA
Thermal
TA = 25°C, 30ms Pulse
0.008
0.04
%/W
Regulation
fRIPPLE = 120 Hz, COUT = 25
µF Tantalum, IOUT = 1.5 A
dB
LM1086-ADJ, CADJ = 25 µF,
(VIN− VO) = 3 V
60
75
Ripple Rejection
LM1086-1.8, 2.5, VIN = 6 V
60
72
dB
LM1086-3.3, VIN= 6.3 V
60
72
dB
LM1086-5.0 VIN = 8 V
60
68
dB
Adjust Pin
LM1086
55
120
µA
Current
Adjust Pin
10 mA
≤ IOUT ≤ IFULL LOAD, 1.5
0.2
5
µA
Current Change
V
≤ (VIN−VOUT) ≤ 15 V
Temperature
0.5%
Stability
Long Term
TA = 125°C, 1000 Hrs
0.3%
1.0%
Stability
RMS Noise
10 Hz
≤ f≤ 10 kHz
0.003%
(% of VOUT)
(5)
Dropout voltage is specified over the full output current range of the device.
(6)
The minimum output current required to maintain regulation.
6
Submit Documentation Feedback
Copyright © 2000–2015, Texas Instruments Incorporated
Product Folder Links: LM1086


Numéro de pièce similaire - LM1086CS-ADJ

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
LM1086CS-ADJ NSC-LM1086CS-ADJ Datasheet
822Kb / 15P
   1.5A Low Dropout Positive Regulators
logo
Texas Instruments
LM1086CS-ADJ TI1-LM1086CS-ADJ Datasheet
2Mb / 24P
[Old version datasheet]   LM1086 1.5A Low Dropout Positive Regulators
LM1086CS-ADJ TI1-LM1086CS-ADJ Datasheet
2Mb / 24P
[Old version datasheet]   LM1086IT-5.0-NOPB
LM1086CS-ADJ TI1-LM1086CS-ADJ Datasheet
2Mb / 24P
[Old version datasheet]   LM1086 1.5A Low Dropout Positive Regulators
LM1086CS-ADJ/NOPB TI1-LM1086CS-ADJ/NOPB Datasheet
2Mb / 24P
[Old version datasheet]   LM1086 1.5A Low Dropout Positive Regulators
More results

Description similaire - LM1086CS-ADJ

FabricantNo de pièceFiches techniqueDescription
logo
Microsemi Corporation
LX8386-XX MICROSEMI-LX8386-XX Datasheet
223Kb / 7P
   1.5 A LOW DROPOUT POSITIVE REGULATORS
logo
Texas Instruments
LM1086 TI-LM1086_15 Datasheet
2Mb / 30P
[Old version datasheet]   LM1086 1.5-A Low Dropout Positive Regulators
logo
List of Unclassifed Man...
PJ1086 ETC-PJ1086 Datasheet
290Kb / 6P
   1.5 Amp Low Dropout Positive Voltage Regulators
logo
Microsemi Corporation
LX8415-XX MICROSEMI-LX8415-XX Datasheet
191Kb / 7P
   0.5 A LOW DROPOUT POSITIVE REGULATORS
LX8584-XX MICROSEMI-LX8584-XX Datasheet
206Kb / 7P
   7 A LOW DROPOUT POSITIVE REGULATORS
LX8383-XX MICROSEMI-LX8383-XX Datasheet
200Kb / 7P
   7.5 A LOW DROPOUT POSITIVE REGULATORS
LX8385-XX MICROSEMI-LX8385-XX Datasheet
233Kb / 8P
   3 A LOW DROPOUT POSITIVE REGULATORS
logo
Texas Instruments
LM1085 TI1-LM1085_16 Datasheet
2Mb / 29P
[Old version datasheet]   3-A Low Dropout Positive Regulators
logo
Linear Dimensions Semic...
LND1085 LINEAR_DIMENSIONS-LND1085 Datasheet
155Kb / 5P
   1.5 A / 3 A Low Dropout Voltage Regulators
logo
Texas Instruments
LM1086-MIL TI1-LM1086-MIL Datasheet
856Kb / 23P
[Old version datasheet]   1.5-A Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com